データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI-3011ZF データシート(PDF) 6 Page - Sanken electric

部品番号 SI-3011ZF
部品情報  High-Current, Low-Dropout, 1.1 to 5 V Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANKEN [Sanken electric]
ホームページ  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-3011ZF データシート(HTML) 6 Page - Sanken electric

  SI-3011ZF Datasheet HTML 1Page - Sanken electric SI-3011ZF Datasheet HTML 2Page - Sanken electric SI-3011ZF Datasheet HTML 3Page - Sanken electric SI-3011ZF Datasheet HTML 4Page - Sanken electric SI-3011ZF Datasheet HTML 5Page - Sanken electric SI-3011ZF Datasheet HTML 6Page - Sanken electric SI-3011ZF Datasheet HTML 7Page - Sanken electric SI-3011ZF Datasheet HTML 8Page - Sanken electric SI-3011ZF Datasheet HTML 9Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
SANKEN ELECTRIC CO., LTD.
SI-3011ZF
High-Current, Low-Dropout, 1.1 to 5 V Regulator
SI-3011ZF
Input Capacitor
(CI, approximately 10 μF). This is necessary
either when the input line includes inductance or when the wiring
is long.
Output Capacitor
(CO , > 47 μF). This device is not designed
for a use with a very low ESR output capacitor such as a ceramic
capacitor. Output oscillation may occur with that kind of capaci-
tor.
Output Voltage Adjustable Resistors
(R1 and R2). The
output voltage is adjusted by R1 and R2. 10 kΩ or
11 kΩ for R2 is recommended.
R1 = (VO – Vref ) / (Vref / R2)
For an output voltage of 1.8 V or less, add a 10 kΩ resistor
between ADJ and the junction of R1 and R2.
Determination of DC Input Voltage
. The minimum input
voltage VI(min) should be higher than the sum of the fixed out-
put voltage and the maximum rated dropout voltage. If setting
the output voltage lower than 2.0 V, the minimum input voltage
should be more than 2.4 V.
Overcurrent Protection
. The SI-3000ZD series has a built-in
fold-back type overcurrent protection circuit, which limits the
output current at a start-up mode. It thus cannot be used in appli-
cations that require current at the start-up mode such as:
(1) constant-current load,
(2) power supply with positive and negative outputs to common
load (a center-tap type power supply), or
(3) raising the output voltage by putting a diode or a resistor
between the device ground and system ground.
Thermal Protection
. Circuitry turns off the pass transistor
when the junction temperature rises above 135°C. It is intended
only to protect the device from failures due to excessive junction
temperatures and should not imply that output short circuits or
continuous overloads are permitted.
Heat Radiation and Reliability
. The reliability of the IC
is directly related to the junction temperature (TJ) in its opera-
tion. Accordingly, careful consideration should be given to heat
dissipation. The graph on page 2 illustrates the effect of thermal
resistance on the allowable package power dissipation.
The junction temperature (TJ ) can be determined from either of
the following equations:
TJ = ( PD × RθJA) + TA
or
TJ = ( PD × RθJC) + TC
where
PD = IO × (VI – VO) and
RθJC = 5 °C/W.
Parallel Operation
. Parallel operation to increase load current
is not permitted.


同様の部品番号 - SI-3011ZF

メーカー部品番号データシート部品情報
logo
Allegro MicroSystems
SI-3011ZF ALLEGRO-SI-3011ZF Datasheet
208Kb / 8P
   HIgh-Current, Low-Dropout, 1.1~5V Regulator
SI-3011ZF ALLEGRO-SI-3011ZF Datasheet
209Kb / 8P
   High-Current, Low-Dropout, 1.1~5 V Regulato
SI-3011ZFE ALLEGRO-SI-3011ZFE Datasheet
443Kb / 2P
   5-Terminal, Low Dropout Voltage Linear Regulator ICs
logo
Sanken electric
SI-3011ZFE SANKEN-SI-3011ZFE Datasheet
443Kb / 2P
   5-Terminal Low Dropout Voltage Linear Regulator ICs
More results

同様の説明 - SI-3011ZF

メーカー部品番号データシート部品情報
logo
Allegro MicroSystems
SI-3011ZF ALLEGRO-SI-3011ZF Datasheet
209Kb / 8P
   High-Current, Low-Dropout, 1.1~5 V Regulato
SI-3011ZF ALLEGRO-SI-3011ZF Datasheet
208Kb / 8P
   HIgh-Current, Low-Dropout, 1.1~5V Regulator
8181 ALLEGRO-8181 Datasheet
103Kb / 8P
   LOW-DROPOUT, 5 V REGULATOR . HIGH EFFICIENCY
SI-3033ZD ALLEGRO-SI-3033ZD Datasheet
429Kb / 9P
   High-Current, Low-Dropout, 3.3 V Regulator
SI-3025ZD ALLEGRO-SI-3025ZD Datasheet
404Kb / 9P
   High-Current, Low-Dropout, 2.5 V Regulator
SI-3033ZF ALLEGRO-SI-3033ZF Datasheet
239Kb / 8P
   High-Current, Low-Dropout, 3.3 V Regulator
SI-3025ZF ALLEGRO-SI-3025ZF Datasheet
213Kb / 8P
   High-Current, Low-Dropout, 2.5 V Regulator
logo
ON Semiconductor
NCV47700 ONSEMI-NCV47700_17 Datasheet
129Kb / 12P
   5 V to 20 V Adjustable Low Dropout Regulator
July, 2017 ??Rev. 3
NCV47701 ONSEMI-NCV47701_17 Datasheet
129Kb / 12P
   5 V to 20 V Adjustable Low Dropout Regulator
July, 2017 ??Rev. 3
NCV47700 ONSEMI-NCV47700 Datasheet
174Kb / 12P
   5 V to 20 V Adjustable Low Dropout Regulator with Adjustable Current Limit
November, 2012 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com