データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMBG28A データシート(PDF) 3 Page - Digitron Semiconductors

部品番号 SMBG28A
部品情報  SURFACE MOUNT 600W TVS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIGITRON [Digitron Semiconductors]
ホームページ  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

SMBG28A データシート(HTML) 3 Page - Digitron Semiconductors

  SMBG28A Datasheet HTML 1Page - Digitron Semiconductors SMBG28A Datasheet HTML 2Page - Digitron Semiconductors SMBG28A Datasheet HTML 3Page - Digitron Semiconductors SMBG28A Datasheet HTML 4Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
SMBJ5.0 – SMBJ170CA
SURFACE MOUNT 600W TVS
SMBG5.0 – SMBG170CA
ELECTRICAL CHARACTERISTICS
Rated
stand-off
voltage
Breakdown voltage
Peak pulse
current
Maximum
standby
current @ VWM
VWM
V(BR)
@I(BR)
Maximum
clamping
voltage @ Ipp
IPP
ID
Volts
Part number
Part number
Volts
Min
Max
mA
Volts
Amps
µA
SMBG58
SMBJ58
58
64.4
78.7
1
103.0
5.8
5
SMBG58A
SMBJ58A
58
64.4
71.2
1
93.6
6.4
5
SMBG60
SMBJ60
60
66.7
81.5
1
107.0
5.6
5
SMBG60A
SMBJ60A
60
66.7
73.7
1
96.8
6.2
5
SMBG64
SMBJ64
64
71.1
86.9
1
114.0
5.3
5
SMBG64A
SMBJ64A
64
71.1
78.6
1
103.0
5.8
5
SMBG70
SMBJ70
70
77.8
95.1
1
125
4.8
5
SMBG70A
SMBJ70A
70
77.8
86.0
1
113
5.3
5
SMBG75
SMBJ75
75
83.3
102.0
1
134
4.5
5
SMBG75A
SMBJ75A
75
83.3
92.1
1
121
4.9
5
SMBG78
SMBJ78
78
86.7
106.0
1
139
4.3
5
SMBG78A
SMBJ78A
78
86.7
95.8
1
126
4.7
5
SMBG85
SMBJ85
85
94.4
115.0
1
151
3.9
5
SMBJ85A
SMBJ85A
85
94.4
104.0
1
137
4.4
5
SMBG90
SMBJ90
90
100
122
1
160
3.8
5
SMBG90A
SMBJ90A
90
100
111
1
146
4.1
5
SMBG100
SMBJ100
100
111
136
1
179
3.4
5
SMBG100A
SMBJ100A
100
111
123
1
162
3.7
5
SMBG110
SMBJ110
110
122
149
1
196
3.0
5
SMBG110A
SMBJ110A
110
122
135
1
177
3.4
5
SMBG120
SMBJ120
120
133
163
1
214
2.8
5
SMBG120A
SMBJ120A
120
133
147
1
193
3.1
5
SMBG130
SMBJ130
130
144
176
1
231
2.6
5
SMBG130A
SMBJ130A
130
144
159
1
209
2.9
5
SMBG150
SMBJ150
150
167
204
1
268
2.2
5
SMBG150A
SMBJ150A
150
167
185
1
243
2.5
5
SMBG160
SMBJ160
160
178
218
1
287
2.1
5
SMBG160A
SMBJ160A
160
178
197
1
259
2.3
5
SMBG170
SMBJ170
170
189
231
1
304
2.0
5
SMBJ170A
SMBJ170A
170
189
209
1
275
2.2
5
For bidirectional device types indicate a C or CA suffix after the part number.
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20120706


同様の部品番号 - SMBG28A

メーカー部品番号データシート部品情報
logo
General Semiconductor
SMBG28A GE-SMBG28A Datasheet
77Kb / 4P
   SURFACE MOUNT TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
SMBG28A MICROSEMI-SMBG28A Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
logo
GUANGDONG HOTTECH INDUS...
SMBG28A HOTTECH-SMBG28A Datasheet
479Kb / 4P
   Transient Voltage Suppressors
logo
Microsemi Corporation
SMBG28A MICROSEMI-SMBG28A Datasheet
139Kb / 3P
   UNI- AMD BI-DIRECTIONAL SURFACE MOUNT
SMBG28A MICROSEMI-SMBG28A Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
More results

同様の説明 - SMBG28A

メーカー部品番号データシート部品情報
logo
SeCoS Halbleitertechnol...
SMBJ SECOS-SMBJ Datasheet
422Kb / 4P
   600W Peak Power Surface Mount TVS
SMBJ SECOS-SMBJ_15 Datasheet
79Kb / 4P
   600W Peak Power Surface Mount TVS
SMA6J SECOS-SMA6J Datasheet
315Kb / 4P
   5V ~ 85V, 600W Peak Power Surface Mount TVS
logo
UN Semiconducctor INC
SMBJ UNSEMI-SMBJ Datasheet
4Mb / 8P
   3.3 To 440V 600W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
6.0SMAJ UNSEMI-6.0SMAJ Datasheet
3Mb / 6P
   5.0 To 200V 600W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
P6SMB UNSEMI-P6SMB Datasheet
3Mb / 7P
   6.8 To 600V 600W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Shindengen Electric Mfg...
ST06-39CE SHINDENGEN-ST06-39CE Datasheet
1Mb / 6P
   TVS 11A, 600W
ST06-27CE SHINDENGEN-ST06-27CE Datasheet
1Mb / 6P
   TVS 17.3A, 600W
ST06-30CE SHINDENGEN-ST06-30CE Datasheet
1Mb / 6P
   TVS 15A, 600W
ST06-33CE SHINDENGEN-ST06-33CE Datasheet
1Mb / 6P
   TVS 14A, 600W
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com