データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74HC4053D-Q100 データシート(PDF) 10 Page - NXP Semiconductors

部品番号 74HC4053D-Q100
部品情報  Triple 2-channel analog multiplexer/demultiplexer
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC4053D-Q100 データシート(HTML) 10 Page - NXP Semiconductors

Back Button 74HC4053D-Q100 Datasheet HTML 6Page - NXP Semiconductors 74HC4053D-Q100 Datasheet HTML 7Page - NXP Semiconductors 74HC4053D-Q100 Datasheet HTML 8Page - NXP Semiconductors 74HC4053D-Q100 Datasheet HTML 9Page - NXP Semiconductors 74HC4053D-Q100 Datasheet HTML 10Page - NXP Semiconductors 74HC4053D-Q100 Datasheet HTML 11Page - NXP Semiconductors 74HC4053D-Q100 Datasheet HTML 12Page - NXP Semiconductors 74HC4053D-Q100 Datasheet HTML 13Page - NXP Semiconductors 74HC4053D-Q100 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
74HC_HCT4053_Q100
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 22 November 2012
10 of 30
NXP Semiconductors
74HC4053-Q100; 74HCT4053-Q100
Triple 2-channel analog multiplexer/demultiplexer
ICC
supply current
VEE = 0 V; VI =VCC or GND; Vis =VEE or VCC;
Vos =VCC or VEE
VCC = 6.0 V
-
-
8.0
A
VCC = 10.0 V
-
-
16.0
A
CI
input capacitance
-
3.5
-
pF
Csw
switch capacitance
independent pins nYn
-
5
-
pF
common pins nZ
-
8
-
pF
Tamb = 40 Cto+85 C
VIH
HIGH-level input
voltage
VCC = 2.0 V
1.5
-
-
V
VCC = 4.5 V
3.15
-
-
V
VCC = 6.0 V
4.2
-
-
V
VCC = 9.0 V
6.3
-
-
V
VIL
LOW-level input
voltage
VCC = 2.0 V
-
-
0.5
V
VCC = 4.5 V
-
-
1.35
V
VCC = 6.0 V
-
-
1.8
V
VCC = 9.0 V
-
-
2.7
V
II
input leakage current
VEE = 0 V; VI =VCC or GND
VCC = 6.0 V
-
-
1.0
A
VCC = 10.0 V
-
-
2.0
A
IS(OFF)
OFF-state leakage
current
VCC = 10.0 V; VEE = 0 V; VI =VIH or VIL;
V
SW =VCC  VEE; see Figure 11
per channel
-
-
1.0
A
all channels
-
-
1.0
A
IS(ON)
ON-state leakage
current
VI =VIH or VIL; VSW =VCC  VEE;
VCC = 10.0 V; VEE = 0 V; see Figure 12
--
1.0
A
ICC
supply current
VEE = 0 V; VI =VCC or GND; Vis =VEE or VCC;
Vos =VCC or VEE
VCC = 6.0 V
-
-
80.0
A
VCC = 10.0 V
-
-
160.0
A
Tamb = 40 C to +125 C
VIH
HIGH-level input
voltage
VCC = 2.0 V
1.5
-
-
V
VCC = 4.5 V
3.15
-
-
V
VCC = 6.0 V
4.2
-
-
V
VCC = 9.0 V
6.3
-
-
V
VIL
LOW-level input
voltage
VCC = 2.0 V
-
-
0.5
V
VCC = 4.5 V
-
-
1.35
V
VCC = 6.0 V
-
-
1.8
V
VCC = 9.0 V
-
-
2.7
V
Table 7.
Static characteristics for 74HC4053-Q100 …continued
Voltages are referenced to GND (ground = 0 V).
Vis is the input voltage at pins nYn or nZ, whichever is assigned as an input.
Vos is the output voltage at pins nZ or nYn, whichever is assigned as an output.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit


同様の部品番号 - 74HC4053D-Q100

メーカー部品番号データシート部品情報
logo
Nexperia B.V. All right...
74HC4053D-Q100 NEXPERIA-74HC4053D-Q100 Datasheet
366Kb / 25P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 3 - 5 March 2020
More results

同様の説明 - 74HC4053D-Q100

メーカー部品番号データシート部品情報
logo
STMicroelectronics
M74HC4053 STMICROELECTRONICS-M74HC4053 Datasheet
313Kb / 15P
   TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74LVX4053 UTC-U74LVX4053 Datasheet
239Kb / 11P
   Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Texas Instruments
SN74LV4053A-Q1 TI1-SN74LV4053A-Q1 Datasheet
807Kb / 17P
[Old version datasheet]   TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Nexperia B.V. All right...
74HC4053-Q100 NEXPERIA-74HC4053-Q100 Datasheet
366Kb / 25P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 3 - 5 March 2020
logo
NXP Semiconductors
74HC4053 PHILIPS-74HC4053_90 Datasheet
141Kb / 17P
   Triple 2-channel analog multiplexer/demultiplexer
December 1990
74HC4053 NXP-74HC4053 Datasheet
224Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 7-13 December 2011
74HCT4053PW118 NXP-74HCT4053PW118 Datasheet
226Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 8-19 July 2012
logo
Renesas Technology Corp
HD74LV4053A RENESAS-HD74LV4053A_15 Datasheet
149Kb / 15P
   Triple 2-channel Analog Multiplexer / Demultiplexer
logo
NXP Semiconductors
74HC4053 PHILIPS-74HC4053 Datasheet
176Kb / 33P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 04-9 May 2006
74LV4053 PHILIPS-74LV4053 Datasheet
154Kb / 16P
   Triple 2-channel analog multiplexer/demultiplexer
1998 Jun 23
logo
Hitachi Semiconductor
HD74LV4053A HITACHI-HD74LV4053A Datasheet
76Kb / 17P
   Triple 2-channel Analog Multiplexer / Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com