データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SLA5065 データシート(PDF) 1 Page - Sanken electric

部品番号 SLA5065
部品情報  N-channel 5-phase motor drive
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANKEN [Sanken electric]
ホームページ  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SLA5065 データシート(HTML) 1 Page - Sanken electric

  SLA5065 Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
90
Characteristic curves
ID-VDS Characteristics (Typical)
ID-VGS Characteristics (Typical)
RDS(ON)-ID Characteristics (Typical)
Re(yfs)-ID Characteristics (Typical)
RDS(ON)-TC Characteristics (Typical)
Capacitance-VDS Characteristics (Typical)
IDR-VSD Characteristics (Typical)
Safe Operating Area (SOA)
PT-Ta Characteristics
SLA5065
(Ta=25
°C)
Symbol
Unit
Conditions
V(BR)DSS
60
V
ID=100
µA, VGS=0V
IGSS
±100
nA
VGS=
±20V
IDSS
100
µAVDS=60V, VGS=0V
VTH
1.0
2.0
V
VDS=10V, ID=250
µA
Re(yfs)
6S
VDS=10V, ID=3.5A
RDS(ON)
0.1
VGS=10V, ID=3.5A
Ciss
660
pF
VDS=10V,
Coss
310
pF
f=1.0MHz,
Crss
75
pF
VGS=0V
td(on)
30
ns
ID=3.5A,
tr
90
ns
VDD 20V,
td(off)
140
ns
RL=5.7
Ω, VGS=5V,
tf
65
ns
see Fig. 3 on page 16.
VSD
1.1
V
ISD=7A, VGS=0V
trr
80
ns
ISD=3.5A, di/dt=100A/
µA
Specification
min
typ
max
(Ta=25
°C)
Symbol
Ratings
Unit
VDSS
60
V
VGSS
±20
V
ID
7A
ID(pulse)
15 (PW
≤100
µs, Du≤1%)A
EAS*60
mJ
IAS
7A
4.8 (Ta=25
°C, with all circuits operating, without heatsink)
W
35 (Tc=25
°C, with all circuits operating, with infinite heatsink)
θ j-a
26 (Junction-Air, Ta=25
°C, with all circuits operating)
°C/W
θ j-c
3.57 (Junction-Case, Tc=25
°C, with all circuits operating)
°C/W
VISO
1000 (Between fin and lead pin, AC)
Vrms
Tch
150
°C
Tstg
–40 to +150
°C
* : VDD=20V, L=20mH, ID=2A, unclamped, RG=50
Ω, see Fig. E on page 15.
PT
N-channel
5-phase motor drive
External dimensions
A • • • SLA (15-pin)
■Equivalent circuit diagram
Absolute maximum ratings
Electrical characteristics
3
1
5
4
2
7
10
11
6
02
4
6
8
10
VDS (V)
0
3
10
15
VGS=2.5V
2.7V
3.0V
3.3V
3.5V
3.8V
4.0V
(Ta=25
°C)
01
2
0
8
6
4
2
10
12
14
15
3
VGS (V)
45
25
°C
–40
°C
TC=125
°C
(VDS=10V)
0
0
15
0.05
0.10
0.15
ID (A)
510
10V
VGS=4V
(Ta=25
°C)
0
0
0.5
1.0
1.5
15
VSD (V)
5
10
(Ta=25
°C)
–40
0
50
100
150
TC (
°C)
0
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.20
(ID=3.5A)
VGS
=4V
10V
0.05
0.1
0.1
1
1
ID (A)
20
10
20
10
(VDS=10V)
TC= –40
°C
25
°C
125
°C
010
20
3040
50
10
100
5000
1000
VDS (V)
VGS=0V
f=1MHz
(Ta=25
°C)
Ciss
Coss
Crss
0.1
1
10
100
VDS (V)
0.1
1
10
20
100
µs
TC=25
°C
SINGLE PULSE
050
100
150
Ta (
°C)
40
10
20
30
0
All Circuits Operating
Without Heatsink
Pins 8, 9, 12,13, 14, 15 : NC


同様の部品番号 - SLA5065

メーカー部品番号データシート部品情報
logo
Sanken electric
SLA5065 SANKEN-SLA5065 Datasheet
439Kb / 1P
   N-channel 5-phase motor drive
More results

同様の説明 - SLA5065

メーカー部品番号データシート部品情報
logo
Sanken electric
SLA5068 SANKEN-SLA5068 Datasheet
36Kb / 1P
   N-channel 5-phase motor drive
SLA5073 SANKEN-SLA5073 Datasheet
35Kb / 1P
   N-channel 5-phase motor drive
SLA5068 SANKEN-SLA5068 Datasheet
35Kb / 1P
   N-channel 5-phase motor drive
SLA5073 SANKEN-SLA5073 Datasheet
34Kb / 1P
   N-channel 5-phase motor drive
SLA5074 SANKEN-SLA5074 Datasheet
33Kb / 1P
   N-channel 5-phase motor drive
SLA5074 SANKEN-SLA5074 Datasheet
34Kb / 1P
   N-channel 5-phase motor drive
SLA5065 SANKEN-SLA5065 Datasheet
439Kb / 1P
   N-channel 5-phase motor drive
logo
List of Unclassifed Man...
SLA5080 ETC1-SLA5080 Datasheet
46Kb / 1P
   N-channel 3-phase motor drive
logo
Sanken electric
SMA5127 SANKEN-SMA5127 Datasheet
30Kb / 2P
   N-channel P-channel 3-phase motor drive
SMA5127 SANKEN-SMA5127_01 Datasheet
45Kb / 2P
   N-channel P-channel 3-phase motor drive
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com