データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

543425-1 データシート(PDF) 8 Page - Tyco Electronics

部品番号 543425-1
部品情報  HDP-20 Crimp Snap-In Contact Connectors
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MACOM [Tyco Electronics]
ホームページ  http://www.macom.com
Logo MACOM - Tyco Electronics

543425-1 データシート(HTML) 8 Page - Tyco Electronics

Back Button 543425-1 Datasheet HTML 4Page - Tyco Electronics 543425-1 Datasheet HTML 5Page - Tyco Electronics 543425-1 Datasheet HTML 6Page - Tyco Electronics 543425-1 Datasheet HTML 7Page - Tyco Electronics 543425-1 Datasheet HTML 8Page - Tyco Electronics 543425-1 Datasheet HTML 9Page - Tyco Electronics 543425-1 Datasheet HTML 10Page - Tyco Electronics 543425-1 Datasheet HTML 11Page - Tyco Electronics 543425-1 Datasheet HTML 12Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 66 page
background image
97
Catalog 82068
Dimensions are shown for
Dimensions are in inches and
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
millimeters unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
AMPLIMITE Subminiature D Connectors
Note: All part numbers are RoHS compliant.
HDP-20 Shielding Hardware Enclosure Kits (Continued)
Recommended
Shielding
Cable
Max.
Enclosure
Shell
No. of
Dimensions
Inner
Insert
Kit Numbers
Expansion
Size
Contact
Outer
Cable
Material
Tool
Positions
DE
F
Diameter
Bundle
Plug
Receptacle
Cable
Part
Range
Dia.†
O.D. (Max.)
Number
1.660
1.355
.630
.190-.330
.330
94V-0
1658655-1
1658654-1
19
42.16
34.42
16.00
4.83-8.38
8.38
.330
1.660
1.685
.630
.190-.330
.330
94V-0
1658657-1
1658656-1
8.38
58241-4
2
15
42.16
42.80
16.00
4.83-8.38
8.38
1.660
2.210
.630
.217-.435
.350
94V-0
1658659-1
1658658-1
.450
3
25
42.16
56.13
16.00
5.51-11.05
8.89
11.43
58241-1
2.010
2.865
.730
.338-.562
.450
94V-0
5747958-1
1658660-1
4
37
51.05
72.77
18.54
8.59-14.28
11.43
.572
2.010
2.775
.730
.338-.562
.450
94V-0
1658661-1
5747959-1
14.52
58241-2
5
50
51.05
70.49
18.54
8.59-14.28
11.43
Notes: 1. Plugs accept size 20 DF pin contacts and receptacles accept size 20 DF socket contacts.
2. Components of the kits are shipped unassembled and bulk-packaged in quantities of 100 pieces.
†Maximum cable diameter after jacket and braid removed.
Receptacle
.812
[20.62]
Typ.
.125
[3.18]
Typ.
1.467
[37.26]
Typ.
Expanding Neck
F Max
E Max.
Rcpt. Connector
HDP-20
Shield
Qty. 2
Jackscrew
Qty. 2
Cable
Ref.
Ferrule (Must
Be Purchased
Separately, As
Required By
Cable Diameter
Enclosure
D Max.


同様の部品番号 - 543425-1

メーカー部品番号データシート部品情報
logo
Tyco Electronics
543425-1 MACOM-543425-1 Datasheet
25Kb / 1P
   AMPLIMITE Subminiature D Type Connectors
More results

同様の説明 - 543425-1

メーカー部品番号データシート部品情報
logo
TE Connectivity Ltd
5207953-3 TEC-5207953-3 Datasheet
2Mb / 66P
   HDP-20 Crimp Snap-In Contact Connectors
logo
Tyco Electronics
205203-8 MACOM-205203-8 Datasheet
2Mb / 66P
   HDP-20 Crimp Snap-In Contact Connectors
3-747579-4 MACOM-3-747579-4 Datasheet
2Mb / 66P
   HDP-20 Crimp Snap-In Contact Connectors
logo
List of Unclassifed Man...
1-87309-4 ETC2-1-87309-4 Datasheet
235Kb / 1P
   contact, mod v crimp snap-in
logo
Tyco Electronics
1-102917-1 MACOM-1-102917-1 Datasheet
62Kb / 1P
   CONTACT, FEMALE, MOD IV, CRIMP SNAP-IN
1-102316-2 MACOM-1-102316-2 Datasheet
93Kb / 1P
   CONTACT, FEMALE, MOD IV CRIMP SNAP-IN
87666-5 MACOM-87666-5 Datasheet
94Kb / 1P
   CONTACT, FEMALE MOD IV, CRIMP SNAP-IN
6-102316-3 MACOM-6-102316-3 Datasheet
93Kb / 1P
   CONTACT, FEMALE, MOD IV CRIMP SNAP-IN
1-338315-2 MACOM-1-338315-2 Datasheet
165Kb / 1P
   HDP-20 SIZE 3
1-338314-2 MACOM-1-338314-2 Datasheet
159Kb / 1P
   HDP-20 SIZE 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com