データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STA413A データシート(PDF) 1 Page - Sanken electric

部品番号 STA413A
部品情報  NPN With built-in avalanche diode
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANKEN [Sanken electric]
ホームページ  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

STA413A データシート(HTML) 1 Page - Sanken electric

  STA413A Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
168
Characteristic curves
(Ta=25
°C)
Symbol
Ratings
Unit
VCBO
35
±5V
VCEO
35
±5V
VEBO
6V
IC
3A
IB
1A
4 (Ta=25
°C)
20 (Tc=25
°C)
Tj
150
°C
Tstg
–40 to +150
°C
(Ta=25
°C)
Symbol
Unit
Conditions
ICBO
10
µAVCB=30V
IEBO
10
µAVEB=6V
VCEO
30
40
V
IC=25mA
hFE
500
VCE=4V, IC=0.5A
VCE(sat)
0.5
V
IC=1A, IB=5mA
Specification
min
typ
max
PT
W
STA413A
2
3
10
1
4
5
6
7
8
9
3.0
2.0
1.0
0
0
1.0
2.0
3.0
VCE (V)
6mA
8mA
5mA
4mA
3mA
2mA
IB=1mA
5000
1000
500
100
(VCE=4V)
0.01
0.05
0.1
0.5
1
3
Ta=125°C
–55°
C
25°C
IC (A)
75°C
1.2
0.01
IC (A)
0.05
0.1
0.5
1
0.5
3
1.0
0
20
1.2
1
IB (mA)
0.5
1.0
0
5
10
50 100
500 1000
1A
0.5A
4.0
3.0
2.0
1.0
0
0
0.5
1.0
1.5
(VCE=4V)
VBE (V)
–40
0
50
100
150
20
16
12
8.0
4.0
0
Ta (
°C)
24
With Silicone Grease
Natural Cooling
Heatsink: Aluminum
in mm
With Infinite Heatsink
100
×100×2
50
×50×2
25
×50×2
Without Heatsink
10.0
VCE (V)
5.0
1.0
0.5
0.2
5
210
50
10
m
s
100ms
DC
(T
C=25
°C)
Single Pulse
Without Heatsink
Ta=25
°C
5000
0.01
IC (A)
1000
typ
0.05
0.1
0.5
1
3
500
100
(VCE=4V)
20.0
10.0
5.0
1.0
0.5
0.1
0.1
0.5 1.0
5.0 10
50100
5001000
5000
PW (mS)
NPN
With built-in avalanche diode
External dimensions D • • • STA (10-pin)
Absolute maximum ratings
sEquivalent circuit diagram
Electrical characteristics
IC-VCE Characteristics (Typical)
hFE-IC Characteristics (Typical)
hFE-IC Temperature Characteristics (Typical)
VCE(sat)-IC Characteristics (Typical)
VCE(sat)-IB Characteristics (Typical)
IC-VBE Temperature Characteristics (Typical)
θ j-a-PW Characteristics
PT-Ta Characteristics
Safe Operating Area (SOA)


同様の部品番号 - STA413A

メーカー部品番号データシート部品情報
logo
Sanken electric
STA413A SANKEN-STA413A Datasheet
20Kb / 1P
   NPN With built-in avalanche diode
STA413A SANKEN-STA413A Datasheet
34Kb / 1P
   NPN With built-in avalanche diode
STA413A SANKEN-STA413A_06 Datasheet
34Kb / 1P
   NPN With built-in avalanche diode
More results

同様の説明 - STA413A

メーカー部品番号データシート部品情報
logo
Sanken electric
STA413A SANKEN-STA413A_06 Datasheet
34Kb / 1P
   NPN With built-in avalanche diode
SDC06 SANKEN-SDC06_01 Datasheet
31Kb / 1P
   NPN With built-in avalanche diode
SDC06 SANKEN-SDC06 Datasheet
18Kb / 1P
   NPN With built-in avalanche diode
STA413A SANKEN-STA413A Datasheet
20Kb / 1P
   NPN With built-in avalanche diode
SDC04 SANKEN-SDC04 Datasheet
21Kb / 1P
   NPN Darlington With built-in avalanche diode
STA301A SANKEN-STA301A_06 Datasheet
33Kb / 1P
   NPN Darlington With built-in avalanche diode
STA475A SANKEN-STA475A_06 Datasheet
39Kb / 1P
   NPN Darlington With built-in avalanche diode
SDC03 SANKEN-SDC03 Datasheet
21Kb / 1P
   NPN Darlington With built-in avalanche diode
STA471A SANKEN-STA471A Datasheet
24Kb / 1P
   NPN Darlington With built-in avalanche diode
SDC03 SANKEN-SDC03_01 Datasheet
35Kb / 1P
   NPN Darlington With built-in avalanche diode
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com