データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD7989-1BRMZ データシート(PDF) 4 Page - List of Unclassifed Manufacturers

部品番号 AD7989-1BRMZ
部品情報  18-Bit, 100 kSPS/500 kSPS PulSAR ADCs in MSOP/LFCSP
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

AD7989-1BRMZ データシート(HTML) 4 Page - List of Unclassifed Manufacturers

  AD7989-1BRMZ Datasheet HTML 1Page - List of Unclassifed Manufacturers AD7989-1BRMZ Datasheet HTML 2Page - List of Unclassifed Manufacturers AD7989-1BRMZ Datasheet HTML 3Page - List of Unclassifed Manufacturers AD7989-1BRMZ Datasheet HTML 4Page - List of Unclassifed Manufacturers AD7989-1BRMZ Datasheet HTML 5Page - List of Unclassifed Manufacturers AD7989-1BRMZ Datasheet HTML 6Page - List of Unclassifed Manufacturers AD7989-1BRMZ Datasheet HTML 7Page - List of Unclassifed Manufacturers AD7989-1BRMZ Datasheet HTML 8Page - List of Unclassifed Manufacturers AD7989-1BRMZ Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
AD7989-1/AD7989-5
Data Sheet
Rev. 0 | Page 4 of 24
VDD = 2.5 V, VIO = 2.3 V to 5.5 V, REF = 5 V, TA = −40°C to +85°C, unless otherwise noted.
Table 3.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
REFERENCE
Voltage Range
2.4
5.1
V
Load Current
VREF = 5 V
250
µA
SAMPLING DYNAMICS
−3 dB Input Bandwidth
10
MHz
Aperture Delay
VDD = 2.5 V
2
ns
DIGITAL INPUTS
Logic Levels
VIL
VIO > 3 V
–0.3
+0.3 × VIO
V
VIO ≤ 3 V
–0.3
+0.1 × VIO
V
VIH
VIO > 3 V
0.7 × VIO
VIO + 0.3
V
VIO ≤ 3 V
0.9 × VIO
VIO + 0.3
V
IIL
−1
+1
µA
IIH
−1
+1
µA
DIGITAL OUTPUTS
Data Format
Serial, 18 bits, twos complement
Pipeline Delay
Conversion results available immediately
after completed conversion
VOL
ISINK = +500 µA
0.4
V
VOH
ISOURCE = −500 µA
VIO − 0.3
V
POWER SUPPLIES
VDD
2.375
2.5
2.625
V
VIO
Specified performance
2.3
5.5
V
VIO Range
Functional range
1.8
5.5
V
Standby Current1, 2
VDD and VIO = 2.5 V, 25°C
0.35
µA
AD7989-1 Power Dissipation
VDD = 2.625 V, VREF = 5 V, VIO = 3 V
Total
10 kSPS throughput
70
86
µW
100 kSPS throughput
700
860
µW
VDD Only
400
µW
REF Only
170
µW
VIO Only
130
µW
AD7989-5 Power Dissipation
VDD = 2.625 V, VREF = 5 V, VIO = 3 V
Total
500 kSPS throughput
3.5
4.3
mW
VDD Only
2
mW
REF Only
0.85
mW
VIO Only
0.65
mW
Energy per Conversion
7.0
nJ/sample
TEMPERATURE RANGE
Specified Performance
TMIN to TMAX
−40
+85
°C
1
With all digital inputs forced to VIO or ground as required.
2
During acquisition phase.


同様の部品番号 - AD7989-1BRMZ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7989-1BRMZ AD-AD7989-1BRMZ Datasheet
566Kb / 24P
   18-Bit, 100 kSPS/500 kSPS PulSAR ADCs in MSOP/LFCSP
AD7989-1BRMZ AD-AD7989-1BRMZ Datasheet
595Kb / 24P
   PulSAR ADCs in MSOP/LFCSP
AD7989-1BRMZ-RL7 AD-AD7989-1BRMZ-RL7 Datasheet
566Kb / 24P
   18-Bit, 100 kSPS/500 kSPS PulSAR ADCs in MSOP/LFCSP
AD7989-1BRMZ-RL7 AD-AD7989-1BRMZ-RL7 Datasheet
595Kb / 24P
   PulSAR ADCs in MSOP/LFCSP
More results

同様の説明 - AD7989-1BRMZ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7989-1 AD-AD7989-1 Datasheet
566Kb / 24P
   18-Bit, 100 kSPS/500 kSPS PulSAR ADCs in MSOP/LFCSP
AD7693 AD-AD7693_17 Datasheet
739Kb / 25P
   500 kSPS PulSAR Differential ADC in MSOP/LFCSP
AD7946 AD-AD7946_15 Datasheet
538Kb / 24P
   14-Bit, 500 kSPS, PulSAR ADC in MSOP and LFCSP
REV. B
AD7686 AD-AD7686 Datasheet
566Kb / 29P
   16-Bit, 500 kSPS PulSAR ADC in MSOP
AD7690 AD-AD7690 Datasheet
674Kb / 25P
   400 kSPS PulSAR Differential ADC in MSOP/LFCSP
AD7691 AD-AD7691_17 Datasheet
921Kb / 29P
   250 kSPS PulSAR Differential ADC in MSOP/LFCSP
AD7946BRMZ AD-AD7946BRMZ Datasheet
644Kb / 24P
   14-Bit, 500 kSPS PulSAR ADC in MSOP
REV. A
AD7989-1 AD-AD7989-1_17 Datasheet
595Kb / 24P
   PulSAR ADCs in MSOP/LFCSP
AD7688 AD-AD7688 Datasheet
562Kb / 29P
   16-Bit, 1.5 LSB INL, 500 kSPS PulSAR Differential ADC in MSOP/LFCSP
AD7686BRM AD-AD7686BRM Datasheet
611Kb / 28P
   16-Bit, 500 kSPS PulSAR ADC in MSOP/QFN
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com