データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TL431CDM データシート(PDF) 7 Page - Motorola, Inc

部品番号 TL431CDM
部品情報  PROGRAMMABLE PRECISION REFERENCES
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

TL431CDM データシート(HTML) 7 Page - Motorola, Inc

Back Button TL431CDM Datasheet HTML 3Page - Motorola, Inc TL431CDM Datasheet HTML 4Page - Motorola, Inc TL431CDM Datasheet HTML 5Page - Motorola, Inc TL431CDM Datasheet HTML 6Page - Motorola, Inc TL431CDM Datasheet HTML 7Page - Motorola, Inc TL431CDM Datasheet HTML 8Page - Motorola, Inc TL431CDM Datasheet HTML 9Page - Motorola, Inc TL431CDM Datasheet HTML 10Page - Motorola, Inc TL431CDM Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
TL431, A, B Series
7
MOTOROLA ANALOG IC DEVICE DATA
Input
Output
t, TIME (
µs)
Pulse
Generator
f = 100 kHz
0
8.0
4.0
20
0
16
2.0
3.0
12
0
1.0
5.0
0
20
40
60
80
100
120
140
1000 pF
0.01
µF
0.1
µF
1.0
µF
10
µF
CL, LOAD CAPACITANCE
100 pF
Figure 14. Pulse Response
Figure 15. Stability Boundary Conditions
50
220 Output
Gnd
Input
Monitor
A) VKA = Vref
B) VKA = 5.0 V @ IK = 10 mA
C) VKA = 10 V @ IK = 10 mA
D) VKA = 15 V @ IK = 10 mA
D) TA = 25°C
TA = 25_C
A
B
C
D
B
A
Stable
Stable
Figure 16. Test Circuit For Curve A
of Stability Boundary Conditions
Figure 17. Test Circuit For Curves B, C, And D
of Stability Boundary Conditions
V+
IK
150
IK
V+
150
CL
10 k
CL
Figure 18. Shunt Regulator
Figure 19. High Current Shunt Regulator
V+
Vout
R1
V+
Vout
R1
R2
R2
Vout + 1 )
R1
R2
V
ref
Vout + 1 )
R1
R2
V
ref
TYPICAL APPLICATIONS


同様の部品番号 - TL431CDM

メーカー部品番号データシート部品情報
logo
ON Semiconductor
TL431CDM ONSEMI-TL431CDM Datasheet
173Kb / 18P
   PROGRAMMABLE PRECISION REFERENCES
April, 2012 ??Rev. 34
logo
Microsemi Corporation
TL431CDM MICROSEMI-TL431CDM Datasheet
210Kb / 12P
   PRECISION PROGRAMMABLE REFERENCES
TL431CDM MICROSEMI-TL431CDM Datasheet
270Kb / 11P
   PRECISION PROGRAMMABLE REFERENCES
logo
ON Semiconductor
TL431CDMR2 ONSEMI-TL431CDMR2 Datasheet
173Kb / 18P
   PROGRAMMABLE PRECISION REFERENCES
April, 2012 ??Rev. 34
TL431CDMR2 ONSEMI-TL431CDMR2 Datasheet
176Kb / 19P
   Programmable Precision References
November, 2006 ??Rev. 25
More results

同様の説明 - TL431CDM

メーカー部品番号データシート部品情報
logo
ON Semiconductor
NCP431 ONSEMI-NCP431 Datasheet
377Kb / 17P
   Programmable Precision References
June, 2016 ??Rev. 14
logo
First Components Intern...
TL431 FCI-TL431 Datasheet
465Kb / 9P
   Programmable Precision References
logo
First Silicon Co., Ltd
FA431HCS FS-FA431HCS Datasheet
282Kb / 4P
   PROGRAMMABLE PRECISION REFERENCES
logo
ON Semiconductor
TL431A ONSEMI-TL431A_V01 Datasheet
471Kb / 22P
   Programmable Precision References
April, 2022 - Rev. 43
logo
Microsemi Corporation
TL431 MICROSEMI-TL431 Datasheet
210Kb / 12P
   PRECISION PROGRAMMABLE REFERENCES
logo
ON Semiconductor
TL431 ONSEMI-TL431_06 Datasheet
176Kb / 19P
   Programmable Precision References
November, 2006 ??Rev. 25
TL431 ONSEMI-TL431 Datasheet
173Kb / 18P
   PROGRAMMABLE PRECISION REFERENCES
April, 2012 ??Rev. 34
NCV431BVDMR2G ONSEMI-NCV431BVDMR2G Datasheet
216Kb / 18P
   Programmable Precision References
April, 2012 ??Rev. 34
TL431 ONSEMI-TL431 Datasheet
216Kb / 18P
   Programmable Precision References
April, 2012 ??Rev. 34
TL431A ONSEMI-TL431A Datasheet
448Kb / 21P
   Programmable Precision References
January, 2019 ??Rev. 40
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com