データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HCPL0611R2 データシート(PDF) 10 Page - Fairchild Semiconductor

部品番号 HCPL0611R2
部品情報  High Speed-10 MBit/s Logic Gate Optocouplers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL0611R2 データシート(HTML) 10 Page - Fairchild Semiconductor

Back Button HCPL0611R2 Datasheet HTML 6Page - Fairchild Semiconductor HCPL0611R2 Datasheet HTML 7Page - Fairchild Semiconductor HCPL0611R2 Datasheet HTML 8Page - Fairchild Semiconductor HCPL0611R2 Datasheet HTML 9Page - Fairchild Semiconductor HCPL0611R2 Datasheet HTML 10Page - Fairchild Semiconductor HCPL0611R2 Datasheet HTML 11Page - Fairchild Semiconductor HCPL0611R2 Datasheet HTML 12Page - Fairchild Semiconductor HCPL0611R2 Datasheet HTML 13Page - Fairchild Semiconductor HCPL0611R2 Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
©2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
HCPL06XX Rev. 1.0.9
10
Typical Performance Curves (HCPL0637, HCPL0638 and HCPL0639 only)
Fig. 18 Propagation Delay vs.
Ambient Temperature
Fig. 19 Rise and Fall Times vs.
Ambient Temperature
TA – AMBIENT TEMPERATURE (
°C)
TA – AMBIENT TEMPERATURE (
°C)
-40
-20
0
20
40
60
80
100
0
20
40
60
80
100
120
V
CC
= 5V
IF = 7.5mA
tPHL
RL = 350
Ω, 1kΩ, 4kΩ
tPLH
RL = 350
Ω
tPLH
RL = 1k
Ω
tPLH
RL = 4k
Ω
-40
-20
0
20
40
60
80
100
0
50
100
150
200
250
300
350
0
1
2
3
4
5
6
7
V
CC
= 5V
IF = 7.5mA
tf – RL = 350Ω, 1kΩ, 4kΩ
tr – RL = 350Ω
tr – RL = 1kΩ
tr – RL = 4kΩ


同様の部品番号 - HCPL0611R2

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
HCPL0611 FAIRCHILD-HCPL0611 Datasheet
288Kb / 17P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0611 FAIRCHILD-HCPL0611 Datasheet
710Kb / 17P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0611 FAIRCHILD-HCPL0611 Datasheet
414Kb / 18P
   The HCPL06XX optocouplers consist of an AlGaAS LED, optically coupled to a very high speed integrated photo-detector logic gate with a strobable output (single channel devices).
HCPL0611 FAIRCHILD-HCPL0611 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0611 FAIRCHILD-HCPL0611 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
More results

同様の説明 - HCPL0611R2

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
HCPL-2601 FAIRCHILD-HCPL-2601 Datasheet
489Kb / 12P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
6N137 FAIRCHILD-6N137_06 Datasheet
598Kb / 12P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0601R2 FAIRCHILD-HCPL0601R2 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
logo
ON Semiconductor
HCPL0600 ONSEMI-HCPL0600 Datasheet
436Kb / 16P
   High Speed-10 MBit/s Logic Gate Optocouplers
October, 2019 ??Rev. 2
logo
Fairchild Semiconductor
HCPL0637R2 FAIRCHILD-HCPL0637R2 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
6N137 FAIRCHILD-6N137 Datasheet
584Kb / 12P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
logo
QT Optoelectronics
6N137 QT-6N137 Datasheet
171Kb / 10P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL0600 FAIRCHILD-HCPL0600 Datasheet
710Kb / 17P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL-0600 FAIRCHILD-HCPL-0600_04 Datasheet
224Kb / 13P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
HCPL0661 FAIRCHILD-HCPL0661 Datasheet
288Kb / 17P
   High Speed-10 MBit/s Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com