データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HCPL0611 データシート(PDF) 6 Page - Fairchild Semiconductor

部品番号 HCPL0611
部品情報  High Speed-10 MBit/s Logic Gate Optocouplers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL0611 データシート(HTML) 6 Page - Fairchild Semiconductor

Back Button HCPL0611 Datasheet HTML 2Page - Fairchild Semiconductor HCPL0611 Datasheet HTML 3Page - Fairchild Semiconductor HCPL0611 Datasheet HTML 4Page - Fairchild Semiconductor HCPL0611 Datasheet HTML 5Page - Fairchild Semiconductor HCPL0611 Datasheet HTML 6Page - Fairchild Semiconductor HCPL0611 Datasheet HTML 7Page - Fairchild Semiconductor HCPL0611 Datasheet HTML 8Page - Fairchild Semiconductor HCPL0611 Datasheet HTML 9Page - Fairchild Semiconductor HCPL0611 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
©2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
HCPL06XX Rev. 1.0.9
6
Typical Performance Curves (HCPL0600, HCPL0601 and HCPL0611 only)
Fig. 1 Forward Current vs. Input Forward Voltage
VF – FORWARD VOLTAGE (V)
Fig. 2 Output Voltage vs. Forward Current
Fig. 3 Input Threshold Current vs. Temperature
TA – TEMPERATURE (˚C)
TA – TEMPERATURE (˚C)
Fig. 4 High Level Output Current vs. Temperature
IF – FORWARD INPUT CURRENT (mA)
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
0.001
0.01
0.1
1
10
100
TA = 85°C
TA = 70°C
TA = 25°C
TA = 0°C
TA = -40°C
012345
0
1
2
3
4
5
6
TA = 25°C
VCC = 5V
RL = 350Ω
RL = 1kΩ
-40
-20
0
20406080
100
0
1
2
3
4
5
VCC = 5V
VO = 0.6V
RL = 350Ω
RL = 1KΩ
-40
-20
0
20406080
100
0
2
4
6
8
10
12
14
16
VO = VCC = 5.5V
VE = 2V
IF = 250μA


同様の部品番号 - HCPL0611

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
HCPL0611 FAIRCHILD-HCPL0611 Datasheet
288Kb / 17P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0611 FAIRCHILD-HCPL0611 Datasheet
710Kb / 17P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0611 FAIRCHILD-HCPL0611 Datasheet
414Kb / 18P
   The HCPL06XX optocouplers consist of an AlGaAS LED, optically coupled to a very high speed integrated photo-detector logic gate with a strobable output (single channel devices).
HCPL0611 FAIRCHILD-HCPL0611 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0611 FAIRCHILD-HCPL0611 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
More results

同様の説明 - HCPL0611

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
HCPL-2601 FAIRCHILD-HCPL-2601 Datasheet
489Kb / 12P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
6N137 FAIRCHILD-6N137_06 Datasheet
598Kb / 12P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0601R2 FAIRCHILD-HCPL0601R2 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
logo
ON Semiconductor
HCPL0600 ONSEMI-HCPL0600 Datasheet
436Kb / 16P
   High Speed-10 MBit/s Logic Gate Optocouplers
October, 2019 ??Rev. 2
logo
Fairchild Semiconductor
HCPL0637R2 FAIRCHILD-HCPL0637R2 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
6N137 FAIRCHILD-6N137 Datasheet
584Kb / 12P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
logo
QT Optoelectronics
6N137 QT-6N137 Datasheet
171Kb / 10P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL0600 FAIRCHILD-HCPL0600 Datasheet
710Kb / 17P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL-0600 FAIRCHILD-HCPL-0600_04 Datasheet
224Kb / 13P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
HCPL0661 FAIRCHILD-HCPL0661 Datasheet
288Kb / 17P
   High Speed-10 MBit/s Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com