データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HCPL0639 データシート(PDF) 5 Page - Fairchild Semiconductor

部品番号 HCPL0639
部品情報  High Speed-10 MBit/s Logic Gate Optocouplers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL0639 データシート(HTML) 5 Page - Fairchild Semiconductor

  HCPL0639 Datasheet HTML 1Page - Fairchild Semiconductor HCPL0639 Datasheet HTML 2Page - Fairchild Semiconductor HCPL0639 Datasheet HTML 3Page - Fairchild Semiconductor HCPL0639 Datasheet HTML 4Page - Fairchild Semiconductor HCPL0639 Datasheet HTML 5Page - Fairchild Semiconductor HCPL0639 Datasheet HTML 6Page - Fairchild Semiconductor HCPL0639 Datasheet HTML 7Page - Fairchild Semiconductor HCPL0639 Datasheet HTML 8Page - Fairchild Semiconductor HCPL0639 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
©2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
HCPL06XX Rev. 1.0.9
5
Transfer Characteristics (TA = -40°C to +85°C unless otherwise specified.)
Isolation Characteristics (TA = -40°C to +85°C unless otherwise specified.)
*All typical values are at VCC = 5 V, TA = 25°C
Notes:
1. The VCC supply to each optoisolator must be bypassed by a 0.1µF capacitor or larger. This can be either a ceramic
or solid tantalum capacitor with good high frequency characteristic and should be connected as close as possible
to the package VCC and GND pins of each device.
2. Enable Input – No pull up resistor required as the device has an internal pull up resistor.
3. tPLH – Propagation delay is measured from the 3.75mA level on the HIGH to LOW transition of the input current
pulse to the 1.5V level on the LOW to HIGH transition of the output voltage pulse.
4. tPHL – Propagation delay is measured from the 3.75mA level on the LOW to HIGH transition of the input current
pulse to the 1.5V level on the HIGH to LOW transition of the output voltage pulse.
5. tr – Rise time is measured from the 90% to the 10% levels on the LOW to HIGH transition of the output pulse.
6. tf – Fall time is measured from the 10% to the 90% levels on the HIGH to LOW transition of the output pulse.
7. tELH – Enable input propagation delay is measured from the 1.5V level on the HIGH to LOW transition of the input
voltage pulse to the 1.5V level on the LOW to HIGH transition of the output voltage pulse.
8. tEHL – Enable input propagation delay is measured from the 1.5V level on the LOW to HIGH transition of the input
voltage pulse to the 1.5V level on the HIGH to LOW transition of the output voltage pulse.
9. CMH – The maximum tolerable rate of rise of the common mode voltage to ensure the output will remain in the high
state (i.e., VOUT > 2.0V). Measured in volts per microsecond (V/µs).
10. CML – The maximum tolerable rate of fall of the common mode voltage to ensure the output will remain in the low
output state (i.e., VOUT < 0.8V). Measured in volts per microsecond (V/µs).
11. Device considered a two-terminal device: Pins 1, 2, 3 and 4 shorted together, and Pins 5, 6, 7 and 8 shorted
together.
Symbol
DC Characteristics
Test Conditions
Min.
Typ.*
Max.
Unit
IOH
High Level Output Current
VCC = 5.5V, VO = 5.5 V, IF = 250µA,
VE = 2.0V
(2)
100
µA
VOL
Low Level Output Voltage
VCC = 5.5V, IF = 5mA, VE = 2.0V,
IOL = 13mA
(2)
0.6
V
IFT
Input Threshold Current
VCC = 5.5V, VO = 0.6V, VE = 2.0V,
IOL = 13mA
5mA
Symbol
Characteristics
Test Conditions
Min.
Typ.*
Max.
Unit
II-O
Input-Output
Insulation Leakage Current
Relative humidity = 45%,
TA = 25°C, t = 5s,
VI-O = 3000 VDC
(11)
1.0*
µA
VISO
Withstand Insulation Test Voltage
RH < 50%, TA = 25°C,
II-O ≤ 2µA, t = 1 min.
(11)
3750
VRMS
RI-O
Resistance (Input to Output)
VI-O = 500V
(11)
1012
Ω
CI-O
Capacitance (Input to Output)
f = 1MHz(11)
0.6
pF


同様の部品番号 - HCPL0639

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
HCPL0639 FAIRCHILD-HCPL0639 Datasheet
710Kb / 17P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0639 FAIRCHILD-HCPL0639 Datasheet
414Kb / 18P
   The HCPL06XX optocouplers consist of an AlGaAS LED, optically coupled to a very high speed integrated photo-detector logic gate with a strobable output (single channel devices).
HCPL0639 FAIRCHILD-HCPL0639 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0639 FAIRCHILD-HCPL0639 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0639 FAIRCHILD-HCPL0639 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
More results

同様の説明 - HCPL0639

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
HCPL-2601 FAIRCHILD-HCPL-2601 Datasheet
489Kb / 12P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
6N137 FAIRCHILD-6N137_06 Datasheet
598Kb / 12P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0601R2 FAIRCHILD-HCPL0601R2 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
logo
ON Semiconductor
HCPL0600 ONSEMI-HCPL0600 Datasheet
436Kb / 16P
   High Speed-10 MBit/s Logic Gate Optocouplers
October, 2019 ??Rev. 2
logo
Fairchild Semiconductor
HCPL0637R2 FAIRCHILD-HCPL0637R2 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
6N137 FAIRCHILD-6N137 Datasheet
584Kb / 12P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
logo
QT Optoelectronics
6N137 QT-6N137 Datasheet
171Kb / 10P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL0600 FAIRCHILD-HCPL0600 Datasheet
710Kb / 17P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL-0600 FAIRCHILD-HCPL-0600_04 Datasheet
224Kb / 13P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
HCPL0661 FAIRCHILD-HCPL0661 Datasheet
288Kb / 17P
   High Speed-10 MBit/s Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com