データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMH6643Q データシート(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LMH6643Q
部品情報  Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6643Q データシート(HTML) 8 Page - National Semiconductor (TI)

Back Button LMH6643Q Datasheet HTML 4Page - National Semiconductor (TI) LMH6643Q Datasheet HTML 5Page - National Semiconductor (TI) LMH6643Q Datasheet HTML 6Page - National Semiconductor (TI) LMH6643Q Datasheet HTML 7Page - National Semiconductor (TI) LMH6643Q Datasheet HTML 8Page - National Semiconductor (TI) LMH6643Q Datasheet HTML 9Page - National Semiconductor (TI) LMH6643Q Datasheet HTML 10Page - National Semiconductor (TI) LMH6643Q Datasheet HTML 11Page - National Semiconductor (TI) LMH6643Q Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
10k
100k
1M
10M
100M 500M
-4
-2
0
FREQUENCY (Hz)
VS = ±5V
RL = 2k
AV = +1
VOUT = 0.2VPP
-40°C
85°C
25°C
100k
1M
10M
200M
FREQUENCY (Hz)
6.5
6.0
AV = +2
RF = 2k
RL = 150
VO = 0.2VPP
±1.5V
5.5
7.0
5.0
±2.5V
±5V
AV = +1
AV = +5
AV = +10
AV = +2
10k
100k
1M
10M
100M 500M
-3
-2
-1
0
+1
+2
+3
FREQUENCY (Hz)
VS = ±1.5V
RL = 2k
VOUT = 0.2VPP
10k
100k
1M
10M
100M 500M
-6
-4
-2
0
FREQUENCY (Hz)
-40°C
25°C
85°C
VS = ±1.5V
RL = 2k
AV = +1
VO = 0.2VPP
10k
100k
1M
10M
100M
500
M
-3
-2
-1
0
+1
+2
+3
FREQUENCY (Hz)
VS = ±5V
RL = 2k
VOUT = 0.2VPP
AV = +5
AV = +1
AV = +2
AV = +10
100k
1M
10M
200M
FREQUENCY (Hz)
-2
-1
0
-3
VS = ±2.5V
VS = ±5V
VS = ±1.5V
VS = ±1.5V
VS = ±2.5V
VS = ±5V
AV = +1
RL = 2k
VOUT = 0.2VPP
LMH6642Q, LMH6643Q
SNOSC61B – JANUARY 2012 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics
At TJ = 25°C, V
+ = +5, V= −5V, R
F = RL = 2kΩ. Unless otherwise specified.
Closed Loop Gain
vs.
Closed Loop Frequency Response for Various Supplies
Frequency for Various Gain
Figure 3.
Figure 4.
Closed Loop Gain
vs.
Frequency for Various Gain
Closed Loop Frequency Response for Various Temperature
Figure 5.
Figure 6.
Closed Loop Gain
vs.
Frequency for Various Supplies
Closed Loop Frequency Response for Various Temperature
Figure 7.
Figure 8.
8
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LMH6642Q LMH6643Q


同様の部品番号 - LMH6643Q

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMH6643Q TI1-LMH6643Q Datasheet
1Mb / 33P
[Old version datasheet]   Low Power, 130 MHz, 75 mA Rail-to-Rail Output Amplifiers
LMH6643Q-Q1 TI1-LMH6643Q-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   Low Power, 130 MHz, 75 mA Rail-to-Rail Output Amplifiers
LMH6643Q-Q1 TI-LMH6643Q-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   Low Power, 130 MHz, 75 mA Rail-to-Rail Output Amplifiers
LMH6643QMM TI1-LMH6643QMM Datasheet
590Kb / 21P
[Old version datasheet]   Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
LMH6643QMM/NOPB TI-LMH6643QMM/NOPB Datasheet
1Mb / 34P
[Old version datasheet]   Low Power, 130 MHz, 75 mA Rail-to-Rail Output Amplifiers
More results

同様の説明 - LMH6643Q

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMH6642 TI1-LMH6642 Datasheet
1Mb / 33P
[Old version datasheet]   Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
National Semiconductor ...
LMH6642MF NSC-LMH6642MF Datasheet
1Mb / 33P
   Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
Texas Instruments
LMH6642Q TI1-LMH6642Q Datasheet
590Kb / 21P
[Old version datasheet]   Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
National Semiconductor ...
LMH6642 NSC-LMH6642 Datasheet
955Kb / 22P
   3V, Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
LMH6642EP NSC-LMH6642EP Datasheet
960Kb / 21P
   Enhanced Plastic Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
Texas Instruments
LMH6642MFX TI-LMH6642MFX Datasheet
1Mb / 32P
[Old version datasheet]   LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
National Semiconductor ...
LMH6642 NSC-LMH6642_14 Datasheet
1Mb / 33P
   LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
Texas Instruments
LMH6643MA TI-LMH6643MA Datasheet
1Mb / 32P
[Old version datasheet]   LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
LMH6644MAX TI-LMH6644MAX Datasheet
1Mb / 32P
[Old version datasheet]   LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
Global Mixed-mode Techn...
G1812 GMT-G1812 Datasheet
291Kb / 1P
   Rail-to-Rail Output Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com