データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRF8714GPBF データシート(PDF) 1 Page - International Rectifier

部品番号 IRF8714GPBF
部品情報  Control MOSFET of Sync-Buck Converters used for Notebook Processor Power
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IRF8714GPBF データシート(HTML) 1 Page - International Rectifier

  IRF8714GPBF Datasheet HTML 1Page - International Rectifier IRF8714GPBF Datasheet HTML 2Page - International Rectifier IRF8714GPBF Datasheet HTML 3Page - International Rectifier IRF8714GPBF Datasheet HTML 4Page - International Rectifier IRF8714GPBF Datasheet HTML 5Page - International Rectifier IRF8714GPBF Datasheet HTML 6Page - International Rectifier IRF8714GPBF Datasheet HTML 7Page - International Rectifier IRF8714GPBF Datasheet HTML 8Page - International Rectifier IRF8714GPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
www.irf.com
1
07/10/09
IRF8714GPbF
HEXFET® Power MOSFET
Notes
 through … are on page 9
Benefits
l Very Low Gate Charge
l Very Low RDS(on) at 4.5V VGS
l Ultra-Low Gate Impedance
l Fully Characterized Avalanche Voltage
and Current
l 20V VGS Max. Gate Rating
l 100% tested for Rg
l Lead-Free
l Halogen-Free
Applications
l Control MOSFET of Sync-Buck
Converters used for Notebook
Processor Power
l Control MOSFET for Isolated DC-DC
Converters in Networking Systems
Top View
8
1
2
3
4
5
6
7
D
D
D
D
G
S
A
S
S
A
SO-8
Description
The IRF8714GPbF incorporates the latest HEXFET Power MOSFET Silicon Technology into the
industry standard SO-8 package. The IRF8714GPbF has been optimized for parameters that are
critical in synchronous buck operation including Rds(on) and gate charge to reduce both conduction
and switching losses. The reduced total losses make this product ideal for high efficiency DC-DC
converters that power the latest generation of processors for Notebook and Netcom applications.
VDSS
RDS(on) max
Qg
30V
8.7m:@VGS = 10V 8.1nC
PD - 96263
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
VGS
Gate-to-Source Voltage
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
A
IDM
Pulsed Drain Current
c
PD @TA = 25°C
Power Dissipation
PD @TA = 70°C
Power Dissipation
Linear Derating Factor
W/°C
TJ
Operating Junction and
TSTG
Storage Temperature Range
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJL
Junction-to-Drain Lead
g
–––
20
RθJA
Junction-to-Ambient
f
–––
50
V
W
°C/W
°C
-55 to + 150
2.5
0.02
1.6
Max.
14
11
110
± 20
30


同様の部品番号 - IRF8714GPBF

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF8714GPBF IRF-IRF8714GPBF Datasheet
254Kb / 9P
   HEXFETPower MOSFET
More results

同様の説明 - IRF8714GPBF

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF8721TRPBF IRF-IRF8721TRPBF Datasheet
235Kb / 9P
   Control MOSFET of Sync-Buck Converters used for Notebook Processor Power
IRFH7934PBF IRF-IRFH7934PBF_15 Datasheet
265Kb / 10P
   Control MOSFET of Sync-Buck Converters used for Notebook Processor Power
IRFH7914PBF IRF-IRFH7914PBF_15 Datasheet
294Kb / 9P
   Control MOSFET of Sync-Buck Converters used for Notebook Processor Power
IRFH7914TRPBF IRF-IRFH7914TRPBF Datasheet
304Kb / 9P
   Control MOSFET of Sync-Buck Converters used for Notebook Processor Power
IRF8707GTRPBF IRF-IRF8707GTRPBF Datasheet
252Kb / 9P
   Control MOSFET of Sync-Buck  Converters used for Notebook  Processor Power
IRF8714PBF-1 IRF-IRF8714PBF-1_15 Datasheet
225Kb / 9P
   Control MOSFET of Sync-Buck Converters used for Notebook Processor Power
IRF7413ZPBF IRF-IRF7413ZPBF_15 Datasheet
289Kb / 10P
   Control FET for Notebook Processor Power
IRF7807ZPBF IRF-IRF7807ZPBF_15 Datasheet
220Kb / 10P
   Control FET for Notebook Processor Power
IRF7413ZGPBF IRF-IRF7413ZGPBF Datasheet
292Kb / 10P
   Control FET for Notebook Processor Power
IRF7413ZTRPBF IRF-IRF7413ZTRPBF Datasheet
272Kb / 10P
   Control FET for Notebook Processor Power
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com