データシートサーチシステム |
|
CAT24WC16PE-TE13D データシート(PDF) 1 Page - Catalyst Semiconductor |
|
CAT24WC16PE-TE13D データシート(HTML) 1 Page - Catalyst Semiconductor |
1 / 9 page 1 CAT24WC01/02/04/08/16 1K/2K/4K/8K/16K-Bit Serial E2PROM * Catalyst Semiconductor is licensed by Philips Corporation to carry the I2C Bus Protocol. PIN CONFIGURATION BLOCK DIAGRAM PIN FUNCTIONS Pin Name Function A0, A1, A2 Device Address Inputs SDA Serial Data/Address SCL Serial Clock WP Write Protect VCC +1.8V to +6.0V Power Supply VSS Ground DIP Package (P) 24WCXX F03 SOIC Package (J) 5020 FHD F01 FEATURES s 400 KHZ I2C Bus Compatible* s 1.8 to 6.0Volt Operation s Low Power CMOS Technology s Write Protect Feature — Entire Array Protected When WP at V IH s Page Write Buffer s Self-Timed Write Cycle with Auto-Clear s 1,000,000 Program/Erase Cycles s 100 Year Data Retention s 8-pin DIP, 8-pin SOIC or 8 pin TSSOP s Commercial, Industrial and Automotive Temperature Ranges DESCRIPTION The CAT24WC01/02/04/08/16 is a 1K/2K/4K/8K/16K- bit Serial CMOS E2PROM internally organized as 128/ 256/512/1024/2048 words of 8 bits each. Catalyst’s advanced CMOS technology substantially reduces de- vice power requirements. The the CAT24WC01/02/04/ 08/16 feature a 16-byte page write buffer. The device operates via the I2C bus serial interface, has a special write protection feature, and is available in 8-pin DIP, 8- pin SOIC or 8-pin TSSOP. © 1999 by Catalyst Semiconductor, Inc. Characteristics subject to change without notice 8 7 6 5 VCC WP SCL SDA A2 A0 A1 VSS 1 2 3 4 TSSOP Package (U) (* Available for 24WC01 and 24WC02 only) DOUT ACK SENSE AMPS SHIFT REGISTERS CONTROL LOGIC WORD ADDRESS BUFFERS START/STOP LOGIC STATE COUNTERS SLAVE ADDRESS COMPARATORS E2PROM VCC EXTERNAL LOAD COLUMN DECODERS XDEC DATA IN STORAGE HIGH VOLTAGE/ TIMING CONTROL VSS WP SCL A0 A1 A2 SDA A2 A0 A1 VSS 1 2 3 4 8 7 6 5 VCC WP SCL SDA A0 VCC WP SCL SDA 1 2 3 4 8 7 6 5 A1 A2 VSS Doc. No. 25051-00 3/98 S-1 |
同様の部品番号 - CAT24WC16PE-TE13D |
|
同様の説明 - CAT24WC16PE-TE13D |