データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UC2845G-S08-T データシート(PDF) 6 Page - Unisonic Technologies

部品番号 UC2845G-S08-T
部品情報  HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  UTC [Unisonic Technologies]
ホームページ  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC2845G-S08-T データシート(HTML) 6 Page - Unisonic Technologies

  UC2845G-S08-T Datasheet HTML 1Page - Unisonic Technologies UC2845G-S08-T Datasheet HTML 2Page - Unisonic Technologies UC2845G-S08-T Datasheet HTML 3Page - Unisonic Technologies UC2845G-S08-T Datasheet HTML 4Page - Unisonic Technologies UC2845G-S08-T Datasheet HTML 5Page - Unisonic Technologies UC2845G-S08-T Datasheet HTML 6Page - Unisonic Technologies UC2845G-S08-T Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
UC2844/45
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 7
www.unisonic.com.tw
QW-R103-051.B
TYPICAL CHARACTERISTICS
100
50
10
5.0
1.0
10k
20k
50k
100k
Oscillator Frequency, IOSC (Hz)
200k
500k 1.0M
Timing Resistor vs. Oscillator Frequency
2.0
20
75
65
60
10k
20k
50k
100k
200k
500k
1.0M
Output Deadtime vs. Oscillator Frequency
55
70
VCC = 15V
TA = 25℃
100
pF
200
pF
500
pF
1.0n
F
2.0n
F
5.0n
F
C
T
= 10
nF
Note: Output Switches At
One-Half The Oscillator
Frequency
50
Oscillator Frequency, IOSC (Hz)
1.0nF
2.0nF
5.0nF
CT = 10nF
100pF
200pF
500pF
100
80
40
20
-20
10
100
1.0k
10k
Frequency, f (Hz)
100k
1.0M
10M
Error Amp Open Loop Gain Phase vs. Frequency
0
60
1.2
0.8
0.4
02.0
4.0
6.0
8.0
Current Sense Input Threshold vs. Error Amp
Output Voltage
0.2
1.0
VCC = 15V
VOUT = 2.0V ~ 4.0V
RL = 100k
TA = 25℃
Phase
Gain
0
Error Amp Output Voltage, VOUT (V)
0
30
90
120
180
150
60
0.6
TA = 25℃
VCC = 15V
TA = 125℃
TA = -55℃


同様の部品番号 - UC2845G-S08-T

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
UC2845G-S08-T UTC-UC2845G-S08-T Datasheet
294Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
More results

同様の説明 - UC2845G-S08-T

メーカー部品番号データシート部品情報
logo
Cystech Electonics Corp...
PL384XBP8 CYSTEKEC-PL384XBP8 Datasheet
278Kb / 15P
   High Performance Current Mode PWM Controllers
logo
Unisonic Technologies
UC2844-45 UTC-UC2844-45 Datasheet
295Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Gamma Microelectronics ...
GM3842A GAMMA-GM3842A Datasheet
628Kb / 19P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Unisonic Technologies
UC2844 UTC-UC2844_16 Datasheet
228Kb / 6P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC2843B UTC-UC2843B_15 Datasheet
285Kb / 8P
   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
UC2845 UTC-UC2845_15 Datasheet
294Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC3844 UTC-UC3844 Datasheet
298Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Cystech Electonics Corp...
PL384XAQ8 CYSTEKEC-PL384XAQ8 Datasheet
281Kb / 15P
   High Performance Current Mode PWM Controllers
logo
Unisonic Technologies
UC2843B UTC-UC2843B_13 Datasheet
285Kb / 8P
   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
UC2843B UTC-UC2843B Datasheet
210Kb / 9P
   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com