データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

122162 データシート(PDF) 11 Page - List of Unclassifed Manufacturers

部品番号 122162
部品情報  TNC COAXIAL CONNECTORS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

122162 データシート(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button 122162 Datasheet HTML 7Page - List of Unclassifed Manufacturers 122162 Datasheet HTML 8Page - List of Unclassifed Manufacturers 122162 Datasheet HTML 9Page - List of Unclassifed Manufacturers 122162 Datasheet HTML 10Page - List of Unclassifed Manufacturers 122162 Datasheet HTML 11Page - List of Unclassifed Manufacturers 122162 Datasheet HTML 12Page - List of Unclassifed Manufacturers 122162 Datasheet HTML 13Page - List of Unclassifed Manufacturers 122162 Datasheet HTML 14Page - List of Unclassifed Manufacturers 122162 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
122194
02 Nickel
Teflon
50
A
122196
04 Nickel
Teflon
50
A
122197
04 Nickel
Teflon
75
A
Remark: 6.0 [.236] Max. panel thickness
Cable
Crimp
P.N.
Group
Finish
Insulation Impedance Tool
BULKHEAD ISOLATED CRIMP JACK — PLENUM CABLE
122210
05 Nickel
Teflon
50
B
122211
06 Nickel
Teflon
75
B
Remark: With teflon sleeve, Hex. crimp size .178",
6.0 [.236] Max. panel thickness
Cable
Crimp
P.N.
Group
Finish
Insulation Impedance Tool
BULKHEAD ISOLATED CRIMP JACK — MINIATURE CABLE
105
BULKHEAD JACK CRIMP ATTACHMENTS FOR FLEXIBLE AND SEMI-RIGID CABLE
For Reverse Polarized connecters, add RP to standard part number. Contact Connex marketing for availability.
For Reverse Threaded connecters, add RT to standard part number. Contact Connex marketing for availability.
For Crimp Tool information, see page 183.
For Cable Group Legend, see page 97
122454
05 Nickel
Teflon
50
B
Cable
Crimp
P.N.
Group
Finish
Insulation Impedance Tool
RIGHT ANGLE BULKHEAD CRIMP JACK
TNC.4
11/27/01
4:55 PM
Page 105


同様の部品番号 - 122162

メーカー部品番号データシート部品情報
logo
Yantel Corporation
1221 YANTEL-1221 Datasheet
80Kb / 2P
   Variable RF Inductor
logo
Alpha Wire
1221 ALPHAWIRE-1221 Datasheet
106Kb / 3P
   Customer Specification
9/8/2022
logo
RAF ELECTRONIC HARDWARE
1221-12-PH RAF-1221-12-PH Datasheet
48Kb / 1P
   1/2 ROUND SPACERS
1221-25-AL RAF-1221-25-AL Datasheet
48Kb / 1P
   1/2 ROUND SPACERS
logo
Amphenol Corporation
1221-40049 AMPHENOL-1221-40049 Datasheet
113Kb / 1P
   SMP JACK W/ QUARTER BACK NUT FOR 횠.085 CABLE
More results

同様の説明 - 122162

メーカー部品番号データシート部品情報
logo
API Technologies Corp
305W APITECH-305W Datasheet
629Kb / 2P
   SINGLE CHANNEL COAXIAL, N & TNC CONNECTORS
logo
Filtronic Compound Semi...
305 FILTRONIC-305 Datasheet
380Kb / 2P
   SINGLE CHANNEL COAXIAL, N & TNC CONNECTORS
logo
TE Connectivity Ltd
108-12001 TEC-108-12001 Datasheet
884Kb / 13P
   TNC Series Coaxial Connectors Dual Crimp Type
logo
API Technologies Corp
344F APITECH-344F Datasheet
692Kb / 2P
   ROTARY J OINTS SINGLE CHANNEL COAXIAL, N & TNC CONNECTORS
344AF APITECH-344AF Datasheet
688Kb / 2P
   ROTARY J OINTS SINGLE CHANNEL COAXIAL, N & TNC CONNECTORS
1591 APITECH-1591 Datasheet
511Kb / 1P
   TNC Connectors
logo
Amphenol Corporation
031-5684 AMPHENOL-031-5684 Datasheet
2Mb / 8P
   TNC Connectors
logo
Japan Aviation Electron...
SMB JAE-SMB Datasheet
370Kb / 9P
   COAXIAL CONNECTORS
logo
Murata Manufacturing Co...
MM8130-2600RB8 MURATA-MM8130-2600RB8 Datasheet
37Kb / 1P
   Coaxial Connectors
logo
Rosenberger Hochfrequen...
56K405-500N5 ROSENBERGER-56K405-500N5 Datasheet
82Kb / 2P
   TNC 50 PANEL JACK COAXIAL END
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com