データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BA6208L-D08-T データシート(PDF) 1 Page - Unisonic Technologies

部品番号 BA6208L-D08-T
部品情報  REVERSIBLE MOTOR DRIVER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  UTC [Unisonic Technologies]
ホームページ  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BA6208L-D08-T データシート(HTML) 1 Page - Unisonic Technologies

  BA6208L-D08-T Datasheet HTML 1Page - Unisonic Technologies BA6208L-D08-T Datasheet HTML 2Page - Unisonic Technologies BA6208L-D08-T Datasheet HTML 3Page - Unisonic Technologies BA6208L-D08-T Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
BA6208
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 4
Copyright © 2005 Unisonic Technologies Co., Ltd
QW-R109-004,C
REVERSIBLE MOTOR DRIVER
DESCRIPTION
The UTC BA6208 is designed for driving reversible motor use, it
contain a logic section to controls forward and reverse rotations as
well as forced stop, and an output power section is able to supply an
output current of up to 100mA (typical) according to the logic control.
The IC allow control of reversible motors in cassette players and
other electrical equipment by using TTL-level logic signals.
FEATURES
* Recommended operating supply voltage range from 4.5V to15.0V.
* Built-in motor driving power transistors(typ.100mA).
* Brake is applied when stopping the motor (when Ain and Bin are
both HIGH level).
* Very low standby circuit current(when Ain and Bin are both LOW
level.
* Built-in diode to absorb surge currents.
* Direct control with the TTL logic.
SIP-9
SOP-8
DIP-8
*Pb-free plating product number: BA6208L
ORDERING INFORMATION
Ordering Number
Normal
Lead Free Plating
Package
Packing
BA6208-D08-T
BA6208L-D08-T
DIP-8
Tube
BA6208-G09-T
BA6208L-G09-T
SIP-9
Tube
BA6208-S08-R
BA6208L-S08-R
SOP-8
Tape Reel
BA6208-S08-T
BA6208L-S08-T
SOP-8
Tube
BA6208L-D08-T
(1)Packing Type
(2)Package Type
(3)Lead Plating
(1) R: Tape Reel, T: Tube
(2) D08: DIP-8, G09: SIP-9, S08: SOP-8
(3) L: Lead Free Plating, Blank: Pb/Sn


同様の部品番号 - BA6208L-D08-T

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
BA6208L-D08-T UTC-BA6208L-D08-T Datasheet
60Kb / 4P
   REVERSIBLE MOTOR DRIVER
BA6208L-D08-T UTC-BA6208L-D08-T Datasheet
192Kb / 4P
   REVERSIBLE MOTOR DRIVER
BA6208L-D08-T UTC-BA6208L-D08-T Datasheet
151Kb / 4P
   REVERSIBLE MOTOR DRIVER
More results

同様の説明 - BA6208L-D08-T

メーカー部品番号データシート部品情報
logo
Rohm
BA6285FS ROHM-BA6285FS Datasheet
155Kb / 9P
   Reversible motor driver
logo
Unisonic Technologies
BA6208 UTC-BA6208_15 Datasheet
192Kb / 4P
   REVERSIBLE MOTOR DRIVER
logo
Rohm
BA6951FS ROHM-BA6951FS Datasheet
303Kb / 5P
   Reversible Motor Driver
BA6222 ROHM-BA6222_1 Datasheet
290Kb / 5P
   Reversible Motor Driver
BA6289F-E2 ROHM-BA6289F-E2 Datasheet
119Kb / 9P
   Reversible motor driver
logo
Tiger Electronic Co.,Lt...
BA6208 TGS-BA6208 Datasheet
639Kb / 4P
   REVERSIBLE MOTOR DRIVER
logo
Rohm
BD6941FM ROHM-BD6941FM Datasheet
333Kb / 5P
   Reversible Motor Driver
BA6208F-E2 ROHM-BA6208F-E2 Datasheet
45Kb / 2P
   Reversible motor driver
BA6247 ROHM-BA6247 Datasheet
121Kb / 6P
   Reversible motor driver
logo
Ceramate Technical
CMD6208 CERAMATE-CMD6208 Datasheet
86Kb / 3P
   Reversible Motor Driver
logo
Unisonic Technologies
UA9287 UTC-UA9287_12 Datasheet
146Kb / 4P
   REVERSIBLE MOTOR DRIVER
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com