データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SC4550 データシート(PDF) 2 Page - Savantic, Inc.

部品番号 2SC4550
部品情報  Silicon NPN Power Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SAVANTIC [Savantic, Inc.]
ホームページ  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

2SC4550 データシート(HTML) 2 Page - Savantic, Inc.

  2SC4550 Datasheet HTML 1Page - Savantic, Inc. 2SC4550 Datasheet HTML 2Page - Savantic, Inc. 2SC4550 Datasheet HTML 3Page - Savantic, Inc. 2SC4550 Datasheet HTML 4Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SavantIC Semiconductor
Product Specification
2
Silicon NPN Power Transistors
2SC4550
CHARACTERISTICS
Tj=25
unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEO(SUS)
Collector-emitter sustaining voltage
IC=4A; IB=0.4A,L=1mH
60
V
VCEsat-1
Collector-emitter saturation voltage
IC=4A; IB=0.2 A
0.3
V
VCEsat-2
Collector-emitter saturation voltage
IC=6A; IB=0.3A
0.5
V
VBEsat-1
Base-emitter saturation voltage
IC=4A; IB=0.2 A
1.2
V
VBEsat-2
Base-emitter saturation voltage
IC=6A; IB=0.3A
1.5
V
ICBO
Collector cut-off current
VCB=60V; IE=0
10
µA
ICEX
Collector cut-off current
VCE=60V; VBE=-1.5V
Ta=125
10
1.0
µA
mA
IEBO
Emitter cut-off current
VEB=5V; IC=0
10
µA
hFE-1
DC current gain
IC=0.7A ; VCE=2V
100
hFE-2
DC current gain
IC=1.5A ; VCE=2V
100
200
400
hFE-3
DC current gain
IC=4A ; VCE=2V
60
COB
Output capacitance
IE=0; VCB=10V;f=1MHz
100
pF
fT
Transition frequency
IC=1A ; VCE=10V
150
MHz
Switching times
ton
Turn-on time
0.3
µs
ts
Storage time
1.5
µs
tf
Fall time
IC=4A;RL=12.5B
IB1=-IB2=0.2A
VCCC50V
0.3
µs
hFE-2 classifications
M
L
K
100-200
150-300
200-400


同様の部品番号 - 2SC4550

メーカー部品番号データシート部品情報
logo
NEC
2SC4550 NEC-2SC4550 Datasheet
135Kb / 6P
   NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
logo
Savantic, Inc.
2SC4550 SAVANTIC-2SC4550 Datasheet
260Kb / 4P
   Silicon NPN Power Transistors
logo
Renesas Technology Corp
2SC4550 RENESAS-2SC4550 Datasheet
259Kb / 8P
   SILICON POWER TRANSISTOR
logo
Inchange Semiconductor ...
2SC4550 ISC-2SC4550 Datasheet
258Kb / 2P
   isc Silicon NPN Power Transistor
logo
Comset Semiconductor
2SC4550 COMSET-2SC4550 Datasheet
96Kb / 3P
   SILCON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
More results

同様の説明 - 2SC4550

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com