データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMH6553SDXNOPB データシート(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LMH6553SDXNOPB
部品情報  LMH6553 900 MHz Fully Differential Amplifier With Output Limiting Clamp
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6553SDXNOPB データシート(HTML) 6 Page - National Semiconductor (TI)

Back Button LMH6553SDXNOPB Datasheet HTML 2Page - National Semiconductor (TI) LMH6553SDXNOPB Datasheet HTML 3Page - National Semiconductor (TI) LMH6553SDXNOPB Datasheet HTML 4Page - National Semiconductor (TI) LMH6553SDXNOPB Datasheet HTML 5Page - National Semiconductor (TI) LMH6553SDXNOPB Datasheet HTML 6Page - National Semiconductor (TI) LMH6553SDXNOPB Datasheet HTML 7Page - National Semiconductor (TI) LMH6553SDXNOPB Datasheet HTML 8Page - National Semiconductor (TI) LMH6553SDXNOPB Datasheet HTML 9Page - National Semiconductor (TI) LMH6553SDXNOPB Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
LMH6553
SNOSB07H – SEPTEMBER 2008 – REVISED MARCH 2013
www.ti.com
VS = ±2.5V Electrical Characteristics
(1) (continued)
Unless otherwise specified, all limits are ensured for TA = 25°C, VS = ±2.5V, AV = 1, VCM = 0V, VCLAMP = 2V, RF = RG = 275Ω,
RL = 200Ω, for single-ended in, differential out. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min (2)
Typ (3)
Max (2)
Units
HD3
3rd Harmonic Distortion
VOUT = 2 VPP, f = 20 MHz, RL = 800Ω
−78
dBc
VOUT = 2 VPP, f = 70 MHz, RL = 800Ω
−66
IMD3
3rd-Order Two-Tone
fc = 20 MHz, VOUT = 2 VPP Composite,
−87
Intermodulation
RL = 200Ω
dBc
fc = 150 MHz, VOUT = 2 VPP Composite,
−68
RL = 200Ω
Input Noise Voltage
f = 100 kHz
1.1
nV/
√Hz
Input Noise Current
f = 100 kHz
13.6
pA/
√Hz
Noise Figure (See Figure 58)
50
Ω System, AV = 9, 10 MHz
10.3
dB
Input Characteristics
IBI
Input Bias Current (4)(5)
(5)
−90
45
90
µA
IBoffset
Input Bias Current Differential (3)
VCM = 0V, VID = 0V, IBoffset = (IB- IB+)/2
−24
2
24
µA
CMRR
Common Mode Rejection Ratio (3)
DC, VCM = 0V, VID = 0V
80
dBc
RIN
Input Resistance
Differential
15
CIN
Input Capacitance
Differential
0.5
pF
CMVR
Input Common Mode Voltage
CMRR > 38 dB
±1.0
±1.2
V
Range
Output Performance
Output Voltage Swing (3)
Differential Output
5.32
5.47
VPP
IOUT
Linear Output Current (3)
VOUT = 0V
±75
±95
mA
ISC
Short Circuit Current
One Output Shorted to Ground VIN = 2V
±140
mA
Single-Ended (6)
Clamp Performance
V
CLAMP
VCLAMP Voltage Range
Continuous Operation (7)
VCM
VCM +
V
2.0
VCLAMP Peak Voltage
(8)
VCM +
3.0
Default VCLAMP Voltage
VCLAMP Floating
0.42
0.48
0.54
V
Upper Clamp Level Accuracy
VIN = 0V, VCLAMP = +0.5V, VCM = 0, VO =
−39
−30
+39
+0.5V,
100% Overdrive
mV
Lower Clamp Level Accuracy
VIN = 0V, VCLAMP = +0.5V, VCM = 0, VO =
−18
6
+18
−0.5V,
100% Overdrive
Clamp Accuracy Temperature Drift
−0.1
mV/°C
Clamp Pin Bias Current
VIN = 0V, VCLAMP = 1V, VCM = 0
23.5
µA
Clamp Pin Bias Drift
0.3
µA/°C
Diff Amp Input Bias Shift
Linear to Clamped Operation
50
µA
Clamp Pin Input Impedance
30
k
Ω/pF
1
Clamp Pin Feedthrough
f = 10 MHz
−60
dB
Clamp Bandwidth
0.5VDC + 40 mVPP, SE VIN = 2V
125
MHz
Clamp Slew Rate
100% Overdrive
52
V/µs
(4)
Exceeding limits could result in excessive device current.
(5)
IBI is referred to a differential output offset voltage by the following relationship: VOD(offset) = IBI*2RF
(6)
Short circuit current should be limited in duration to no more than 10 seconds. See POWER DISSIPATION in Application Information for
more details.
(7)
Exceeding limits could result in excessive device current.
(8)
This parameter is ensured by design and/or characterization and is not tested in production. The condition of VCLAMP = 3V is not
intended for continuous operation; continuous operation with VCLAMP = 3V may incur permanent damage to the device.
6
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LMH6553


同様の部品番号 - LMH6553SDXNOPB

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LMH6553SDX NSC-LMH6553SDX Datasheet
778Kb / 24P
   900 MHz Fully Differential Amplifier With Output Limiting Clamp
More results

同様の説明 - LMH6553SDXNOPB

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMH6553 TI1-LMH6553 Datasheet
2Mb / 41P
[Old version datasheet]   LMH6553 900 MHz Fully Differential Amplifier With Output Limiting Clamp
logo
National Semiconductor ...
LMH6553 NSC-LMH6553 Datasheet
778Kb / 24P
   900 MHz Fully Differential Amplifier With Output Limiting Clamp
logo
Texas Instruments
THS4541-Q1 TI1-THS4541-Q1 Datasheet
2Mb / 60P
[Old version datasheet]   850-MHz Fully Differential Amplifier
logo
SHANGHAI BELLING CO., L...
BL6203ITLX BELLING-BL6203ITLX Datasheet
251Kb / 17P
   Fully differential amplifier
logo
Linear Technology
LTC6363 LINER-LTC6363 Datasheet
452Kb / 8P
   Fully Differential Amplifier
logo
Texas Instruments
THS4521 TI1-THS4521 Datasheet
2Mb / 65P
[Old version datasheet]   Fully Differential Amplifier
THS4541 TI1-THS4541 Datasheet
2Mb / 62P
[Old version datasheet]   Fully Differential Amplifier
THS4551 TI1-THS4551 Datasheet
2Mb / 70P
[Old version datasheet]   Low-Noise, Precision, 150-MHz, Fully Differential Amplifier
logo
STMicroelectronics
STEVAL-CCA023V1 STMICROELECTRONICS-STEVAL-CCA023V1 Datasheet
79Kb / 4P
   Fully differential input/output
logo
Texas Instruments
AMC1200BDUBR TI1-AMC1200BDUBR Datasheet
903Kb / 24P
[Old version datasheet]   Fully-Differential Isolation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com