データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMH6553SDXNOPB データシート(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LMH6553SDXNOPB
部品情報  LMH6553 900 MHz Fully Differential Amplifier With Output Limiting Clamp
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6553SDXNOPB データシート(HTML) 10 Page - National Semiconductor (TI)

Back Button LMH6553SDXNOPB Datasheet HTML 6Page - National Semiconductor (TI) LMH6553SDXNOPB Datasheet HTML 7Page - National Semiconductor (TI) LMH6553SDXNOPB Datasheet HTML 8Page - National Semiconductor (TI) LMH6553SDXNOPB Datasheet HTML 9Page - National Semiconductor (TI) LMH6553SDXNOPB Datasheet HTML 10Page - National Semiconductor (TI) LMH6553SDXNOPB Datasheet HTML 11Page - National Semiconductor (TI) LMH6553SDXNOPB Datasheet HTML 12Page - National Semiconductor (TI) LMH6553SDXNOPB Datasheet HTML 13Page - National Semiconductor (TI) LMH6553SDXNOPB Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
FREQUENCY (MHz)
2
1
0
-1
-2
-3
-4
-5
-6
-7
-8
-9
1
10
100
1000
10000
VS = +2.5V
RL = 200Ö
RF = 275Ö
VOD = 0.2 VPP
AV = 1 V/V
DIFFERENTIAL INPUT
VS = +5V
RL = 200Ö
RF = 275Ö
FREQUENCY (MHz)
3
2
1
0
-1
-2
-3
-4
-5
-6
-7
-8
-9
1
10
100
1000
10000
VOD = 0.2 VPP
AV = 1 V/V
DIFFERENTIAL INPUT
VS = +2.5V
RL = 1 kÖ
RF = 225Ö
VS = +5V
RL = 1 kÖ
RF = 225Ö
FREQUENCY (MHz)
1
0
-1
-2
-3
-4
-5
-6
-7
-8
-9
1
10
100
1000
10000
VOD = 0.5 VPP
VOD = 2 VPP
VOD = 4 VPP
VS = +5V
AV = 2V/V
SINGLE-ENDED INPUT
FREQUENCY (MHz)
1
0
-1
-2
-3
-4
-5
-6
-7
-8
-9
1
10
100
1000
10000
VO = 0.5 VPP
VO = 2 VPP
VO = 4 VPP
VS = +5V
AV = 2V/V
DIFFERENTIAL INPUT
FREQUENCY (MHz)
1
0
-1
-2
-3
-4
-5
-6
-7
-8
-9
-10
1
10
100
1000
10000
AV = 2
AV = 4
AV = 8
AV = 1
VOUT = 0.2 VPP
DIFFERENTIAL INPUT
FREQUENCY (MHz)
1
0
-1
-2
-3
-4
-5
-6
-7
-8
-9
1
10
100
1000
10000
AV = 2
AV = 4
AV = 8
VOUT = 0.2 VPP
SINGLE-ENDED INPUT
AV = 1
LMH6553
SNOSB07H – SEPTEMBER 2008 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics VS = ±5V
(TA = 25°C, RF = RG = 275Ω, RL = 200Ω, AV = 1, for single ended in, differential out, unless specified).
Frequency Response vs. Gain
Frequency Response vs. Gain
Figure 4.
Figure 5.
Frequency Response vs. VOUT
Frequency Response vs. VOUT
Figure 6.
Figure 7.
Frequency Response vs. Supply Voltage (RL = 200Ω)
Frequency Response vs. Supply Voltage (RL = 1 kΩ)
Figure 8.
Figure 9.
10
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LMH6553


同様の部品番号 - LMH6553SDXNOPB

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LMH6553SDX NSC-LMH6553SDX Datasheet
778Kb / 24P
   900 MHz Fully Differential Amplifier With Output Limiting Clamp
More results

同様の説明 - LMH6553SDXNOPB

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMH6553 TI1-LMH6553 Datasheet
2Mb / 41P
[Old version datasheet]   LMH6553 900 MHz Fully Differential Amplifier With Output Limiting Clamp
logo
National Semiconductor ...
LMH6553 NSC-LMH6553 Datasheet
778Kb / 24P
   900 MHz Fully Differential Amplifier With Output Limiting Clamp
logo
Texas Instruments
THS4541-Q1 TI1-THS4541-Q1 Datasheet
2Mb / 60P
[Old version datasheet]   850-MHz Fully Differential Amplifier
logo
SHANGHAI BELLING CO., L...
BL6203ITLX BELLING-BL6203ITLX Datasheet
251Kb / 17P
   Fully differential amplifier
logo
Linear Technology
LTC6363 LINER-LTC6363 Datasheet
452Kb / 8P
   Fully Differential Amplifier
logo
Texas Instruments
THS4521 TI1-THS4521 Datasheet
2Mb / 65P
[Old version datasheet]   Fully Differential Amplifier
THS4541 TI1-THS4541 Datasheet
2Mb / 62P
[Old version datasheet]   Fully Differential Amplifier
THS4551 TI1-THS4551 Datasheet
2Mb / 70P
[Old version datasheet]   Low-Noise, Precision, 150-MHz, Fully Differential Amplifier
logo
STMicroelectronics
STEVAL-CCA023V1 STMICROELECTRONICS-STEVAL-CCA023V1 Datasheet
79Kb / 4P
   Fully differential input/output
logo
Texas Instruments
AMC1200BDUBR TI1-AMC1200BDUBR Datasheet
903Kb / 24P
[Old version datasheet]   Fully-Differential Isolation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com