データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

3002076 データシート(PDF) 10 Page - PHOENIX CONTACT

部品番号 3002076
部品情報  Printed-circuit board connector - FKC 2,5/ 8-ST-5,08 - 1873113
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHOENIX [PHOENIX CONTACT]
ホームページ  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3002076 データシート(HTML) 10 Page - PHOENIX CONTACT

Back Button 3002076 Datasheet HTML 5Page - PHOENIX CONTACT 3002076 Datasheet HTML 6Page - PHOENIX CONTACT 3002076 Datasheet HTML 7Page - PHOENIX CONTACT 3002076 Datasheet HTML 8Page - PHOENIX CONTACT 3002076 Datasheet HTML 9Page - PHOENIX CONTACT 3002076 Datasheet HTML 10Page - PHOENIX CONTACT 3002076 Datasheet HTML 11Page - PHOENIX CONTACT 3002076 Datasheet HTML 12Page - PHOENIX CONTACT 3002076 Datasheet HTML 13Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
https://www.phoenixcontact.com/us/products/1873113
10.11.2013   Page 10 / 13
Printed-circuit board connector - FKC 2,5/ 8-ST-5,08 - 1873113
Accessories
Base strip - MSTBVK 2,5/ 8-G-5,08 - 1788787
Plug component, Nominal current: 12 A, Rated voltage (III/2): 320 V, Number of positions: 8, Pitch: 5.08 mm, Connection
method: Screw connection, Color: green, Contact surface: Tin, Assembly: DIN rail
 
 
Base strip - MVSTBU 2,5/ 8-GB-5,08 - 1788596
Plug component, Nominal current: 12 A, Rated voltage (III/2): 320 V, Number of positions: 8, Pitch: 5.08 mm, Connection
method: Screw connection, Color: green, Contact surface: Tin, Assembly: Direct mounting
 
 
Base strip - MDSTBVA 2,5/ 8-G-5,08 - 1845390
Header, Nominal current: 10 A, Rated voltage (III/2): 320 V, Number of positions: 8, Pitch: 5.08 mm, Color: green,
Contact surface: Tin, Assembly: Soldering, The article can be aligned to create different nos. of positions! In combination
with MVSTB or FKCV plug components, both an MVSTBW (or FKCVW) and an MVSTBR plug (or FKCVR) must be
used. Combination with TMSTBP plug components is not possible!
 
 
Base strip - MDSTBA 2,5/ 8-G-5,08 - 1842128
Header, Nominal current: 10 A, Rated voltage (III/2): 320 V, Number of positions: 8, Pitch: 5.08 mm, Color: green,
Contact surface: Tin, Assembly: Soldering, The article can be aligned to create different nos. of positions! In combination
with MVSTB or FKCV plug components, both an MVSTBW (or FKCVW) and an MVSTBR plug (or FKCVR) must be
used. Combination with TMSTBP plug components is not possible!
 
 
Base strip - EMSTBA 2,5/ 8-G-5,08 - 1880368
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V, Number of positions: 8, Pitch: 5.08 mm, Color: green,
Contact surface: Tin, Assembly: Press-in
 
 


同様の部品番号 - 3002076

メーカー部品番号データシート部品情報
logo
PHOENIX CONTACT
3002076 PHOENIX-3002076 Datasheet
149Kb / 7P
   MSTB 2,5/ 3-ST-5,08
3002076 PHOENIX-3002076 Datasheet
126Kb / 6P
   MSTB 2,5/ 3-ST-5,08 JC LTGY
3002076 PHOENIX-3002076 Datasheet
152Kb / 7P
   MSTB 2,5/16-STF-5,08
3002076 PHOENIX-3002076 Datasheet
110Kb / 5P
   MSTB 2,5/ 8-ST-5,08 BD:1-8
3002076 PHOENIX-3002076 Datasheet
143Kb / 7P
   FKC 2,5/ 3-ST-5,08
More results

同様の説明 - 3002076

メーカー部品番号データシート部品情報
logo
PHOENIX CONTACT
1942439 PHOENIX-1942439 Datasheet
184Kb / 12P
   Printed-circuit board connector - FKC 2,5 HC/ 8-ST-5,08
09/12/2020
1792575 PHOENIX-1792575 Datasheet
104Kb / 7P
   Printed-circuit board connector - FKC 2,5/ 8-ST-5,08-LR
1796160 PHOENIX-1796160 Datasheet
59Kb / 3P
   Printed-circuit board connector - FKC 2,5/ 8-ST-5,08-RFEX
1873197 PHOENIX-1873197 Datasheet
226Kb / 14P
   Printed-circuit board connector - FKC 2,5/16-ST-5,08
1873087 PHOENIX-1873087 Datasheet
194Kb / 12P
   Printed-circuit board connector - FKC 2,5/ 5-ST-5,08
1875904 PHOENIX-1875904 Datasheet
150Kb / 11P
   Printed-circuit board connector - FKC 2,5/17-ST-5,08
1910416 PHOENIX-1910416 Datasheet
120Kb / 9P
   Printed-circuit board connector - FKC 2,5/ 8-ST
1925854 PHOENIX-1925854 Datasheet
70Kb / 5P
   Printed-circuit board connector - FKC 2,5/18-ST-5,08-RF
1936306 PHOENIX-1936306 Datasheet
83Kb / 4P
   Printed-circuit board connector - FKC 2,5/ 5-ST-5,08 BK
1792614 PHOENIX-1792614 Datasheet
102Kb / 7P
   Printed-circuit board connector - FKC 2,5/12-ST-5,08-LR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com