データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMH6601MGXNOPB データシート(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LMH6601MGXNOPB
部品情報  LMH6601/LMH6601Q 250 MHz, 2.4V CMOS Operational Amplifier with Shutdown
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6601MGXNOPB データシート(HTML) 8 Page - National Semiconductor (TI)

Back Button LMH6601MGXNOPB Datasheet HTML 4Page - National Semiconductor (TI) LMH6601MGXNOPB Datasheet HTML 5Page - National Semiconductor (TI) LMH6601MGXNOPB Datasheet HTML 6Page - National Semiconductor (TI) LMH6601MGXNOPB Datasheet HTML 7Page - National Semiconductor (TI) LMH6601MGXNOPB Datasheet HTML 8Page - National Semiconductor (TI) LMH6601MGXNOPB Datasheet HTML 9Page - National Semiconductor (TI) LMH6601MGXNOPB Datasheet HTML 10Page - National Semiconductor (TI) LMH6601MGXNOPB Datasheet HTML 11Page - National Semiconductor (TI) LMH6601MGXNOPB Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
LMH6601, LMH6601-Q1
SNOSAK9E – JUNE 2006 – REVISED MARCH 2013
www.ti.com
2.7V ELECTRICAL CHARACTERISTICS (continued)
Single Supply with VS = 2.7V, AV = +2, RF = 604Ω, SD tied to V
+, V
OUT = VS/2, RL = 150Ω to V
unless otherwise specified.
Boldface limits apply at temperature extremes.
(1)
Symbol
Parameter
Condition
Min (2)
Typ (2)
Max (2)
Units
−PSRR
Negative Power Supply Rejection
DC
56
69
dB
Ratio
53
CMRR
Common Mode Rejection Ratio
DC
57
77
dB
52
CMVR
Input Voltage Range
CMRR > 50 dB
V-0.20
V+ -1.5
V
ICC
Supply Current
Normal Operation
9.0
10.6
mA
VOUT = VS/2
12.5
Shutdown
100
nA
SD tied to
≤ 0.27V (5)
VOH1
Output High Voltage
RL = 150Ω to V
–260
–200
(Relative to V+)
–420
VOH2
RL = 75Ω to VS/2
–200
mV
VOH3
RL = 10 kΩ to V
–50
–10
100
VOL1
Output Low Voltage
RL = 150Ω to V
+4
+45
(Relative to V)
+125
VOL2
RL = 75Ω to VS/2
+125
mV
VOL3
RL = 10 kΩ to V
+4
+45
125
IO
Output Current
VOUT ≤ 0.6V from Respective Source
25
Supply
Sink
62
mA
IO_1
VOUT = VS/2, VID = ±18 mV
Source
25
(6)
Sink
35
Load
Output Load Rating
THD <
−30 dBc, f = 200 kHz, RL tied to
40
VS/2, VOUT = 2.2 VPP
RO_Enable
Output Resistance
Enabled, AV = +1
0.2
RO_Disabled
Output Resistance
Shutdown
>100
M
CO_Disabled
Output Capacitance
Shutdown
5.6
pF
Miscellaneous Performance
VDMAX
Voltage Limit for Disable (Pin 5)
See (5)
0
0.27
V
VDMIN
Voltage Limit for Enable (Pin 5)
See (5)
2.43
2.7
V
Ii
Logic Input Current (Pin 5)
SD = 2.7V (5)
4
pA
V_glitch
Turn-on Glitch
1.2
V
Ton
Turn-on Time
5.2
µs
Toff
Turn-off Time
760
ns
IsolationOFF
Off Isolation
1 MHz, RL = 1 kΩ
60
dB
(5)
SD logic is CMOS compatible. To ensure proper logic level and to minimize power supply current, SD should typically be less than 10%
of total supply voltage away from either supply rail.
(6)
“VID” is input differential voltage (input overdrive).
8
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LMH6601 LMH6601-Q1


同様の部品番号 - LMH6601MGXNOPB

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LMH6601MGX NSC-LMH6601MGX Datasheet
1Mb / 27P
   250 MHz, 2.4V CMOS Op Amp with Shutdown
LMH6601MGX NSC-LMH6601MGX Datasheet
1Mb / 28P
   250 MHz, 2.4V CMOS Operational Amplifier with Shutdown
logo
Texas Instruments
LMH6601MGX/NOPB TI1-LMH6601MGX/NOPB Datasheet
2Mb / 40P
[Old version datasheet]   CMOS Operational Amplifier
More results

同様の説明 - LMH6601MGXNOPB

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LMH6601 NSC-LMH6601_09 Datasheet
1Mb / 28P
   250 MHz, 2.4V CMOS Operational Amplifier with Shutdown
logo
Texas Instruments
LMH6601 TI1-LMH6601 Datasheet
1Mb / 37P
[Old version datasheet]   250 MHz, 2.4V CMOS Operational Amplifier with Shutdown
LMH6601-Q1 TI1-LMH6601-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   250 MHz, 2.4V CMOS Operational Amplifier with Shutdown
logo
National Semiconductor ...
LMH6601 NSC-LMH6601 Datasheet
1Mb / 27P
   250 MHz, 2.4V CMOS Op Amp with Shutdown
logo
Texas Instruments
OPA355-Q1 TI-OPA355-Q1 Datasheet
383Kb / 18P
[Old version datasheet]   200-MHz CMOS Operational Amplifier With Shutdown
OPA322 TI1-OPA322_16 Datasheet
1Mb / 38P
[Old version datasheet]   CMOS Operational Amplifier with Shutdown
OPA322-Q1 TI1-OPA322-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   CMOS Operational Amplifier With Shutdown
OPA355NA TI1-OPA355NA Datasheet
823Kb / 24P
[Old version datasheet]   200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
OPA355UA TI-OPA355UA Datasheet
1Mb / 26P
[Old version datasheet]   200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
OPA355NA TI-OPA355NA Datasheet
1Mb / 27P
[Old version datasheet]   200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com