データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMH6612MANOPB データシート(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LMH6612MANOPB
部品情報  LMH6611/LMH6612 Single Supply 345 MHz Rail-to-Rail Output Amplifiers
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6612MANOPB データシート(HTML) 6 Page - National Semiconductor (TI)

Back Button LMH6612MANOPB Datasheet HTML 2Page - National Semiconductor (TI) LMH6612MANOPB Datasheet HTML 3Page - National Semiconductor (TI) LMH6612MANOPB Datasheet HTML 4Page - National Semiconductor (TI) LMH6612MANOPB Datasheet HTML 5Page - National Semiconductor (TI) LMH6612MANOPB Datasheet HTML 6Page - National Semiconductor (TI) LMH6612MANOPB Datasheet HTML 7Page - National Semiconductor (TI) LMH6612MANOPB Datasheet HTML 8Page - National Semiconductor (TI) LMH6612MANOPB Datasheet HTML 9Page - National Semiconductor (TI) LMH6612MANOPB Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
LMH6611, LMH6612
SNOSB00K – NOVEMBER 2007 – REVISED OCTOBER 2013
www.ti.com
+5V Electrical Characteristics (continued)
Unless otherwise specified, all limits are specified for TJ = +25°C, V
+ = 5V, V= 0V, V
S = V
+ – V, DISABLE = 5V, V
CM = VO =
V
+/2, A
V = +1, RF = 0Ω, when AV ≠ +1 then RF = 560Ω, RL = 1 kΩ. Boldface limits apply at temperature extremes.
Symbol
Parameter
Condition
Min
Typ
Max
Units
(1)
(2)
(1)
CMRR
Common Mode Rejection Ratio
VCM Stepped from −0.1V to 3.7V
81
98
dB
AOL
Open Loop Gain
RL = 1 kΩ, VOUT = 4.6V to 0.4V
92
103
dB
RL = 150Ω, VOUT = 4.4V to 0.6V
80
86
Output DC Characteristics
VO
Output Swing High (LMH6611)
RL = 1 kΩ to V
+/2
76
90
(Voltage from V+ Supply Rail)
93
RL =150Ω to V
+/2
195
239
256
Output Swing Low (LMH6611)
RL = 1 kΩ to V
+/2
74
92
(Voltage from VSupply Rail)
98
RL =150Ω to V
+/2
193
243
265
RL = 150Ω to V
48
60
64
mV
Output Swing High (LMH6612)
RL = 1 kΩ to V
+/2
75
86
(Voltage from V+ Supply Rail)
91
RL =150Ω to V
+/2
195
223
241
Output Swing Low (LMH6612)
RL = 1 kΩ to V
+/2
77
88
(Voltage from VSupply Rail)
98
RL =150Ω to V
+/2
202
234
261
RL = 150Ω to V
49
58
64
IOUT
Linear Output Current
VOUT = V
+/2(4)
±100
mA
RO
Output Resistance
f = 1 MHz
0.07
Enable Pin Operation
Enable High Voltage Threshold
Enabled(5)
3.0
V
Enable Pin High Current
VDISABLE = 5V
1.2
µA
Enable Low Voltage Threshold
Disabled(5)
2.0
V
Enable Pin Low Current
VDISABLE = 0V
2.8
µA
ton
Turn-On Time
20
ns
toff
Turn-Off Time
60
ns
Power Supply Performance
PSRR
Power Supply Rejection Ratio
DC, VCM = 0.5V, VS = 2.7V to 11V
81
96
dB
IS
Supply Current (LMH6611)
RL = ∞
3.2
3.6
4.0
mA
Supply Current (LMH6612)
RL = ∞
3.2
3.7
(per channel)
4.25
ISD
Disable Shutdown Current
DISABLE = 0V
120
162
μA
(LMH6611)
(4)
Do not short circuit the output. Continuous source or sink currents larger than the IOUT typical are not recommended as they may
damage the part.
(5)
This parameter is ensured by design and/or characterization and is not tested in production.
6
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LMH6611 LMH6612


同様の部品番号 - LMH6612MANOPB

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMH6612MA TI1-LMH6612MA Datasheet
1Mb / 32P
[Old version datasheet]   Single Supply 345 MHz Rail-to-Rail Output Amplifiers
LMH6612MA/NOPB TI1-LMH6612MA/NOPB Datasheet
2Mb / 42P
[Old version datasheet]   Single Supply 345 MHz Rail-to-Rail Output Amplifiers
LMH6612MAX TI1-LMH6612MAX Datasheet
1Mb / 32P
[Old version datasheet]   Single Supply 345 MHz Rail-to-Rail Output Amplifiers
LMH6612MAX/NOPB TI1-LMH6612MAX/NOPB Datasheet
2Mb / 42P
[Old version datasheet]   Single Supply 345 MHz Rail-to-Rail Output Amplifiers
More results

同様の説明 - LMH6612MANOPB

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMH6612MA TI1-LMH6612MA Datasheet
1Mb / 32P
[Old version datasheet]   Single Supply 345 MHz Rail-to-Rail Output Amplifiers
LMH6612 TI1-LMH6612 Datasheet
2Mb / 42P
[Old version datasheet]   Single Supply 345 MHz Rail-to-Rail Output Amplifiers
LMH6611 TI1-LMH6611 Datasheet
2Mb / 42P
[Old version datasheet]   Single Supply 345 MHz Rail-to-Rail Output Amplifiers
logo
Intersil Corporation
LMH6611 INTERSIL-LMH6611 Datasheet
1Mb / 30P
   PowerWise짰 Single Supply 345 MHz Rail-to-Rail Output Amplifiers
logo
Linear Technology
LT1789-1 LINER-LT1789-1_15 Datasheet
336Kb / 24P
   Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
LT1789-10 LINER-LT1789-10_15 Datasheet
336Kb / 24P
   Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
LT1789-1 LINER-LT1789-1 Datasheet
510Kb / 24P
   Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
LT1789-1 LINER-LT1789-1_1 Datasheet
332Kb / 24P
   Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
logo
Texas Instruments
INA212-Q1 TI1-INA212-Q1 Datasheet
2Mb / 29P
[Old version datasheet]   36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
OPA172IDR TI1-OPA172IDR Datasheet
2Mb / 29P
[Old version datasheet]   36-V Single-Supply 10-MHz Rail-to-Rail Output Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com