データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMH6619MAENOPB データシート(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LMH6619MAENOPB
部品情報  LMH6618 Single/LMH6619 Dual 130 MHz, 1.25 mA RRIO Operational Amplifiers
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6619MAENOPB データシート(HTML) 7 Page - National Semiconductor (TI)

Back Button LMH6619MAENOPB Datasheet HTML 3Page - National Semiconductor (TI) LMH6619MAENOPB Datasheet HTML 4Page - National Semiconductor (TI) LMH6619MAENOPB Datasheet HTML 5Page - National Semiconductor (TI) LMH6619MAENOPB Datasheet HTML 6Page - National Semiconductor (TI) LMH6619MAENOPB Datasheet HTML 7Page - National Semiconductor (TI) LMH6619MAENOPB Datasheet HTML 8Page - National Semiconductor (TI) LMH6619MAENOPB Datasheet HTML 9Page - National Semiconductor (TI) LMH6619MAENOPB Datasheet HTML 10Page - National Semiconductor (TI) LMH6619MAENOPB Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
LMH6618, LMH6619
www.ti.com
SNOSAV7E – AUGUST 2007 – REVISED OCTOBER 2012
±5V ELECTRICAL CHARACTERISTICS
Unless otherwise specified, all limits are guaranteed for TJ = +25°C, V
+ = 5V, V= −5V, DISABLE = 5V, V
CM = VO = 0V, AV =
+1 (RF = 0Ω), otherwise RF = 2 kΩ for AV ≠ +1, RL = 1 kΩ || 5 pF. Boldface Limits apply at temperature extremes.
Symbol
Parameter
Condition
Min
Typ
Max
Units
(1)
(2)
(1)
Frequency Domain Response
SSBW
–3 dB Bandwidth Small Signal
AV = 1, RL = 1 kΩ, VOUT = 0.2 VPP
140
MHz
AV = 2, −1, RL = 1 kΩ, VOUT = 0.2 VPP
53
GBW
Gain Bandwidth (LMH6618)
AV = 10, RF = 2 kΩ, RG = 221Ω,
54
65
MHz
RL = 1 kΩ, VOUT = 0.2 VPP
GBW
Gain Bandwidth (LMH6619)
AV = 10, RF = 2 kΩ, RG = 221Ω,
54
58
MHz
RL = 1 kΩ, VOUT = 0.2 VPP
LSBW
−3 dB Bandwidth Large Signal
AV = 1, RL = 1 kΩ, VOUT = 2 VPP
16
MHz
AV = 2, RL = 150Ω, VOUT = 2 VPP
15
Peak
Peaking
AV = 1, CL = 5 pF
0.05
dB
0.1
0.1 dB Bandwidth
AV = 2, VOUT = 0.5 VPP,
15
MHz
dBBW
RF = RG = 1.21 kΩ
DG
Differential Gain
AV = +2, 4.43 MHz, 0.6V < VOUT < 2V,
0.1
%
RL = 150Ω to V
+/2
DP
Differential Phase
AV = +2, 4.43 MHz, 0.6V < VOUT < 2V,
0.1
deg
RL = 150Ω to V
+/2
Time Domain Response
tr/tf
Rise & Fall Time
2V Step, AV = 1
30
ns
SR
Slew Rate
2V Step, AV = 1
45
57
V/
μs
ts_0.1
0.1% Settling Time
2V Step, AV = −1
90
ns
ts_0.01
0.01% Settling Time
2V Step, AV = −1
120
Noise and Distortion Performance
SFDR
Spurious Free Dynamic Range
fC = 100 kHz, VOUT = 2 VPP, RL = 1 kΩ
100
fC = 1 MHz, VOUT = 2 VPP, RL = 1 kΩ
88
dBc
fC = 5 MHz, VOUT = 2 VPP, RL = 1 kΩ
70
en
Input Voltage Noise Density
f = 100 kHz
10
nV/
√Hz
in
Input Current Noise Density
f = 100 kHz
1
pA/
√Hz
CT
Crosstalk (LMH6619)
f = 5 MHz, VIN = 2 VPP
80
dB
Input DC Performance
VOS
Input Offset Voltage
VCM = −4.5V (pnp active)
0.1
±0.75
mV
VCM = 4.5V (npn active)
±1.3
TCVOS
Input Offset Voltage Temperature Drift
(3)
0.9
µV/°C
IB
Input Bias Current
VCM = −4.5V (pnp active)
−1.5
−2.4
μA
VCM = 4.5V (npn active)
+1.0
+1.9
IOS
Input Offset Current
0.01
±0.26
μA
CIN
Input Capacitance
1.5
pF
RIN
Input Resistance
8
M
CMVR
Common Mode Voltage Range
DC, CMRR
≥ 65 dB
−5.2
5.2
V
CMRR
Common Mode Rejection Ratio
VCM Stepped from −5.1V to 3.4V
84
100
dB
VCM Stepped from 4.0V to 5.1V
83
108
AOL
Open Loop Voltage Gain
RL = 1 kΩ to +4.6V or −4.6V
86
95
dB
RL = 150Ω to +4.3V or −4.3V
79
84
(1)
Limits are 100% production tested at 25°C. Limits over the operating temperature range are guaranteed through correlations using the
Statistical Quality Control (SQC) method.
(2)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not guaranteed on
shipped production material.
(3)
Voltage average drift is determined by dividing the change in VOS by temperature change.
Copyright © 2007–2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMH6618 LMH6619


同様の部品番号 - LMH6619MAENOPB

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LMH6619MAE NSC-LMH6619MAE Datasheet
1Mb / 28P
   PowerWise짰 130 MHz, 1.25 mA RRIO Operational Amplifiers
logo
Texas Instruments
LMH6619MAE/NOPB TI1-LMH6619MAE/NOPB Datasheet
2Mb / 38P
[Old version datasheet]   130 MHz, 1.25 mA RRIO Operational Amplifiers
More results

同様の説明 - LMH6619MAENOPB

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMH6618 TI1-LMH6618 Datasheet
2Mb / 38P
[Old version datasheet]   130 MHz, 1.25 mA RRIO Operational Amplifiers
logo
National Semiconductor ...
LMH6618_0711 NSC-LMH6618_0711 Datasheet
1Mb / 28P
   PowerWise짰 130 MHz, 1.25 mA RRIO Operational Amplifiers
logo
Texas Instruments
LMH6619Q TI1-LMH6619Q Datasheet
1Mb / 30P
[Old version datasheet]   130 MHz, 1.25 mA RRIO Operational Amplifier
LMV981-N TI1-LMV981-N Datasheet
1Mb / 28P
[Old version datasheet]   Dual 1.8V, RRIO Operational Amplifiers
LMV931-N TI1-LMV931-N Datasheet
1Mb / 40P
[Old version datasheet]   Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
LMV710 TI1-LMV710_15 Datasheet
481Kb / 15P
[Old version datasheet]   SINGLE LOW-POWER RRIO OPERATIONAL AMPLIFIERS
TLV9062-Q1 TI1-TLV9062-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   Automotive 10-MHz, RRIO, CMOS Operational Amplifiers
logo
Intersil Corporation
ISL28114 INTERSIL-ISL28114 Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
ISL28114 INTERSIL-ISL28114_11 Datasheet
1Mb / 22P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28114 RENESAS-ISL28114 Datasheet
1Mb / 23P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com