データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMH6639MF データシート(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
部品番号 LMH6639MF
部品情報  LMH6639 190MHz Rail-to-Rail Output Amplifier with Disable
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6639MF データシート(HTML) 10 Page - National Semiconductor (TI)

Back Button LMH6639MF Datasheet HTML 6Page - National Semiconductor (TI) LMH6639MF Datasheet HTML 7Page - National Semiconductor (TI) LMH6639MF Datasheet HTML 8Page - National Semiconductor (TI) LMH6639MF Datasheet HTML 9Page - National Semiconductor (TI) LMH6639MF Datasheet HTML 10Page - National Semiconductor (TI) LMH6639MF Datasheet HTML 11Page - National Semiconductor (TI) LMH6639MF Datasheet HTML 12Page - National Semiconductor (TI) LMH6639MF Datasheet HTML 13Page - National Semiconductor (TI) LMH6639MF Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
10k
100k
1M
10M
100M 300M
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
5
FREQUENCY (Hz)
RL = 500:
AV = +10
AV = +5
AV = +2
AV = +1
10k
100k
1M
10M
100M 300M
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
5
FREQUENCY (Hz)
RL - 500:
AV = -1
AV = -2
AV = -5
AV = -10
1M
10M
100M
300M
-15
-12
-9
-6
-3
0
3
6
FREQUENCY (Hz)
3V
10V
5V
AV = +1
RL = 500:
1M
10M
100M
300M
-36
-30
-24
-18
-12
-6
0
6
FREQUENCY (Hz)
AV = -1
RL = 500:
5V
3V
10V
VS = 10V
VS = 3V
2
3
4
5
6
7
8
9
11
2
2.5
3
3.5
4
4.5
5
5.5
6
6.5
7
VS (V)
10
125°C
-40°C
85°C
25°C
2
4
6
8
1
0
-2.6
-2.4
-2.2
-2
-1.8
-1.6
-1.4
-1.2
-1
VS (V)
-40°C
85°C
125°C
25°C
LMH6639
SNOS989G – JANUARY 2002 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
At TJ = 25°C, V
+ = +2.5, V= −2.5V, R
F = 330Ω for AV = +2, RF = 1kΩ for AV = −1. Unless otherwise specified.
ISUPPLY vs.
IB vs.
VS for Various Temperature
VS for Various Temperature
Figure 16.
Figure 17.
Bandwidth for Various VS
Bandwidth for Various VS
Figure 18.
Figure 19.
Gain vs.
Gain vs.
Frequency Normalized
Frequency Normalized
Figure 20.
Figure 21.
10
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: LMH6639


同様の部品番号 - LMH6639MF

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LMH6639MF NSC-LMH6639MF Datasheet
649Kb / 17P
   190MHz Rail-to-Rail Output Amplifier with Disable
logo
Texas Instruments
LMH6639MF TI1-LMH6639MF Datasheet
1Mb / 26P
[Old version datasheet]   LMH6639 190MHz Rail-to-Rail Output Amplifier with Disable
LMH6639MF TI1-LMH6639MF Datasheet
1Mb / 26P
[Old version datasheet]   190MHz Rail-to-Rail Output Amplifier with Disable
LMH6639MF/NOPB TI1-LMH6639MF/NOPB Datasheet
1Mb / 26P
[Old version datasheet]   LMH6639 190MHz Rail-to-Rail Output Amplifier with Disable
LMH6639MF/NOPB TI1-LMH6639MF/NOPB Datasheet
1Mb / 26P
[Old version datasheet]   190MHz Rail-to-Rail Output Amplifier with Disable
More results

同様の説明 - LMH6639MF

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMH6639 TI1-LMH6639_16 Datasheet
1Mb / 26P
[Old version datasheet]   LMH6639 190MHz Rail-to-Rail Output Amplifier with Disable
logo
National Semiconductor ...
LMH6639 NSC-LMH6639 Datasheet
649Kb / 17P
   190MHz Rail-to-Rail Output Amplifier with Disable
logo
Texas Instruments
LMH6639 TI1-LMH6639_17 Datasheet
1Mb / 26P
[Old version datasheet]   190MHz Rail-to-Rail Output Amplifier with Disable
LMH6639 TI1-LMH6639 Datasheet
1Mb / 26P
[Old version datasheet]   190MHz Rail-to-Rail Output Amplifier with Disable
logo
Analog Devices
AD8041 AD-AD8041 Datasheet
250Kb / 16P
   160 MHz Rail-to-Rail Amplifier with Disable
REV. B
AD8041 AD-AD8041_15 Datasheet
505Kb / 17P
   160 MHz Rail-to-Rail Amplifier with Disable
REV. B
AD8041 AD-AD8041_17 Datasheet
311Kb / 18P
   160 MHz Rail-to-Rail Amplifier with Disable
logo
National Semiconductor ...
LMV422 NSC-LMV422 Datasheet
761Kb / 10P
   Dual Rail-to-Rail Output Operational Amplifier with
logo
Unisonic Technologies
LV321 UTC-LV321_18 Datasheet
427Kb / 10P
   RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
logo
Exar Corporation
LMV321 EXAR-LMV321 Datasheet
1Mb / 15P
   General Purpose, Rail-to-Rail Output Amplifier Rail-to-Rail Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com