データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N4935G データシート(PDF) 2 Page - Shanghai Lunsure Electronic Tech

部品番号 1N4935G
部品情報  FAST RECOVERY GLASS PASSIVATED RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CHENYI [Shanghai Lunsure Electronic Tech]
ホームページ  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

1N4935G データシート(HTML) 2 Page - Shanghai Lunsure Electronic Tech

  1N4935G Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech 1N4935G Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CE
1N4933G THRU 1N4937G
CHENYI ELECTRONICS
FAST RECOVERY GLASS PASSIVATED RECTIFIER
Reverse Voltage - 50 to 600 Volts
Forward Current - 1.0Ampere
RATINGS AND CHARACTERISTIC CURVES 1N4933G THRU 1N4937G
FLG.1-TYPICAL FORWARD CURRENT
FIG.2-MAXIMUM NON-REPETITIVE
DERATING CURVE
FORWARD SURGE CURRENT
FIG.4-TYPICAL INSTANTANEOUS FORWARD
FIG.3-TYPICAL JUNCTION CAPACITANCE
CHARACTERISTICS
FIG.5-TEST CIRCUIT DIAGRAM AND REVERSE
RECOVERY TIME CHARACTERISIC
Copyright @ 2000 SHANGHAI CHENYI ELECTRONICS CO.,LTD
Page 2 of 2


同様の部品番号 - 1N4935G

メーカー部品番号データシート部品情報
logo
Rectron Semiconductor
1N4935G RECTRON-1N4935G Datasheet
28Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
Taiwan Semiconductor Co...
1N4935G TSC-1N4935G Datasheet
376Kb / 4P
   Glass Passivated Fast Recovery Rectifiers
logo
Jinan Gude Electronic D...
1N4935G JGD-1N4935G Datasheet
140Kb / 2P
   1.0 AMP . FAST RECOVERY RECTIFIERS
logo
HY ELECTRONIC CORP.
1N4935G HY-1N4935G Datasheet
828Kb / 3P
   Fast Recovery Glass Passivated Recitifiers
logo
Gulf Semiconductor
1N4935G GULFSEMI-1N4935G Datasheet
150Kb / 2P
   GLASS PASSIVATED JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 600V CURRENT: 1.0A
More results

同様の説明 - 1N4935G

メーカー部品番号データシート部品情報
logo
Shanghai Sunrise Electr...
FR301G SSE-FR301G Datasheet
15Kb / 1P
   GLASS PASSIVATED FAST RECOVERY RECTIFIER
logo
List of Unclassifed Man...
FR801G ETC-FR801G Datasheet
149Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
Comchip Technology
FR8A01F-G COMCHIP-FR8A01F-G Datasheet
47Kb / 2P
   Glass Passivated Fast Recovery Rectifier
logo
MIC GROUP RECTIFIERS
1N4933G MIC-1N4933G Datasheet
53Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER
FR101G MIC-FR101G Datasheet
53Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
List of Unclassifed Man...
FR151G ETC2-FR151G Datasheet
117Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
Unisonic Technologies
FR104G UTC-FR104G Datasheet
197Kb / 4P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
Jinan Jing Heng Electro...
FR301G JINGHENG-FR301G Datasheet
57Kb / 2P
   GLASS PASSIVATED FAST RECOVERY RECTIFIER
RS3A JINGHENG-RS3A Datasheet
46Kb / 2P
   GLASS PASSIVATED FAST RECOVERY RECTIFIER
logo
Nantong Hornby Electron...
FR80X HORNBY-FR80X Datasheet
273Kb / 3P
   GLASS PASSIVATED FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com