データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMZ7-SW57 データシート(PDF) 3 Page - Lumileds Lighting Company

部品番号 LMZ7-SW57
部品情報  Best combination of brightness, uniformity and luminance enabling precision light control
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LUMILEDS [Lumileds Lighting Company]
ホームページ  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LMZ7-SW57 データシート(HTML) 3 Page - Lumileds Lighting Company

  LMZ7-SW57 Datasheet HTML 1Page - Lumileds Lighting Company LMZ7-SW57 Datasheet HTML 2Page - Lumileds Lighting Company LMZ7-SW57 Datasheet HTML 3Page - Lumileds Lighting Company LMZ7-SW57 Datasheet HTML 4Page - Lumileds Lighting Company LMZ7-SW57 Datasheet HTML 5Page - Lumileds Lighting Company LMZ7-SW57 Datasheet HTML 6Page - Lumileds Lighting Company LMZ7-SW57 Datasheet HTML 7Page - Lumileds Lighting Company LMZ7-SW57 Datasheet HTML 8Page - Lumileds Lighting Company LMZ7-SW57 Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
LUXEON MZ Datasheet DS136 20140218 ©2014 Philips Lumileds Lighting Company.
2
General Information
Product Nomenclature
LUXEON MZ emitters are specified and binned “hot” under conditions comparable to those found in
“real-world” lighting products.
The part number designation is explained as follows:
L M Z a - b c d e - f g h j
Where:
a — designates minimum CRI (7 = 70, 8 = 80, 9 = 90)
b — is S for serially connected product with a typical forward voltage of 12V at test conditions
c — designates color designation (W = White, R = Royal Blue)
d e — designates CCT (27=2700K, 30=3000K, 35=3500K, 40=4000K, 50=5000K, 57=5700K, 65=6500K)
fghi — minimum flux lumen (optional)
The test condition for LUXEON MZ LMZa-Scde-fghj is 700 mA DC with a junction temperature of 85°C.
Therefore LUXEON MZ 12V products tested and binned at 700 mA follow the part numbering scheme:
L M Z 7 - S W 4 0 - x x x x
L M Z 7 - S W 5 0 - x x x x
L M Z 7 - S W 5 7 - x x x x
L M Z 8 - S W 2 7 - x x x x
L M Z 8 - S W 3 0 - x x x x
Average Lumen Maintenance Characteristics
Lumen maintenance for solid-state lighting devices (LEDs) is typically defined in terms of the percentage of initial
light output remaining after a specified period of time. Philips Lumileds projects that LUXEON MZ products will
deliver, on average, 70% lumen maintenance (L70) at 50,000 hours of operation at a forward current of up to 700
mA for LMZx-Sxxx. This projection is based on constant current operation with junction temperature maintained at or
below 135°C. This performance is based on Philips Lumileds historical data from tests run on similar material systems,
and internal LM-80-08 and reliability testing. Observation of design limits included in this data sheet is required in
order to achieve this projected lumen maintenance.
Environmental Compliance
Philips Lumileds is committed to providing environmentally friendly products to the solid-state lighting market.
LUXEON MZ is compliant to the European Union directives on the restriction of hazardous substances in electronic
equipment, namely the RoHS directive. Philips Lumileds will not intentionally add the following restricted materials to
the LUXEON MZ lead, mercury, cadmium, hexavalent chromium, polybrominated biphenyls (PBB) or polybrominated
diphenyl ethers (PBDE).


同様の部品番号 - LMZ7-SW57

メーカー部品番号データシート部品情報
logo
Lumileds Lighting Compa...
LMZ7-SW57 LUMILEDS-LMZ7-SW57 Datasheet
2Mb / 21P
   Best combination of brightness, uniformity and luminance enabling precision light control
LMZ7-SW57 LUMILEDS-LMZ7-SW57 Datasheet
1Mb / 2P
   Best combination of brightness, uniformity and luminance enabling precision light control
More results

同様の説明 - LMZ7-SW57

メーカー部品番号データシート部品情報
logo
Lumileds Lighting Compa...
PB136 LUMILEDS-PB136 Datasheet
1Mb / 2P
   Best combination of brightness, uniformity and luminance enabling precision light control
DS136 LUMILEDS-DS136 Datasheet
2Mb / 21P
   Best combination of brightness, uniformity and luminance enabling precision light control
logo
List of Unclassifed Man...
TBA560C ETC1-TBA560C Datasheet
252Kb / 4P
   LUMINANCE AND CHROMINANCE CONTROL COMBINATION
logo
National Semiconductor ...
TBA560C NSC-TBA560C Datasheet
294Kb / 4P
   LUMINANCE AND CHROMINANCE CONTROL COMBINATION
logo
Fairchild Semiconductor
TDA2560 FAIRCHILD-TDA2560 Datasheet
442Kb / 8P
   LUMINANCE AND CHROMINANCE CONTROL COMBINATION
TBA560C FAIRCHILD-TBA560C Datasheet
334Kb / 5P
   LUMINANCE AND CHROMINANCE CONTROL COMBINATION
logo
Ledil, Inc.
C14165 LEDIL-C14165 Datasheet
4Mb / 17P
   Beam with excellent longitudinal luminance uniformity
logo
NXP Semiconductors
TCA660B PHILIPS-TCA660B Datasheet
391Kb / 9P
   CONTRAST, SATURATION AND BRIGHTNESS CONTROL CIRCUIT FOR COLOUR DIFFERENCE AND LUMINANCE SIGNALS
November 1976
logo
Lumileds Lighting Compa...
LHC1-3590-1203 LUMILEDS-LHC1-3590-1203 Datasheet
3Mb / 23P
   High-efficacy LED with a small light emitting surface and greater uniformity of light
logo
Ledil, Inc.
CA13837 LEDIL-CA13837 Datasheet
4Mb / 5P
   Universal road lighting beam with excellent mixed illuminance and luminance uniformity.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com