データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2N3896 データシート(PDF) 1 Page - Digitron Semiconductors

部品番号 2N3896
部品情報  SILICON CONTROLLED RECTIFIERS REVERSE BLOCKING TRIODE THYRISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIGITRON [Digitron Semiconductors]
ホームページ  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

2N3896 データシート(HTML) 1 Page - Digitron Semiconductors

  2N3896 Datasheet HTML 1Page - Digitron Semiconductors 2N3896 Datasheet HTML 2Page - Digitron Semiconductors 2N3896 Datasheet HTML 3Page - Digitron Semiconductors 2N3896 Datasheet HTML 4Page - Digitron Semiconductors 2N3896 Datasheet HTML 5Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
2N3870-2N3873
SILICON CONTROLLED RECTIFIERS
2N3896-2N3899
REVERSE BLOCKING TRIODE THYRISTOR
2N6171-2N6174
35 AMPS RMS, 100-800 VOLTS
Available Non-RoHS (standard) or RoHS compliant (add PBF suffix).
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number.
MAXIMUM RATINGS (TC = 100°C unless otherwise noted)
Rating
Symbol
Value
Unit
Peak repetitive forward or reverse blocking voltage (1)
(TJ = -40 to 100°C, ½ sine wave, 50-400 Hz, gate open)
2N3870, 2N3896, 2N6171
2N3871, 2N3897, 2N6172
2N3872, 2N3898, 2N6173
2N3873, 2N3899, 2N6174
VRRM or VDRM
100
200
400
600
Volts
Peak non-repetitive forward or reverse blocking voltage
(t ≤ 5ms)
2N3870, 2N3896, 2N6171
2N3871, 2N3897, 2N6172
2N3872, 2N3898, 2N6173
2N3873, 2N3899, 2N6174
VRSM or VDSM
150
330
660
700
Volts
Average on-state current (2)
(TC = -40 to 65°C)
(TC = 85°C)
IT(AV)
22
11
Amps
Peak non-repetitive surge current
(one cycle, 60Hz) (TC = 65°C)
ITSM
350
Amps
Circuit fusing
(TC = -40 to 100°C)
(t = 1 to 8.3 ms)
I2t
510
A2s
Peak gate power
PGM
20
Watts
Average gate power
PG(AV)
0.5
Watt
Peak forward gate current
IGM
2
Amps
Peak gate voltage
VGM
10
Volts
Operating junction temperature range
TJ
-40 to 100
°C
Storage temperature range
Tstg
-40 to 150
°C
Stud torque
-
30
In. lb.
Thermal resistance, junction to case
2N3870 – 2N3873, 2N3896-2N3899
2N6171-2N6174
R
ӨJC
0.9
1
°C/W
Note 1: Ratings apply for zero or negative gate voltage. Devices shall not have a positive bias applied to the gate concurrently with a negative potential on the anode. Devices
should not be tested with a constant current source for forward or reverse blocking capability such that the voltage applied exceeds the rated blocking voltage.
Note 2: Isolated stud devices must be derated an additional 10 percent.
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Peak forward or reverse blocking current
(Rated VDRM or VRRM, gate open, TJ = 100°C)
2N3870, 2N3896, 2N6171
2N3871, 2N3897, 2N6172
2N3872, 2N3898, 2N6173
2N3873, 2N3899, 2N6174
Rated VDRM or VRRM, gate open, TJ = 25°C)
All devices
IDRM, IRRM
-
-
-
-
-
1
1
1
1
-
2.0
2.5
3.0
4.0
10
mA
µA
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20130116


同様の部品番号 - 2N3896

メーカー部品番号データシート部品情報
logo
Motorola, Inc
2N3896 MOTOROLA-2N3896 Datasheet
272Kb / 4P
   Silicon Controlled Rectifiers(Reverse Blocking Triode Thyristors)
logo
New Jersey Semi-Conduct...
2N3896 NJSEMI-2N3896 Datasheet
184Kb / 2P
   SILICON CONTROLLED RECTIFIERS
logo
List of Unclassifed Man...
2N3896 ETC1-2N3896 Datasheet
2Mb / 6P
   GERMANIUM PNP TRANSISTORS
More results

同様の説明 - 2N3896

メーカー部品番号データシート部品情報
logo
Motorola, Inc
C228 MOTOROLA-C228 Datasheet
87Kb / 2P
   SILICON CONTROLLED RECTIFIER REVERSE BLOCKING TRIODE THYRISTOR
MCR3835 MOTOROLA-MCR3835 Datasheet
109Kb / 3P
   SILICON CONTROLLED RECTIFIER REVERSE BLOCKING TRIODE THYRISTOR
MCR3818 MOTOROLA-MCR3818 Datasheet
201Kb / 5P
   Silicon Controlled Rectifier Reverse Blocking Triode Thyristor
logo
New Jersey Semi-Conduct...
MCR3935 NJSEMI-MCR3935 Datasheet
93Kb / 2P
   Silicon Controlled Rectifier Reverse Blocking Triode Thyristor
2N3008 NJSEMI-2N3008 Datasheet
142Kb / 1P
   SILICON REVERSE-BLOCKING TRIODE THYRISTOR
logo
Motorola, Inc
2N3870 MOTOROLA-2N3870 Datasheet
272Kb / 4P
   Silicon Controlled Rectifiers(Reverse Blocking Triode Thyristors)
2N6240 MOTOROLA-2N6240 Datasheet
55Kb / 4P
   Silicon controlled Rectifiers Reverse Blocking Triode Thyristors
logo
ON Semiconductor
MCR310 ONSEMI-MCR310 Datasheet
50Kb / 3P
   Silicon Controlled Rectifiers Reverse Blocking Triode Thyristors
March, 2007 ??Rev. 3
logo
Motorola, Inc
MCR100 MOTOROLA-MCR100 Datasheet
81Kb / 4P
   Silicon Controlled Rectifiers(Reverse Blocking Triode Thyristors)
logo
New Jersey Semi-Conduct...
MCR230 NJSEMI-MCR230 Datasheet
114Kb / 3P
   Silicon Controlled Rectifiers Reverse Blocking Triode Thyristors
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com