データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2N3897 データシート(PDF) 2 Page - Digitron Semiconductors

部品番号 2N3897
部品情報  SILICON CONTROLLED RECTIFIERS REVERSE BLOCKING TRIODE THYRISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIGITRON [Digitron Semiconductors]
ホームページ  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

2N3897 データシート(HTML) 2 Page - Digitron Semiconductors

  2N3897 Datasheet HTML 1Page - Digitron Semiconductors 2N3897 Datasheet HTML 2Page - Digitron Semiconductors 2N3897 Datasheet HTML 3Page - Digitron Semiconductors 2N3897 Datasheet HTML 4Page - Digitron Semiconductors 2N3897 Datasheet HTML 5Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
2N3870-2N3873
SILICON CONTROLLED RECTIFIERS
2N3896-2N3899
REVERSE BLOCKING TRIODE THYRISTOR
2N6171-2N6174
35 AMPS RMS, 100-800 VOLTS
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Peak on-state voltage
(ITM = 69A peak)
VTM
-
1.5
1.85
Volts
Gate trigger current (continuous dc)
VD = 12V, RL = 24ohms)
TC = -40°C
TC = 25°C
IGT
-
-
9
4
80
40
mA
Gate trigger voltage (continuous dc)
VD = 12V, RL = 24ohms)
TC = -40°C
TC = 25°C
VGT
-
-
0.9
0.69
3
1.6
Volts
Holding current (gate open)
VD = 12V, ITM = 200mA)
TC = -40°C
TC = 25°C
IH
-
-
14
5.2
90
50
mA
Gate controlled turn-on time (td+tr)
(ITM = 41Adc, VD = rated VDRM, IGT = 40mAdc,
Rise time ≤ 0.05µs, pulse width = 10µs)
tgt
-
-
1.5
µs
Circuit commutated turn-off time
(ITM = 10A, IR = 10A)
(ITM = 10A, IR = 10A, TC = 100°C)
tq
-
-
25
35
-
-
µs
Forward voltage application rate
(TC = 100°C, VD = rated VDRM)
dv/dt
-
50
-
V/µs
MECHANICAL CHARACTERISTICS
2N3870-2N3873
Case
DIGI PF2
Marking
Alpha-numeric
Pin out
See below
DIGI PF2
Inches
Millimeters
Min
Max
Min
Max
A
0.501
0.505
12.730
12.830
B
0.465
0.475
11.810
12.060
C
0.330
0.380
8.390
9.650
E
0.100
-
2.540
-
F
0.035
0.085
0.890
2.160
H
0.148
0.174
3.750
4.410
J
0.080
0.097
2.040
2.460
K
-
0.800
-
20.320
N
-
0.510
-
12.950
Q
0.065
0.160
1.650
4.060
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20130116


同様の部品番号 - 2N3897

メーカー部品番号データシート部品情報
logo
Motorola, Inc
2N3897 MOTOROLA-2N3897 Datasheet
272Kb / 4P
   Silicon Controlled Rectifiers(Reverse Blocking Triode Thyristors)
logo
List of Unclassifed Man...
2N3897 ETC1-2N3897 Datasheet
2Mb / 6P
   GERMANIUM PNP TRANSISTORS
More results

同様の説明 - 2N3897

メーカー部品番号データシート部品情報
logo
Motorola, Inc
C228 MOTOROLA-C228 Datasheet
87Kb / 2P
   SILICON CONTROLLED RECTIFIER REVERSE BLOCKING TRIODE THYRISTOR
MCR3835 MOTOROLA-MCR3835 Datasheet
109Kb / 3P
   SILICON CONTROLLED RECTIFIER REVERSE BLOCKING TRIODE THYRISTOR
MCR3818 MOTOROLA-MCR3818 Datasheet
201Kb / 5P
   Silicon Controlled Rectifier Reverse Blocking Triode Thyristor
logo
New Jersey Semi-Conduct...
MCR3935 NJSEMI-MCR3935 Datasheet
93Kb / 2P
   Silicon Controlled Rectifier Reverse Blocking Triode Thyristor
2N3008 NJSEMI-2N3008 Datasheet
142Kb / 1P
   SILICON REVERSE-BLOCKING TRIODE THYRISTOR
logo
Motorola, Inc
2N3870 MOTOROLA-2N3870 Datasheet
272Kb / 4P
   Silicon Controlled Rectifiers(Reverse Blocking Triode Thyristors)
2N6240 MOTOROLA-2N6240 Datasheet
55Kb / 4P
   Silicon controlled Rectifiers Reverse Blocking Triode Thyristors
logo
ON Semiconductor
MCR310 ONSEMI-MCR310 Datasheet
50Kb / 3P
   Silicon Controlled Rectifiers Reverse Blocking Triode Thyristors
March, 2007 ??Rev. 3
logo
Motorola, Inc
MCR100 MOTOROLA-MCR100 Datasheet
81Kb / 4P
   Silicon Controlled Rectifiers(Reverse Blocking Triode Thyristors)
logo
New Jersey Semi-Conduct...
MCR230 NJSEMI-MCR230 Datasheet
114Kb / 3P
   Silicon Controlled Rectifiers Reverse Blocking Triode Thyristors
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com