データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TL431IDM データシート(PDF) 3 Page - Motorola, Inc

部品番号 TL431IDM
部品情報  PROGRAMMABLE PRECISION REFERENCES
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

TL431IDM データシート(HTML) 3 Page - Motorola, Inc

  TL431IDM Datasheet HTML 1Page - Motorola, Inc TL431IDM Datasheet HTML 2Page - Motorola, Inc TL431IDM Datasheet HTML 3Page - Motorola, Inc TL431IDM Datasheet HTML 4Page - Motorola, Inc TL431IDM Datasheet HTML 5Page - Motorola, Inc TL431IDM Datasheet HTML 6Page - Motorola, Inc TL431IDM Datasheet HTML 7Page - Motorola, Inc TL431IDM Datasheet HTML 8Page - Motorola, Inc TL431IDM Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
TL431, A, B Series
3
MOTOROLA ANALOG IC DEVICE DATA
ELECTRICAL CHARACTERISTICS (TA = 25°C, unless otherwise noted.)
Ch
i i
Sb l
TL431I
TL431C
Characteristic
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Reference Input Voltage (Figure 1)
Vref
V
VKA = Vref, IK = 10 mA
TA = 25°C
2.44
2.495
2.55
2.44
2.495
2.55
TA = Tlow to Thigh (Note 1)
2.41
2.58
2.423
2.567
Reference Input Voltage Deviation Over
∆Vref
7.0
3.0
mV
Temperature Range (Figure 1, Notes 1, 2)
VKA= Vref, IK = 10 mA
Ratio of Change in Reference Input Voltage
DV
ref
mV/V
to Change in Cathode to Anode Voltage
ref
DV
KA
IK = 10 mA (Figure 2),
DV
KA
∆VKA = 10 V to Vref
–1.4
–2.7
–1.4
–2.7
∆VKA = 36 V to 10 V
–1.0
–2.0
–1.0
–2.0
Reference Input Current (Figure 2)
Iref
µA
IK = 10 mA, R1 = 10 k, R2 = ∞
TA = 25°C
1.8
4.0
1.8
4.0
TA = Tlow to Thigh (Note 1)
6.5
5.2
Reference Input Current Deviation Over
∆Iref
0.8
2.5
0.4
1.2
µA
Temperature Range (Figure 2, Note 1, 4)
IK = 10 mA, R1 = 10 k, R2 = ∞
Minimum Cathode Current For Regulation
Imin
0.5
1.0
0.5
1.0
mA
VKA = Vref (Figure 1)
Off–State Cathode Current (Figure 3)
Ioff
260
1000
2.6
1000
nA
VKA = 36 V, Vref = 0 V
Dynamic Impedance (Figure 1, Note 3)
|ZKA|
0.22
0.5
0.22
0.5
VKA = Vref, ∆IK = 1.0 mA to 100 mA
f
≤ 1.0 kHz
NOTES: 1. Tlow = –40°C for TL431AIP TL431AILP, TL431IP, TL431ILP, TL431BID, TL431BIP, TL431BILP, TL431AIDM, TL431IDM, TL431BIDM
=0
°C for TL431ACP, TL431ACLP, TL431CP, TL431CLP, TL431CD, TL431ACD, TL431BCD, TL431BCP, TL431BCLP, TL431CDM,
TL431ACDM, TL431BCDM
Thigh= +85°C for TL431AIP, TL431AILP, TL431IP, TL431ILP, TL431BID, TL431BIP, TL431BILP, TL431IDM, TL431AIDM, TL431BIDM
= +70
°C for TL431ACP, TL431ACLP, TL431CP, TL431ACD, TL431BCD, TL431BCP, TL431BCLP, TL431CDM, TL431ACDM, TL431BCDM
2. The deviation parameter
∆Vref is defined as the difference between the maximum and minimum values obtained over the full operating ambient
temperature range that applies.
∆Vref = Vref max
–Vref min
∆TA = T2 – T1
T2
Ambient Temperature
T1
Vref min
Vref max
The average temperature coefficient of the reference input voltage,
αVref is defined as:
V
ref
ppm
_C
+
D V
ref
V
ref
@25
_C
X106
D T
A
+
D V
ref
x106
D T
A
(V
ref
@25
_C)
αVref can be positive or negative depending on whether Vref Min or Vref Max occurs at the lower ambient temperature. (Refer to Figure 6.)
Example :
DV
ref +
8.0 mV and slope is positive,
V
ref
@25
_C + 2.495 V, DT
A +
70
_C
a V
ref +
0.008 x 106
70 (2.495)
+ 45.8 ppm _C
3. The dynamic impedance ZKA is defined as |ZKA| +
D V
KA
D I
K
When the device is programmed with two external resistors, R1 and R2, (refer to Figure 2) the total dynamic impedance of the circuit is defined as:
|Z
KA
|
[ |Z
KA
|
1
) R1
R2


同様の部品番号 - TL431IDM

メーカー部品番号データシート部品情報
logo
ON Semiconductor
TL431IDM ONSEMI-TL431IDM Datasheet
173Kb / 18P
   PROGRAMMABLE PRECISION REFERENCES
April, 2012 ??Rev. 34
logo
Microsemi Corporation
TL431IDM MICROSEMI-TL431IDM Datasheet
210Kb / 12P
   PRECISION PROGRAMMABLE REFERENCES
TL431IDM MICROSEMI-TL431IDM Datasheet
270Kb / 11P
   PRECISION PROGRAMMABLE REFERENCES
logo
ON Semiconductor
TL431IDMR2 ONSEMI-TL431IDMR2 Datasheet
173Kb / 18P
   PROGRAMMABLE PRECISION REFERENCES
April, 2012 ??Rev. 34
TL431IDMR2G ONSEMI-TL431IDMR2G Datasheet
173Kb / 18P
   PROGRAMMABLE PRECISION REFERENCES
April, 2012 ??Rev. 34
More results

同様の説明 - TL431IDM

メーカー部品番号データシート部品情報
logo
ON Semiconductor
NCP431 ONSEMI-NCP431 Datasheet
377Kb / 17P
   Programmable Precision References
June, 2016 ??Rev. 14
logo
First Components Intern...
TL431 FCI-TL431 Datasheet
465Kb / 9P
   Programmable Precision References
logo
First Silicon Co., Ltd
FA431HCS FS-FA431HCS Datasheet
282Kb / 4P
   PROGRAMMABLE PRECISION REFERENCES
logo
ON Semiconductor
TL431A ONSEMI-TL431A_V01 Datasheet
471Kb / 22P
   Programmable Precision References
April, 2022 - Rev. 43
logo
Microsemi Corporation
TL431 MICROSEMI-TL431 Datasheet
210Kb / 12P
   PRECISION PROGRAMMABLE REFERENCES
logo
ON Semiconductor
TL431 ONSEMI-TL431_06 Datasheet
176Kb / 19P
   Programmable Precision References
November, 2006 ??Rev. 25
TL431 ONSEMI-TL431 Datasheet
173Kb / 18P
   PROGRAMMABLE PRECISION REFERENCES
April, 2012 ??Rev. 34
NCV431BVDMR2G ONSEMI-NCV431BVDMR2G Datasheet
216Kb / 18P
   Programmable Precision References
April, 2012 ??Rev. 34
TL431 ONSEMI-TL431 Datasheet
216Kb / 18P
   Programmable Precision References
April, 2012 ??Rev. 34
TL431A ONSEMI-TL431A Datasheet
448Kb / 21P
   Programmable Precision References
January, 2019 ??Rev. 40
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com