データシートサーチシステム |
|
LM124DR データシート(PDF) 6 Page - National Semiconductor (TI) |
|
|
LM124DR データシート(HTML) 6 Page - National Semiconductor (TI) |
6 / 34 page LM124, LM124A, LM224, LM224A, LM324, LM324A, LM2902, LM2902V LM224K, LM224KA, LM324K, LM324KA, LM2902K, LM2902KV, LM2902KAV SLOS066V – SEPTEMBER 1975 – REVISED JANUARY 2014 www.ti.com Electrical Characteristics at specified free-air temperature, VCC = 5 V (unless otherwise noted) LM124A LM224A LM324A, LM324KA PARAMETER TEST CONDITIONS (1) TA (2) UNIT MIN TYP (3) MAX MIN TYP (3) MAX MIN TYP (3) MAX VCC = 5 V to 30 V, 25°C 2 2 3 2 3 Input offset VIO VIC = VICRmin, mV voltage Full range 4 4 5 VO = 1.4 V 25°C 10 2 15 2 30 Input offset IIO VO = 1.4 V nA current Full range 30 30 75 25°C –50 –15 –80 –15 –100 Input bias IIB VO = 1.4 V nA current Full range –100 –100 –200 0 to 0 to 0 to 25°C Common-mode VCC − 1.5 VCC – 1.5 VCC – 1.5 VICR input voltage VCC = 30 V V 0 to 0 to 0 to range Full range VCC − 2 VCC – 2 VCC – 2 RL = 2 kΩ 25°C VCC − 1.5 VCC – 1.5 VCC – 1.5 High-level VOH RL=2kΩ Full range 26 26 26 V output voltage VCC = 30 V RL≥10kΩ Full range 27 27 28 27 28 Low-level output VOL RL ≤ 10 kΩ Full range 20 5 20 5 20 mV voltage Large-signal 25°C 50 100 50 100 25 100 VCC = 15 V, differential VO = 1 V to 11 V, AVD V/mV voltage Full range 25 25 15 RL ≥ 2 kΩ amplification Common-mode CMRR VIC = VICRmin 25°C 70 70 80 65 80 dB rejection ratio Supply-voltage rejection ratio kSVR 25°C 65 65 100 65 100 dB ( ΔVCC /ΔVIO) Crosstalk VO1/ VO2 f = 1 kHz to 20 kHz 25°C 120 120 120 dB attenuation VCC = 15 V, 25°C –20 –20 –30 –60 –20 –30 –60 VID = 1 V, Source Full range –10 –10 –10 VO = 0 mA IO Output current VCC = 15 V, 25°C 10 10 20 1 20 VID = –1 V, Sink Full range 5 5 5 VO = 15 V VID = −1 V, VO = 200 mV 25°C 12 12 30 12 30 μA VCC at 5 V, GND at –5 V, Short-circuit IOS 25°C ±40 ±60 ±40 ±60 ±40 ±60 mA output current VO = 0 VO = 2.5 V, No load Full range 0.7 1.2 0.7 1.2 0.7 1.2 Supply current ICC mA VCC = 30 V, VO = 15 V, (four amplifiers) Full range 1.4 3. 1.4 3 1.4 3 No load (1) All characteristics are measured under open-loop conditions, with zero common-mode input voltage, unless otherwise specified. (2) Full range is –55°C to 125°C for LM124A, –25°C to 85°C for LM224A, and 0°C to 70°C for LM324A. (3) All typical values are at TA = 25°C. 6 Submit Documentation Feedback Copyright © 1975–2014, Texas Instruments Incorporated Product Folder Links: LM124 LM124A LM224 LM224A LM324 LM324A LM2902 LM2902V LM224K LM224KA LM324K LM324KA LM2902K LM2902KV LM2902KAV |
同様の部品番号 - LM124DR |
|
同様の説明 - LM124DR |