データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM324ADBR データシート(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
部品番号 LM324ADBR
部品情報  Quadruple Operational Amplifiers
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM324ADBR データシート(HTML) 5 Page - National Semiconductor (TI)

  LM324ADBR Datasheet HTML 1Page - National Semiconductor (TI) LM324ADBR Datasheet HTML 2Page - National Semiconductor (TI) LM324ADBR Datasheet HTML 3Page - National Semiconductor (TI) LM324ADBR Datasheet HTML 4Page - National Semiconductor (TI) LM324ADBR Datasheet HTML 5Page - National Semiconductor (TI) LM324ADBR Datasheet HTML 6Page - National Semiconductor (TI) LM324ADBR Datasheet HTML 7Page - National Semiconductor (TI) LM324ADBR Datasheet HTML 8Page - National Semiconductor (TI) LM324ADBR Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
LM124, LM124A, LM224, LM224A, LM324, LM324A, LM2902, LM2902V
LM224K, LM224KA, LM324K, LM324KA, LM2902K, LM2902KV, LM2902KAV
www.ti.com
SLOS066V – SEPTEMBER 1975 – REVISED JANUARY 2014
Electrical Characteristics
at specified free-air temperature, VCC = 5 V (unless otherwise noted)
LM2902
LM2902V
PARAMETER
TEST CONDITIONS
(1)
TA
(2)
UNIT
MIN
TYP
(3)
MAX
MIN
TYP
(3)
MAX
25°C
3
7
3
7
Non-A-suffix
VCC = 5 V to MAX,
devices
Full range
10
10
VIO
Input offset voltage
VIC = VICRmin,
mV
25°C
1
2
A-suffix
VO = 1.4 V
devices
Full range
4
ΔVIO/ΔT
Input offset voltage temperature drift
RS = 0 Ω
Ful range
7
μV/°C
25°C
2
50
2
50
IIO
Input offset current
VO = 1.4 V
nA
Full range
300
150
ΔIIO/ΔT
Input offset voltage temperature drift
Ful range
10
pA/°C
25°C
–20
–250
–20
–250
IIB
Input bias current
VO = 1.4 V
nA
Full range
–500
–500
0 to
0 to
25°C
VCC – 1.5
VCC – 1.5
VICR
Common-mode input voltage range
VCC = 5 V to MAX
V
0 to
0 to
Full range
VCC – 2
VCC – 2
RL = 2 kΩ
25°C
RL = 10 kΩ
25°C
VCC – 1.5
VCC – 1.5
VOH
High-level output voltage
V
RL = 2 kΩ
Full range
22
26
VCC = MAX
RL ≥ 10 kΩ
Full range
23
24
27
VOL
Low-level output voltage
RL ≤ 10 kΩ
Full range
5
20
5
20
mV
VCC = 15 V,
25°C
25
100
25
100
Large-signal differential voltage
AVD
VO = 1 V to 11 V,
V/mV
amplification
Full range
15
15
RL ≥ 2 kΩ
CMRR
Common-mode rejection ratio
VIC = VICRmin
25°C
50
80
60
80
dB
Supply-voltage rejection ratio
kSVR
25°C
50
100
60
100
dB
(
ΔVCC /ΔVIO)
VO1/ VO2
Crosstalk attenuation
f = 1 kHz to 20 kHz
25°C
120
120
dB
VCC = 15 V,
25°C
–20
–30
–60
–20
–30
–60
VID = 1 V,
Source
Full range
–10
–10
VO = 0
mA
IO
Output current
VCC = 15 V,
25°C
10
20
10
20
VID = –1 V,
Sink
Full range
5
5
VO = 15 V
VID = –1 V, VO = 200 mV
25°C
30
12
40
μA
IOS
Short-circuit output current
VCC at 5 V, VO = 0, GND at –5 V
25°C
±40
±60
±40
±60
mA
VO = 2.5 V, No load
Full range
0.7
1.2
0.7
1.2
ICC
Supply current (four amplifiers)
mA
VCC = MAX, VO = 0.5 VCC,
Full range
1.4
3
1.4
3
No load
(1)
All characteristics are measured under open-loop conditions, with zero common-mode input voltage, unless otherwise specified. MAX
VCC for testing purposes is 26 V for LM2902 and 32 V for LM2902V.
(2)
Full range is –40°C to 125°C for LM2902.
(3)
All typical values are at TA = 25°C.
Copyright © 1975–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM124 LM124A LM224 LM224A LM324 LM324A LM2902 LM2902V LM224K LM224KA
LM324K LM324KA LM2902K LM2902KV LM2902KAV


同様の部品番号 - LM324ADBR

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM324ADBR TI-LM324ADBR Datasheet
526Kb / 18P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED JANUARY 2005
LM324ADBR TI1-LM324ADBR Datasheet
3Mb / 54P
[Old version datasheet]   LMx24, LMx24x, LMx24xx, LM2902, LM2902x, LM2902xx, LM2902xxx Quadruple Operational Amplifiers
REVISED SEPTEMBER 2023
LM324ADBR TI-LM324ADBR Datasheet
598Kb / 24P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED JANUARY 2005
LM324ADBR TI1-LM324ADBR Datasheet
3Mb / 55P
[Old version datasheet]   LMx24, LMx24x, LMx24xx, LM2902, LM2902x, LM2902xx, LM2902xxx Quadruple Operational Amplifiers
REVISED NOVEMBER 2023
LM324ADBR TI-LM324ADBR Datasheet
759Kb / 29P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED JANUARY 2005
More results

同様の説明 - LM324ADBR

メーカー部品番号データシート部品情報
logo
Estek Electronics Co. L...
LM324M ESTEK-LM324M Datasheet
146Kb / 2P
   Quadruple Operational Amplifiers
logo
Texas Instruments
LM324K TI-LM324K Datasheet
526Kb / 18P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED JANUARY 2005
logo
Linear Dimensions Semic...
LND324 LINEAR_DIMENSIONS-LND324 Datasheet
121Kb / 5P
   Quadruple Operational Amplifiers
logo
Guangdong Youtai Semico...
LM124 UMW-LM124 Datasheet
1Mb / 10P
   Quadruple Operational Amplifiers
logo
Texas Instruments
LM324NE3 TI1-LM324NE3 Datasheet
1Mb / 35P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED MARCH 2010
logo
Shenzhen Luguang Electr...
LM324 LUGUANG-LM324 Datasheet
484Kb / 4P
   Quadruple Operational Amplifiers
logo
Texas Instruments
LM148 TI-LM148_06 Datasheet
399Kb / 12P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
logo
Panasonic Semiconductor
AN1324 PANASONIC-AN1324 Datasheet
34Kb / 3P
   Quadruple Operational Amplifiers
logo
Texas Instruments
LM148 TI1-LM148_16 Datasheet
766Kb / 15P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
LM224 UTC-LM224_15 Datasheet
208Kb / 4P
   QUADRUPLE OPERATIONAL AMPLIFIERS
logo
ARTSCHIP ELECTRONICS CO...
LM124 ARTSCHIP-LM124 Datasheet
244Kb / 7P
   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED FEBRUARY 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com