データシートサーチシステム |
|
LMH6644MANOPB データシート(PDF) 2 Page - National Semiconductor (TI) |
|
|
LMH6644MANOPB データシート(HTML) 2 Page - National Semiconductor (TI) |
2 / 33 page AV = +1 AV = +5 AV = +10 AV = +2 10k 100k 1M 10M 100M 500M -3 -2 -1 0 +1 +2 +3 FREQUENCY (Hz) VS = ±1.5V RL = 2k VOUT = 0.2VPP 100k 1M 10M 200M FREQUENCY (Hz) 4.0 2.0 AV = +2 RF = RL = 2k ±5V 4VPP ±2.5V 2VPP 6.0 8.0 0.0 LMH6642, LMH6643, LMH6644 SNOS966P – MAY 2001 – REVISED MARCH 2013 www.ti.com Closed Loop Gain vs. Frequency for Various Gain Large Signal Frequency Response Figure 1. Figure 2. These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates. Absolute Maximum Ratings (1) (2) ESD Tolerance 2KV (3) 200V (4) 1000V (5) VIN Differential ±2.5V Output Short Circuit Duration See (6), (7) Supply Voltage (V+ - V−) 13.5V Voltage at Input/Output pins V+ +0.8V, V− −0.8V Input Current ±10mA Storage Temperature Range −65°C to +150°C Junction Temperature (8) +150°C Soldering Information Infrared or Convection Reflow (20 sec) 235°C Wave Soldering Lead Temp.(10 sec) 260°C (1) Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test conditions, see the Electrical Characteristics. (2) If Military/Aerospace specified devices are required, please contact the TI Sales Office/Distributors for availability and specifications. (3) Human body model, 1.5k Ω in series with 100pF. (4) Machine Model, 0 Ω in series with 200pF. (5) CDM: Charge Device Model (6) Applies to both single-supply and split-supply operation. Continuous short circuit operation at elevated ambient temperature can result in exceeding the maximum allowed junction temperature of 150°C. (7) Output short circuit duration is infinite for VS < 6V at room temperature and below. For VS > 6V, allowable short circuit duration is 1.5ms. (8) The maximum power dissipation is a function of TJ(MAX), θJA, and TA. The maximum allowable power dissipation at any ambient temperature is PD = (TJ(MAX) - TA)/ θJA . All numbers apply for packages soldered directly onto a PC board. 2 Submit Documentation Feedback Copyright © 2001–2013, Texas Instruments Incorporated Product Folder Links: LMH6642 LMH6643 LMH6644 |
同様の部品番号 - LMH6644MANOPB |
|
同様の説明 - LMH6644MANOPB |