データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMV604MTXNOPB データシート(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LMV604MTXNOPB
部品情報  Low Power General Purpose, 2.7V Operational Amplifiers
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV604MTXNOPB データシート(HTML) 1 Page - National Semiconductor (TI)

  LMV604MTXNOPB Datasheet HTML 1Page - National Semiconductor (TI) LMV604MTXNOPB Datasheet HTML 2Page - National Semiconductor (TI) LMV604MTXNOPB Datasheet HTML 3Page - National Semiconductor (TI) LMV604MTXNOPB Datasheet HTML 4Page - National Semiconductor (TI) LMV604MTXNOPB Datasheet HTML 5Page - National Semiconductor (TI) LMV604MTXNOPB Datasheet HTML 6Page - National Semiconductor (TI) LMV604MTXNOPB Datasheet HTML 7Page - National Semiconductor (TI) LMV604MTXNOPB Datasheet HTML 8Page - National Semiconductor (TI) LMV604MTXNOPB Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
VIN
VOUT
V
+
SAMPL
E
CLOCK
+
-
+
-
V
+
C = 200pF
LMV601, LMV602, LMV604
www.ti.com
SNOSC70B – APRIL 2012 – REVISED MARCH 2013
LMV601/LMV602/LMV604 1 MHz, Low Power General Purpose, 2.7V Operational Amplifiers
Check for Samples: LMV601, LMV602, LMV604
1
FEATURES
DESCRIPTION
The LMV601/LMV602/LMV604 are single, dual, and
2
(Typical 2.7V Supply Values; Unless Otherwise
quad low voltage, low power Operational Amplifiers.
Noted)
They are designed specifically for low voltage general
Ensured 2.7V and 5V Specifications
purpose
applications.
Other
important
product
Supply Current (Per Amplifier) 100
μA
characteristics are low input bias current, rail-to-rail
output,
and
wide
temperature
range.
The
Gain Bandwidth Product 1.0MHz
LMV601/LMV602/LMV604 have 29nV Voltage Noise
Shutdown Current (LMV601) 45pA
at 10KHz, 1MHz GBW, 1.0V/
μs Slew Rate, 0.25mV
Turn-On Time from Shutdown (LMV601) 5
μs
Vos. The LMV601/2/4 operates from a single supply
voltage as low as 2.7V, while drawing 100uA (typ)
Input Bias Current 20fA
quiescent current. In shutdown mode the current can
be reduced to 45pA.
APPLICATIONS
The industrial-plus temperature range of
−40°C to
Cordless/Cellular Phones
125°C
allows
the
LMV601/LMV602/LMV604
to
Laptops
accommodate
a
broad
range
of
extended
PDAs
environment applications.
PCMCIA/Audio
The LMV601 offers a shutdown pin that can be used
Portable/Battery-Powered Electronic
to disable the device. Once in shutdown mode, the
supply current is reduced to 45pA (typical).
Equipment
Supply Current Monitoring
The LMV601 is offered in the tiny 6-Pin SC70
package, the LMV602 in space saving 8-Pin VSSOP
Battery Monitoring
and SOIC, and the LMV604 in 14-Pin TSSOP and
Buffer
SOIC. These small package amplifiers offer an ideal
Filter
solution for applications requiring minimum PCB
footprint. Applications with area constrained PC board
Driver
requirements include portable and battery operated
electronics.
Sample and Hold Circuit
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


同様の部品番号 - LMV604MTXNOPB

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMV604MTX TI1-LMV604MTX Datasheet
1,004Kb / 19P
[Old version datasheet]   1 MHz, Low Power General Purpose, 2.7V Operational Amplifiers
LMV604MTX/NOPB TI1-LMV604MTX/NOPB Datasheet
1Mb / 35P
[Old version datasheet]   LMV60x 1-MHz, Low-Power, General-Purpose, 2.7-V Operational Amplifiers
More results

同様の説明 - LMV604MTXNOPB

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMV602 TI1-LMV602 Datasheet
1Mb / 28P
[Old version datasheet]   MHz, Low Power General Purpose, 2.7V Operational Amplifiers
LMV601 TI1-LMV601 Datasheet
1,004Kb / 19P
[Old version datasheet]   1 MHz, Low Power General Purpose, 2.7V Operational Amplifiers
LMV601 TI-LMV601_15 Datasheet
1Mb / 30P
[Old version datasheet]   LMV601/LMV602/LMV604 1 MHz, Low Power General Purpose, 2.7V Operational Amplifiers
logo
STMicroelectronics
LMV321LICT STMICROELECTRONICS-LMV321LICT Datasheet
642Kb / 20P
   Low-power, general-purpose operational amplifiers
logo
National Semiconductor ...
LMC6035 NSC-LMC6035 Datasheet
792Kb / 20P
   Low Power 2.7V Single Supply CMOS Operational Amplifiers
logo
Rohm
BD1321G ROHM-BD1321G Datasheet
522Kb / 22P
   Ground Sense Low Power General Purpose Operational Amplifiers
LMR321G-E ROHM-LMR321G-E Datasheet
705Kb / 41P
   Ground sense Low Power General Purpose Operational amplifiers
LMR321G ROHM-LMR321G Datasheet
708Kb / 41P
   Ground Sense Low Power General Purpose Operational Amplifiers
logo
Texas Instruments
UA709C TI-UA709C Datasheet
93Kb / 6P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
logo
Rohm
BD1321G ROHM-BD1321G_16 Datasheet
728Kb / 23P
   General Purpose Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com