データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N6315 データシート(PDF) 1 Page - Digitron Semiconductors

部品番号 1N6315
部品情報  500 mW GLASS ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIGITRON [Digitron Semiconductors]
ホームページ  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

1N6315 データシート(HTML) 1 Page - Digitron Semiconductors

  1N6315 Datasheet HTML 1Page - Digitron Semiconductors 1N6315 Datasheet HTML 2Page - Digitron Semiconductors 1N6315 Datasheet HTML 3Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
fax +1.908.245-0555
sales@digitroncorp.com
www.digitroncorp.com
Rev. 20121214
1N6309 – 1N6355D
500 mW GLASS ZENER DIODES
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Junction and storage
temperature range
TJ, Tstg
-65 to +175
°C
Thermal resistance,
junction to lead(1)
1N6309-1N6320
1N6321-1N6355
RӨJL
150
95.5
°C/W
Thermal resistance,
junction to ambient (2)
R
ӨJA
240
°C/W
Steady state power
dissipation @ TL = 75°C
PD
0.5
W
Forward voltage @ 1.0A
VF
1.4
V
Solder temperature @ 10s
TSP
260
°C
Note 1: At 3/8” from body.
Note 2: TA = +55°C before derating on printed circuit board, PCB = FR4 0.0625” 1 layer 1oz. Cu, horizontal, still air, pads = 0.092” diameter, strip = 0.030” x 1” long, axial
lead length L ≤ 0.187”. R
ӨJA with a defined thermal resistance condition included is measured at IZ = as defined in the characteristics and ratings table herin.
ELECTRICAL CHARACTERISTICS
Max.
temperature
coefficient
VZ2
Nom.
+/-
5% @
lZ2
VZ1
Min.
@ Lz1
250μA
Test
Current
lZ2
Dynamic
impedance
ZZ @ lZ2
Dynamic
impedance
ZZK @
250μA
Max.
current
lZM
Voltage
reg.
VZ
(reg)
ΔVZ(2)
Surge
current
lZSM
8.3ms
square
wave
Reverse
voltage
VR
Max.
reverse
current
lR1 @
25°C
Max.
reverse
current
lR2 @
150°C
Max.
noise
density
ND @
250μA
1-3kHz
aVZ
Part
number(1)
Volts
Volts
mA
Ohms
Ohms
mA
Volts
Amps
Volts
µA
µA
µV/√Hz
%/°C
1N6309
2.4
1.1
20
30
1200
177
1.5
2.5
1.0
100
200
1
-0.085
1N6310
2.7
1.2
20
30
1300
157
1.5
2.2
1.0
60
150
1
-0.080
1N6311
3.0
1.3
20
29
1400
141
1.5
2.0
1.0
30
100
1
-0.075
1N6312
3.3
1.5
20
27
1400
158
1.6
1.8
1.0
5
20
1
-0.070
1N6313
3.6
1.8
20
25
1400
117
1.6
1.65
1.0
3
12
1
-0.065
1N6314
3.9
2.0
20
23
1700
108
1.6
1.5
1.0
2
12
1
-0.060
1N6315
4.3
2.4
20
20
1700
99
0.9
1.4
1.0
2
12
1
-0.045
+0.020
1N6316
4.7
2.8
20
17
1500
90
0.5
1.27
1.5
5
12
1
-0.028
+0.032
1N6317
5.1
3.3
20
14
1300
83
0.4
1.17
2.0
5
12
1
-0.020
+0.035
1N6318
5.6
4.3
20
8
1200
76
0.4
1.10
2.5
5
10
2
+0.050
1N6319
6.2
5.2
20
3
800
68
0.3
0.97
3.5
5
10
5
+0.060
1N6320
6.8
6.0
20
3
400
63
0.35
1.23
4.0
2
50
5
+0.062
1N6321
7.5
6.6
20
4
400
57
0.4
1.16
5.0
2
30
5
+0.068
1N6322
8.2
7.5
20
5
400
52
0.4
1.07
6.0
1
10
20
+0.075
1N6323
9.1
8.4
20
6
500
47
0.5
0.97
7.0
1
10
40
+0.076
1N6324
10.0
9.1
20
6
500
43
0.5
0.89
8.0
1
10
80
+0.079
1N6325
11.0
10.0
20
7
550
35
0.55
0.77
9.0
1
10
100
+0.083
1N6326
12.0
11.0
20
7
550
35
0.55
0.77
9.0
10
10
100
+0.083
1N6327
13.0
11.9
9.5
8
550
33
0.55
0.71
9.9
0.05
10
100
+0.083
1N6328
15.0
13.8
8.5
10
600
28
0.70
0.62
11.0
0.05
10
100
+0.084
1N6329
16.0
14.7
7.8
12
600
27
0.75
0.58
12.0
0.05
10
100
+0.084
1N6330
18.0
16.6
7.0
14
600
24
0.85
0.52
14.0
0.05
10
00
+0.085
1N6331
20.0
18.5
6.2
18
500
21
0.95
0.47
15.0
0.05
10
100
+0.086
1N6332
22.0
20.4
5.6
20
500
19
1.05
0.43
17.0
0.05
10
100
+0.087
1N6333
24.0
22.33
5.2
24
500
18
1.15
0.39
18.0
0.05
10
100
+0.088
1N6334
27.0
25.2
4.6
27
500
16
1.30
0.35
21.0
0.05
10
100
+0.009
1N6335
30.0
28.0
4.2
32
500
14
1.45
0.31
23.0
0.05
10
100
+0.091
1N6336
33.0
30.9
3.8
40
600
13
1.60
0.28
25.0
0.05
10
100
+0.092


同様の部品番号 - 1N6315

メーカー部品番号データシート部品情報
logo
Compensated Deuices Inc...
1N6315 CDI-DIODE-1N6315 Datasheet
111Kb / 2P
   500 mW ZENER DIODES
logo
Microsemi Corporation
1N6315 MICROSEMI-1N6315 Datasheet
96Kb / 2P
   500 mW GLASS ZENER DIODES
1N6315 MICROSEMI-1N6315 Datasheet
132Kb / 2P
   500mW ZENER DIODES
logo
Sensitron
1N6315 SENSITRON-1N6315 Datasheet
127Kb / 4P
   ZENER 500mW VOLTAGE REGULATOR
logo
New Jersey Semi-Conduct...
1N6315 NJSEMI-1N6315 Datasheet
142Kb / 1P
   500 mW ZENER DIODES, NON CAVITY CONSTRUCTION, METALLURGICALLY BONDED
More results

同様の説明 - 1N6315

メーカー部品番号データシート部品情報
logo
Microsemi Corporation
1N6309 MICROSEMI-1N6309 Datasheet
96Kb / 2P
   500 mW GLASS ZENER DIODES
1N5248C MICROSEMI-1N5248C Datasheet
199Kb / 3P
   500 mW GLASS AXIAL-LEAD ZENER DIODES
1N5221UR MICROSEMI-1N5221UR Datasheet
149Kb / 3P
   500 mW GLASS SURFACE MOUNT ZENER DIODES
logo
Compensated Deuices Inc...
1N6309US CDI-DIODE-1N6309US Datasheet
108Kb / 2P
   500 mW ZENER DIODES
1N6309 CDI-DIODE-1N6309 Datasheet
111Kb / 2P
   500 mW ZENER DIODES
logo
Microsemi Corporation
1N957B-1 MICROSEMI-1N957B-1 Datasheet
92Kb / 2P
   SILICON 500 mW ZENER DIODES
1N992B MICROSEMI-1N992B Datasheet
221Kb / 3P
   Silicon 500 mW Zener Diodes
1N5221-1 MICROSEMI-1N5221-1 Datasheet
102Kb / 3P
   SILICON 500 mW ZENER DIODES
1N4370 MICROSEMI-1N4370 Datasheet
70Kb / 2P
   SILICON 500 mW ZENER DIODES
1N5221 MICROSEMI-1N5221 Datasheet
100Kb / 3P
   SILICON 500 mW ZENER DIODES
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com