データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

5-104069-2 データシート(PDF) 2 Page - Tyco Electronics

部品番号 5-104069-2
部品情報  Ribbon Cable Connector Selection Guide
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MACOM [Tyco Electronics]
ホームページ  http://www.macom.com
Logo MACOM - Tyco Electronics

5-104069-2 データシート(HTML) 2 Page - Tyco Electronics

  5-104069-2 Datasheet HTML 1Page - Tyco Electronics 5-104069-2 Datasheet HTML 2Page - Tyco Electronics 5-104069-2 Datasheet HTML 3Page - Tyco Electronics 5-104069-2 Datasheet HTML 4Page - Tyco Electronics 5-104069-2 Datasheet HTML 5Page - Tyco Electronics 5-104069-2 Datasheet HTML 6Page - Tyco Electronics 5-104069-2 Datasheet HTML 7Page - Tyco Electronics 5-104069-2 Datasheet HTML 8Page - Tyco Electronics 5-104069-2 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 100 page
background image
2
Catalog 82012
Dimensions are shown for
Dimensions are in inches
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and millimeters unless
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
otherwise specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
Ribbon Cable Connector Selection Guide
Ribbon Cable Interconnect Solutions
Male-on-Wire
215083 Series,
Page 12
Mates to .50" x .50"
Micro-MaTch
Female Top Entry,
215079 Series,
PCB Connector
Page 8
.050" [1.27 mm]
Cable Pitch
Male-on-Wire
215083 Series,
Page 12
Mates to .050" x .050"
Micro-MaTch
Female Side Entry,
215460 Series,
PCB Connector
Page 9
Male-on-Wire
215083 Series,
Page 12
Mates to .050" x .050"
Micro-MaTch
Female Top Entry
SMD, 188275 Series,
PCB Connector
Page 10
50/50 Grid
Receptacle
Connector with or
without latch
50/50 Grid
Receptacle
Connectors
without latch
Mates to 50" x 50"
Right-Angle
Headers
Mates to 50" x 50"
Vertical Headers
Paddle Board
Connector,
215570 Series,
Page 13
Solders directly to
2.54mm x 1.27mm
Staggered 2 row
PCB Footprint
.050" [1.27 mm]
Cable Pitch
(Continued)
System 50
Receptacles
Pages 8-11
Mates to .050" x .100"
2-Row Pin Header
Grid
Pages 10 and 11
Ultra ATA Bus
Receptacles
Pages 13-15
Mates to .100" x .100"
2-Row Pin Header
Grid
Page 15
Solders to
.075" x .100"
4-Row PCB Layout
.025" [0.64 mm]
Cable Pitch
Mates to .078" [2 mm]
x .078" [2 mm]
2-Row Pin Header
Grid
See 5176264, 5178751 Series
and Part Number 1775109
(Not in this Catalog)
.039" [1.00 mm]
Cable Pitch
2 mm
Receptacle
Connectors
Pages 16 and 17
System 50
Paddleboard
Page 12


同様の部品番号 - 5-104069-2

メーカー部品番号データシート部品情報
logo
Tyco Electronics
5-104069-2 MACOM-5-104069-2 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
5-104069-2 MACOM-5-104069-2 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
5-104069-2 MACOM-5-104069-2 Datasheet
3Mb / 60P
   AMPMODU System 50 Connectors
5-104069-2 MACOM-5-104069-2 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
More results

同様の説明 - 5-104069-2

メーカー部品番号データシート部品情報
logo
Tyco Electronics
5102321-4 MACOM-5102321-4 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
logo
Sanken electric
FGM603 SANKEN-FGM603 Datasheet
175Kb / 4P
   Selection Guide
logo
Vincotech
V23990-P63X-A-U-P1-48 VINCOTECH-V23990-P63X-A-U-P1-48 Datasheet
50Kb / 3P
   selection guide
logo
List of Unclassifed Man...
NPX-25T ETC2-NPX-25T Datasheet
670Kb / 12P
   SELECTION GUIDE
logo
TE Connectivity Ltd
S1006 TEC-S1006 Datasheet
8Mb / 20P
   Adhesives Selection Guide
2018
logo
Everlight Electronics C...
59-146UTDTR8 EVERLIGHT-59-146UTDTR8 Datasheet
379Kb / 11P
   Device Selection Guide
logo
Omron Electronics LLC
E2A-M18KN16-WP-C12M OMRON-E2A-M18KN16-WP-C12M Datasheet
3Mb / 48P
   Master Selection Guide
logo
Silicon Laboratories
AN521 SILABS-AN521 Datasheet
1Mb / 26P
   IRLED SELECTION GUIDE
logo
NXP Semiconductors
LPC810 NXP-LPC810 Datasheet
4Mb / 12P
   NXP Microcontrollers Selection Guide
November 2012
logo
Advantech Co., Ltd.
AIMB-R43PF-21A1E ADVANTECH-AIMB-R43PF-21A1E Datasheet
1Mb / 1P
   Riser Card Selection Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com