データシートサーチシステム |
|
1N6303 データシート(PDF) 1 Page - Digitron Semiconductors |
|
1N6303 データシート(HTML) 1 Page - Digitron Semiconductors |
1 / 5 page DIGITRON SEMICONDUCTORS 144 Market Street Kenilworth NJ 07033 USA phone +1.908.245-7200 1N6267-1N6303A UNIDIRECTIONAL AND BIDRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS FEATURES • Available in both Unidirectional and Bidirectional (add C or CA suffix for bidirectional) • Voltages from 6.8 to 180 V Breakdown (VBR) • Suppresses transients up to 1500 watts @ 10/1000 μs (see Figure 1) • Power rating = 1500 watts • Available Non-RoHS (standard) or RoHS compliant (add PBF suffix). • Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number. MAXIMUM RATINGS Peak Pulse Power Dissipation at 25°C: 1500 watts @ 10/1000μs (see Figures 1, 2, & 3) Impulse Repetition Rate (duty factor): 0.01% tclamping (0 volts to V(BR) min: <100 ps theoretical for unidirectional and <5 ns for bidirectional Operating and Storage Temperature: -65°C to +150°C Thermal Resistance: 22°C/W junction to lead at 3/8”(10mm) from body, or 82°C/W junction to ambient when mounted on FR4 PC board with 4mm2 copper pads (1oz) and track width 1mm, length 25mm Steady-State Power Dissipation: 5 watts at TL=40°C or 1.52 watts @ TA=25°C when mounted on FR4 PC board described for thermal resistance Forward Surge: 200 Amps peak impulse of 8.3ms half-sine wave at 25°C (unidirectional only) Solder Temperature: 260°C for 10 s (maximum) ELECTRICAL CHARACTERISTICS Rated Standoff Voltage VWM (Note 1) Breakdown Voltage V(BR) @ l(BR) Maximum Clamping Voltage VC @ lPP Maximum Standby Current lD @ VWM Maximum Pulse Current lPP (Fig. 2) Maximum Temperature Coefficient of V(BR) αV(BR) Volts Volts Type Number Volts Min Max mA Volts μA A %/°C 1N6267 5.50 6.12 7.48 10 10.8 1000 139.0 .057 1N6267A 5.80 6.45 7.14 10 10.5 1000 143.0 .057 1N6268 6.05 6.75 8.25 10 11.7 500 128.0 .061 1N6268A 6.40 7.13 7.88 10 11.3 500 132.0 .061 1N6269 6.63 7.38 9.02 10 12.5 200 120.0 .065 1N6269A 7.02 7.79 8.61 10 12.1 200 124.0 .065 1N6270 7.37 8.19 10.00 1 13.8 50 109.0 .068 1N6270A 7.78 8.65 9.55 1 13.4 50 112.0 .068 1N6271 8.10 9.00 11.00 1 15.0 10 100.0 .073 1N6271A 8.55 9.50 10.50 1 14.5 10 103.0 .073 1N6272 8.92 9.90 12.10 1 16.2 5 93.0 .075 1N6272A 9.40 10.50 11.60 1 15.6 5 96.0 .075 1N6273 9.72 10.80 13.20 1 17.3 5 87.0 .078 1N6273A 10.22 11.40 12.60 1 16.7 5 90.0 .078 1N6274 10.50 11.70 14.30 1 19.0 5 79.0 .081 sales@digitroncorp.com fax +1.908.245-0555 www.digitroncorp.com Rev. 20120912 |
同様の部品番号 - 1N6303 |
|
同様の説明 - 1N6303 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |