データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N6303A データシート(PDF) 2 Page - Digitron Semiconductors

部品番号 1N6303A
部品情報  UNIDIRECTIONAL AND BIDRECTIONAL
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIGITRON [Digitron Semiconductors]
ホームページ  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

1N6303A データシート(HTML) 2 Page - Digitron Semiconductors

  1N6303A Datasheet HTML 1Page - Digitron Semiconductors 1N6303A Datasheet HTML 2Page - Digitron Semiconductors 1N6303A Datasheet HTML 3Page - Digitron Semiconductors 1N6303A Datasheet HTML 4Page - Digitron Semiconductors 1N6303A Datasheet HTML 5Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
1N6267-1N6303A
UNIDIRECTIONAL AND BIDRECTIONAL
TRANSIENT VOLTAGE SUPPRESSORS
Rated
Standoff
Voltage
VWM
(Note 1)
Breakdown Voltage
V(BR) @ l(BR)
Maximum
Clamping
Voltage
VC @ lPP
Maximum
Standby
Current
lD @ VWM
Maximum
Pulse Current
lPP
(Fig. 2)
Maximum
Temperature
Coefficient of
V(BR)
αV(BR)
Volts
Volts
Type
Number
Volts
Min
Max
mA
Volts
μA
A
%/°C
1N6274A
11.10
12.40
13.70
1
18.2
5
82.0
.081
1N6275
12.10
13.50
16.50
1
22.0
1
68.0
.084
1N6275A
12.80
14.30
15.80
1
21.2
1
71.0
.084
1N6276
12.90
14.40
17.60
1
23.5
1
64.0
.086
1N6276A
13.60
15.20
16.80
1
22.5
1
67.0
.086
1N6277
14.50
16.20
19.80
1
26.5
1
56.5
.088
1N6277A
15.30
17.10
18.90
1
25.2
1
59.5
.088
1N6278
16.20
18.00
22.00
1
29.1
1
51.5
.090
1N6278A
17.10
19.00
21.00
1
27.7
1
54.0
.090
1N6279
17.80
19.80
24.20
1
31.9
1
47.0
.092
1N6279A
18.80
20.90
23.10
1
30.6
1
49.0
.092
1N6280
19.40
21.60
26.40
1
34.7
1
43.0
.094
1N6280A
20.50
22.80
25.20
1
33.2
1
45.0
.094
1N6281
21.80
24.30
29.70
1
39.1
1
38.5
.096
1N6281A
23.10
25.70
28.40
1
37.5
1
40.0
.096
1N6282
24.30
27.00
33.00
1
43.5
1
34.5
.097
1N6282A
25.60
28.50
31.50
1
41.4
1
36.0
.097
1N6283
26.80
29.70
36.30
1
47.7
1
31.5
.098
1N6283A
28.20
31.40
34.70
1
45.7
1
33.0
.098
1N6284
29.10
32.40
39.60
1
52.0
1
29.0
.099
1N6284A
30.80
34.20
37.80
1
49.9
1
30.0
.099
1N6285
31.60
35.10
42.90
1
56.4
1
26.5
.100
1N6285A
33.30
37.10
41.00
1
53.9
1
28.0
.100
1N6286
34.80
38.70
47.30
1
61.9
1
24.0
.101
1N6286A
36.80
40.90
45.20
1
59.3
1
25.3
.101
1N6287
38.10
42.30
51.70
1
67.8
1
22.2
.101
1N6287A
40.20
44.70
49.40
1
64.8
1
23.2
.101
1N6288
41.30
45.90
56.10
1
73.5
1
20.4
.102
1N6288A
43.60
48.50
53.60
1
70.1
1
21.4
.102
1N6289
45.40
50.40
61.60
1
80.5
1
18.6
.103
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20120912


同様の部品番号 - 1N6303A

メーカー部品番号データシート部品情報
logo
DAESAN ELECTRONIC CORP.
1N6303A DAESAN-1N6303A Datasheet
1Mb / 5P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Transys Electronics
1N6303A TRSYS-1N6303A Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
ON Semiconductor
1N6303A ONSEMI-1N6303A Datasheet
77Kb / 7P
   1500 Watt Mosorb TM Zener Transient Voltage Suppressors
February, 2007 ??Rev. 8
logo
Shenzhen Luguang Electr...
1N6303A LUGUANG-1N6303A Datasheet
191Kb / 4P
   BREAKDOWN VOLTAGE: 6.8 --- 200V PEAK PULSE POWER: 1500 W
logo
Vishay Siliconix
1N6303A VISHAY-1N6303A Datasheet
110Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
More results

同様の説明 - 1N6303A

メーカー部品番号データシート部品情報
logo
Sangdest Microelectroni...
TPK15KPXX SMC-TPK15KPXX Datasheet
131Kb / 4P
   Unidirectional and Bidirectional
logo
DONGGUAN YOU FENG WEI E...
P4KE6.8 YFWDIODE-P4KE6.8 Datasheet
97Kb / 3P
   Unidirectional And Bidirectional
logo
HY ELECTRONIC CORP.
SMCJ10 HY-SMCJ10_17 Datasheet
171Kb / 5P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL
logo
STMicroelectronics
BZW06 STMICROELECTRONICS-BZW06 Datasheet
446Kb / 9P
   Unidirectional and bidirectional types
April 2017 Rev 4
logo
Digitron Semiconductors
1.5KE6.8 DIGITRON-1.5KE6.8 Datasheet
526Kb / 5P
   1500W UNIDIRECTIONAL AND BIDIRECTIONAL
logo
Microsemi Corporation
SMC MICROSEMI-SMC Datasheet
144Kb / 3P
   UNIDIRECTIONAL AND BIDIRECTIONAL SURFACE MOUNT
SML MICROSEMI-SML Datasheet
138Kb / 3P
   UNIDIRECTIONAL AND BIDIRECTIONAL SURFACE MOUNT
logo
HY ELECTRONIC CORP.
1.5KEG HY-1.5KEG Datasheet
473Kb / 4P
   Unidirectional and Bidirectional TransientVoltage Suppressors
logo
Weitron Technology
WT-Z206V-AU4 WEITRON-WT-Z206V-AU4 Datasheet
193Kb / 1P
   Zener Diode Chips for ESD Bidrectional Protection
logo
Lite-On Technology Corp...
SMA6.8 LITEON-SMA6.8 Datasheet
50Kb / 4P
   UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com