データシートサーチシステム |
|
1N4948 データシート(PDF) 1 Page - Digitron Semiconductors |
|
1N4948 データシート(HTML) 1 Page - Digitron Semiconductors |
1 / 2 page DIGITRON SEMICONDUCTORS 144 Market Street Kenilworth NJ 07033 USA phone +1.908.245-7200 1N4942-1N4948 FAST RECOVERY RECTIFIERS MAXIMUM RATINGS Operating temperature -65 to +175°C Storage temperature -65 to +200°C Power dissipation 1 amp/no heat sink @ 55°C 3 amp/MIL-STD-750 (see figure 2) ELECTRICAL CHARACTERISTICS Peak inverse voltage (max.) PIV Breakdown voltage (min) BV @ 50µA Average rectified current IO Forward voltage (max) VF @ 1A Reverse current (max) IR @ PIV Capacitance (max) CO @ -12V Surge current (max) (1) IF(surge) Reverse recovery (max) (2)trr Amps µA Part number Volts Volts 55°C 100°C Volts 25°C 150°C pF Amps n sec. 1N4942 200 220 1.0 .750 1.3 1.0 200 45 15 150 1N4944 400 440 1.0 .750 1.3 1.0 200 35 15 150 1N4946 600 660 1.0 .750 1.3 1.0 200 25 15 250 1N4947 800 880 1.0 .750 1.3 1.0 200 25 15 250 1N4948 1000 1100 1.0 .750 1.3 1.0 200 15 15 500 Note 1: TA = 100°C, f = 60Hz, IO = 750mA, 10-8 msec. surges @ 1/minute. Note 2: IF = 0.5A, IRM = 1A, IR(REC) = 0.25A MECHANICAL CHARACTERISTICS Case Digi A Marking Body painted, alpha-numeric Polarity Cathode band Available Non-RoHS (standard) or RoHS compliant (add PBF suffix). Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number. sales@digitroncorp.com fax +1.908.245-0555 www.digitroncorp.com Rev. 20121119 |
同様の部品番号 - 1N4948 |
|
同様の説明 - 1N4948 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |