データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N4916A データシート(PDF) 2 Page - Digitron Semiconductors

部品番号 1N4916A
部品情報  19.2 VOLT LOW NOISE TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIGITRON [Digitron Semiconductors]
ホームページ  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

1N4916A データシート(HTML) 2 Page - Digitron Semiconductors

  1N4916A Datasheet HTML 1Page - Digitron Semiconductors 1N4916A Datasheet HTML 2Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
1N4916(A)-1N4932(A)
19.2 VOLT LOW NOISE TEMPERATURE
COMPENSATED ZENER REFERENCE DIODES
Note 1. Nominal voltage for all types is 19.2 volts ±5%
Note 2. Referred to as the “box” measurement method, the
VZT is the maximum voltage variance that will occur as the voltage is scanned through all temperatures between the
temperature range limits.
Note 3. The effective temperature coefficients are tabulated in %/°C primarily for information only because temperature compensated diodes inherently have a non-linear voltage
temperature relationship.
Note 4. The dynamic zener impedance ZZT is derived from the resulting ac voltage developed when a 60Hz, rms, ac current equal to 10% of the dc zener current IZT is
superimposed on IZT.
Note 5. To specify radiation hardened devices, use “RH” prefix instead of “1N”.
MECHANICAL CHARACTERISTICS
Case
DO-35 hermetically sealed glass
Marking
Body painted, alpha numeric
Polarity
Cathode band
Available Non-RoHS (standard) or RoHS compliant (add PBF suffix).
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number.
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20121112


同様の部品番号 - 1N4916A

メーカー部品番号データシート部品情報
logo
Compensated Deuices Inc...
1N4916A CDI-DIODE-1N4916A Datasheet
77Kb / 2P
   19.2 VOLT NOMINAL ZENER VOLTAGE 5%
logo
Microsemi Corporation
1N4916A MICROSEMI-1N4916A Datasheet
71Kb / 2P
   19.2 VOLT LOW NOISE TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
More results

同様の説明 - 1N4916A

メーカー部品番号データシート部品情報
logo
Microsemi Corporation
1N4916 MICROSEMI-1N4916 Datasheet
71Kb / 2P
   19.2 VOLT LOW NOISE TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N4896 MICROSEMI-1N4896 Datasheet
75Kb / 2P
   12.8 VOLT LOW NOISE TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N935 MICROSEMI-1N935 Datasheet
76Kb / 2P
   9.0 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N3154 MICROSEMI-1N3154_1 Datasheet
137Kb / 3P
   8.4 Volt Temperature Compensated Zener Reference Diodes
logo
New Jersey Semi-Conduct...
1N4765 NJSEMI-1N4765 Datasheet
118Kb / 1P
   9.1 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N941 NJSEMI-1N941 Datasheet
134Kb / 1P
   11.7 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
logo
Microsemi Corporation
1N3154 MICROSEMI-1N3154 Datasheet
72Kb / 2P
   8.4 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N4564 MICROSEMI-1N4564 Datasheet
82Kb / 2P
   6.4 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N4584 MICROSEMI-1N4584 Datasheet
246Kb / 4P
   6.4 Volt Temperature Compensated Zener Reference Diodes
logo
Digitron Semiconductors
1N941 DIGITRON-1N941 Datasheet
230Kb / 2P
   11.7 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com