データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CS3717A データシート(PDF) 7 Page - Cherry Semiconductor Corporation

部品番号 CS3717A
部品情報  1A H-Bridge Stepper Motor Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CHERRY [Cherry Semiconductor Corporation]
ホームページ  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS3717A データシート(HTML) 7 Page - Cherry Semiconductor Corporation

  CS3717A Datasheet HTML 1Page - Cherry Semiconductor Corporation CS3717A Datasheet HTML 2Page - Cherry Semiconductor Corporation CS3717A Datasheet HTML 3Page - Cherry Semiconductor Corporation CS3717A Datasheet HTML 4Page - Cherry Semiconductor Corporation CS3717A Datasheet HTML 5Page - Cherry Semiconductor Corporation CS3717A Datasheet HTML 6Page - Cherry Semiconductor Corporation CS3717A Datasheet HTML 7Page - Cherry Semiconductor Corporation CS3717A Datasheet HTML 8Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
Application Circuit - Two Phase Bipolar Stepper Motor Driver
1
W
VS
1k
W
RC
CC
0.1
mF
CS-3717A
C2
C1 100
mF
820pF
1k
W
RC
1
W
RSense
CC
820pF
CT
820pF
CT
820pF
Comp In
Gnd
IN0
56k
W
RT
56k
W
RT
CS3717A
IMA
IMB
MBA
MAA
STEPPER
MOTOR
VSS
0.1
mF C3
FROM
m PROCESSOR
Gnd
Sense
Out B
OutA
V
DD
A
V
DD
B
V
CC
VREF
IN1
DIRECTION
Pulse
VCC
VREF
Sense
Gnd
Pulse
DIRECTION
IN0
IN1
VDD
A
OUTA
OUTB
VDD
B
Gnd
RSense
CS3717A
COMP IN
The RQJA of the CS3717A can be reduced by soldering the
Gnd pins to a suitable copper area of the printed circuit
board or to an external heatsink.
The diagram of fig. 2 shows the maximum dissipated
power Ptot and the RQJA as a function of the side Òl Ó of
two equal square copper areas having a thickness of 35µ
(see fig. 1). In addition, it is possible to use an external
heatsink (see fig. 3). During soldering the pins temperature
must not exceed 260ûC and the soldering time must not be
longer than 12 seconds.
The external heatsink or printed circuit copper area must
be connected to electrical ground.
Mounting Instructions
Figure 2 - Max. Power Dissipation And Junction To Ambient Thermal
Resistance vs. Size ÒlÓ for 16 lead fused package.
1
2
3
4
Ptot
(W)
10
20
30
40
I(mm)
0
0
20
40
60
80
(ûC/W)
0
ÒlÓ
Ptot (Tamb = 70ûC)
Rq JA
Rq JA
l
l
COPPER AREA 35
m THICKNESS
P.C. BOARD
Figure 1 - Example of P.C. Board Copper Area Which is Used as
Heatsink with 16 lead fused package.
170mm
38.0mm
11.9mm
0
-50
1
2
3
4
5
Ptot
(W)
0
50
100
Tamb (C)
FREE
AIR
HEA
T -
SINK
WITH
R
th = 25ûC/W
Figure 3 - External Heatsink Mounting Example (Rth = 30ûC/W) for 16
lead batwing package.
Figure 4 - Maximum Allowable Power Dissipation vs. Ambient
Temperature for 16 lead batwing package.


同様の部品番号 - CS3717A

メーカー部品番号データシート部品情報
logo
ON Semiconductor
CS3717A ONSEMI-CS3717A Datasheet
75Kb / 8P
   1A H-Bridge Stepper Motor Driver
December, 2001 - Rev. 4
CS3717AGNF16 ONSEMI-CS3717AGNF16 Datasheet
75Kb / 8P
   1A H-Bridge Stepper Motor Driver
December, 2001 - Rev. 4
More results

同様の説明 - CS3717A

メーカー部品番号データシート部品情報
logo
ON Semiconductor
CS3717A ONSEMI-CS3717A Datasheet
75Kb / 8P
   1A H-Bridge Stepper Motor Driver
December, 2001 - Rev. 4
logo
Texas Instruments
DRV8884 TI1-DRV8884 Datasheet
1Mb / 40P
[Old version datasheet]   1A Stepper Motor Driver
DRV8846 TI-DRV8846_15 Datasheet
1Mb / 35P
[Old version datasheet]   DRV8846 Dual H-Bridge Stepper Motor Driver
logo
ON Semiconductor
NCV7702B ONSEMI-NCV7702B_07 Datasheet
113Kb / 9P
   1A Dual H-Bridge Driver
October, 2007 - Rev. 1
logo
New Japan Radio
NJW4810 NJRC-NJW4810 Datasheet
143Kb / 1P
   35V / 1A H-Bridge Driver
logo
ATMEL Corporation
ATA6823C ATMEL-ATA6823C_14 Datasheet
812Kb / 26P
   H-bridge Motor Driver
ATA6823 ATMEL-ATA6823_09 Datasheet
626Kb / 28P
   H-bridge Motor Driver
logo
Texas Instruments
DRV8873 TI1-DRV8873 Datasheet
1Mb / 57P
[Old version datasheet]   H-Bridge Motor Driver
logo
ATMEL Corporation
ATA6823 ATMEL-ATA6823 Datasheet
538Kb / 28P
   H-bridge Motor Driver
ATA6026 ATMEL-ATA6026 Datasheet
609Kb / 34P
   H-bridge Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com