データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CS3717AGNF16 データシート(PDF) 8 Page - Cherry Semiconductor Corporation

部品番号 CS3717AGNF16
部品情報  1A H-Bridge Stepper Motor Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CHERRY [Cherry Semiconductor Corporation]
ホームページ  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS3717AGNF16 データシート(HTML) 8 Page - Cherry Semiconductor Corporation

  CS3717AGNF16 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS3717AGNF16 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS3717AGNF16 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS3717AGNF16 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS3717AGNF16 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS3717AGNF16 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS3717AGNF16 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS3717AGNF16 Datasheet HTML 8Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Part Number
Description
CS3717AGNF16
16 Lead PDIP
(Internally Fused Leads)
D
Lead Count
Metric
English
Max
Min
Max
Min
16L PDIP
19.69
18.67
.775
.735
(Internally Fused Leads)
8
Rev. 4/29/99
16 Lead PDIP
Thermal Data
(Internally Fused Leads)
RQJC
typ
15
ûC/W
RQJA
typ
50
ûC/W
Package Specification
PACKAGE DIMENSIONS IN mm (INCHES)
PACKAGE THERMAL DATA
Ordering Information
© 1999 Cherry Semiconductor Corporation
Cherry Semiconductor Corporation reserves the
right to make changes to the specifications without
notice. Please contact Cherry Semiconductor
Corporation for the latest available information.
Plastic DIP (N); 300 mil wide
0.39 (.015)
MIN.
2.54 (.100) BSC
1.77 (.070)
1.14 (.045)
D
Some 8 and 16 lead
packages may have
1/2 lead at the end
of the package.
All specs are the same.
.203 (.008)
.356 (.014)
REF: JEDEC MS-001
3.68 (.145)
2.92 (.115)
8.26 (.325)
7.62 (.300)
7.11 (.280)
6.10 (.240)
.356 (.014)
.558 (.022)


同様の部品番号 - CS3717AGNF16

メーカー部品番号データシート部品情報
logo
ON Semiconductor
CS3717AGNF16 ONSEMI-CS3717AGNF16 Datasheet
75Kb / 8P
   1A H-Bridge Stepper Motor Driver
December, 2001 - Rev. 4
More results

同様の説明 - CS3717AGNF16

メーカー部品番号データシート部品情報
logo
ON Semiconductor
CS3717A ONSEMI-CS3717A Datasheet
75Kb / 8P
   1A H-Bridge Stepper Motor Driver
December, 2001 - Rev. 4
logo
Texas Instruments
DRV8884 TI1-DRV8884 Datasheet
1Mb / 40P
[Old version datasheet]   1A Stepper Motor Driver
DRV8846 TI-DRV8846_15 Datasheet
1Mb / 35P
[Old version datasheet]   DRV8846 Dual H-Bridge Stepper Motor Driver
logo
ON Semiconductor
NCV7702B ONSEMI-NCV7702B_07 Datasheet
113Kb / 9P
   1A Dual H-Bridge Driver
October, 2007 - Rev. 1
logo
New Japan Radio
NJW4810 NJRC-NJW4810 Datasheet
143Kb / 1P
   35V / 1A H-Bridge Driver
logo
ATMEL Corporation
ATA6823C ATMEL-ATA6823C_14 Datasheet
812Kb / 26P
   H-bridge Motor Driver
ATA6823 ATMEL-ATA6823_09 Datasheet
626Kb / 28P
   H-bridge Motor Driver
logo
Texas Instruments
DRV8873 TI1-DRV8873 Datasheet
1Mb / 57P
[Old version datasheet]   H-Bridge Motor Driver
logo
ATMEL Corporation
ATA6823 ATMEL-ATA6823 Datasheet
538Kb / 28P
   H-bridge Motor Driver
ATA6026 ATMEL-ATA6026 Datasheet
609Kb / 34P
   H-bridge Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com