データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SD2420 データシート(PDF) 7 Page - Honeywell Accelerometers

部品番号 SD2420
部品情報  Infrared Sensors Line Guide
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HONEYWELL-ACC [Honeywell Accelerometers]
ホームページ  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

SD2420 データシート(HTML) 7 Page - Honeywell Accelerometers

Back Button SD2420 Datasheet HTML 3Page - Honeywell Accelerometers SD2420 Datasheet HTML 4Page - Honeywell Accelerometers SD2420 Datasheet HTML 5Page - Honeywell Accelerometers SD2420 Datasheet HTML 6Page - Honeywell Accelerometers SD2420 Datasheet HTML 7Page - Honeywell Accelerometers SD2420 Datasheet HTML 8Page - Honeywell Accelerometers SD2420 Datasheet HTML 9Page - Honeywell Accelerometers SD2420 Datasheet HTML 10Page - Honeywell Accelerometers SD2420 Datasheet HTML 11Page - Honeywell Accelerometers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
www.honeywell.com/sensing
7
SE3455
SE3470
SE5455
SE5470
Type
GaAs
AIGaAs
GaAs
AIGaAs
Package style
TO-46 flat window
TO-46 flat window
TO-46 dome lensed
TO-46 dome lensed
Beam angle
90°
90°
20°
20°
Power output
5.4 mW min.
10.5 mW min.
4.8 mW min.
2.6 mW/cm2 min.
Output wavelength
935 nm
880 nm
935 nm
880 nm
Spectral bandwidth
50 nm
80 nm
50 nm
80 nm
Forward voltage
1.7 V
1.9 V
1.7 V
1.9 V
Mounting configuration
through-hole
through-hole
through-hole
through-hole
Termination style
0.018 in round leads
0.018 in round leads
0.018 in round leads
0.018 in round leads
Emitters -
Metal Package
SEP8505
SEP8506
SEP8705
SEP8706
SEP8736
SME2470
Type
GaAs
GaAs
AlGaAs
AIGaAs
AIGaAs
AlGaAs
Package style
T1
side emitting
T1
side emitting
tight beam side
looker
surface mount,
glass lens
Beam angle
15°
50°
15°
50°
10°
24°
Power output
2 mW/cm2 to
4 mW/cm2
0.33 mW/cm2 to
0.52 mW/cm2
2.7 mW/cm2 to
7.8 mW/cm2
0.45 mW/cm2 to
0.9 mW/cm2
1.2 mW/cm2 to
3 mW/cm2
0.6 mW/cm2 min.
Output wavelength
935 nm
935 nm
880 nm
880 nm
880 nm
880 nm
Spectral bandwidth
50 nm
50 nm
80 nm
80 nm
80 nm
80 nm
Forward voltage
1.5 V
1.5 V
1.7 V
1.7 V
1.7 V
1.5 V
Mounting configuration
through-hole
through-hole
through-hole
through-hole
through-hole
SMT
Termination style
0.018 in round
leads
0.018 in round
leads
0.020 in sq leads
0.020 in sq leads
0.020 in sq leads
SMT
Emitters - Plastic
and Ceramic Package


同様の部品番号 - SD2420

メーカー部品番号データシート部品情報
logo
Honeywell Accelerometer...
SD2420 HONEYWELL-ACC-SD2420 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
More results

同様の説明 - SD2420

メーカー部品番号データシート部品情報
logo
Honeywell Solid State E...
SD5410-001 HONEYWELL-SD5410-001 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
logo
Honeywell Accelerometer...
SD5410-001 HONEYWELL-ACC-SD5410-001 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
HOA0901-011 HONEYWELL-ACC-HOA0901-011 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
HOA7720-M22 HONEYWELL-ACC-HOA7720-M22 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
logo
Honeywell Solid State E...
SE1450-004 HONEYWELL-SE1450-004 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
logo
Honeywell Accelerometer...
SD1420-002 HONEYWELL-ACC-SD1420-002 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
SEP8736-002 HONEYWELL-ACC-SEP8736-002 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
SDP8406-001 HONEYWELL-ACC-SDP8406-001 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
logo
Honeywell Solid State E...
135-105QAF-J01 HONEYWELL-135-105QAF-J01 Datasheet
689Kb / 11P
   Temperature Sensors Line Guide
logo
Honeywell Accelerometer...
ICL1250002-01 HONEYWELL-ACC-ICL1250002-01 Datasheet
689Kb / 11P
   Temperature Sensors Line Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com