データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BTB1498N3 データシート(PDF) 1 Page - Cystech Electonics Corp.

部品番号 BTB1498N3
部品情報  Quadruple High Voltage PNP Epitaxial Planar Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYSTEKEC [Cystech Electonics Corp.]
ホームページ  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTB1498N3 データシート(HTML) 1 Page - Cystech Electonics Corp.

  BTB1498N3 Datasheet HTML 1Page - Cystech Electonics Corp. BTB1498N3 Datasheet HTML 2Page - Cystech Electonics Corp. BTB1498N3 Datasheet HTML 3Page - Cystech Electonics Corp. BTB1498N3 Datasheet HTML 4Page - Cystech Electonics Corp. BTB1498N3 Datasheet HTML 5Page - Cystech Electonics Corp. BTB1498N3 Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C900N3
Issued Date : 2009.12.23
Revised Date :
Page No. : 1/6
BTB1498N3
Preliminary
CYStek Product Specification
Quadruple High Voltage PNP Epitaxial Planar Transistor
Built-in Base Resistor
BTB1498N3
Description
• High breakdown voltage. (BVCEO=-400V)
• Low saturation voltage, typical VCE(sat) =-0.3V at Ic/IB =-20mA/-1mA.
• Complementary to BTD2498N3
• Pb-free package
Equivalent Circuit
Outline
BTB1498N3
SOT-23
B : Base
C : Collector
E : Emitter
Absolute Maximum Ratings (Ta=25
°C)
Parameter
Symbol
Limits
Unit
Collector-Base Voltage
VCBO
-400
V
Collector-Emitter Voltage
VCEO
-400
V
Emitter-Base Voltage
VEBO
-7
V
Collector Current
IC
-300
mA
Total Power Dissipation
Pd
225
mW
Thermal Resistance, Junction to Ambient
RθJA
556
°C/W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
-55~+150
°C


同様の部品番号 - BTB1498N3

メーカー部品番号データシート部品情報
logo
Cystech Electonics Corp...
BTB1412J3 CYSTEKEC-BTB1412J3 Datasheet
140Kb / 4P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1412J3 CYSTEKEC-BTB1412J3 Datasheet
246Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1412J3 CYSTEKEC-BTB1412J3_09 Datasheet
246Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1424A3 CYSTEKEC-BTB1424A3 Datasheet
161Kb / 4P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1424AD3 CYSTEKEC-BTB1424AD3 Datasheet
170Kb / 4P
   Low VCE(sat) PNP Epitaxial Planar Transistor
More results

同様の説明 - BTB1498N3

メーカー部品番号データシート部品情報
logo
Cystech Electonics Corp...
HQP1498QF CYSTEKEC-HQP1498QF Datasheet
273Kb / 6P
   Quadruple High Voltage PNP Epitaxial Planar Transistor
HQN2498QF CYSTEKEC-HQN2498QF Datasheet
274Kb / 6P
   Quadruple High Voltage NPN Epitaxial Planar Transistor
BTPA94A3 CYSTEKEC-BTPA94A3 Datasheet
156Kb / 4P
   High Voltage PNP Epitaxial Planar Transistor
BTP6520A3 CYSTEKEC-BTP6520A3 Datasheet
154Kb / 4P
   High Voltage PNP Epitaxial Planar Transistor
logo
KEC(Korea Electronics)
KTA1659 KEC-KTA1659 Datasheet
128Kb / 1P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH VOLTAGE)
KTA968A KEC-KTA968A Datasheet
120Kb / 1P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH VOLTAGE)
logo
Cystech Electonics Corp...
BTB9050N3 CYSTEKEC-BTB9050N3 Datasheet
278Kb / 7P
   High Voltage PNP Epitaxial Planar Transistor
BTP9050N3 CYSTEKEC-BTP9050N3 Datasheet
281Kb / 7P
   High Voltage PNP Epitaxial Planar Transistor
BTP6520N3 CYSTEKEC-BTP6520N3 Datasheet
151Kb / 4P
   High Voltage PNP Epitaxial Planar Transistor
BTA1727J3 CYSTEKEC-BTA1727J3 Datasheet
433Kb / 7P
   High Voltage PNP Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com