データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CS5205A-1GT3 データシート(PDF) 1 Page - Cherry Semiconductor Corporation

部品番号 CS5205A-1GT3
部品情報  5A Adjustable Linear Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CHERRY [Cherry Semiconductor Corporation]
ホームページ  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5205A-1GT3 データシート(HTML) 1 Page - Cherry Semiconductor Corporation

  CS5205A-1GT3 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS5205A-1GT3 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS5205A-1GT3 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS5205A-1GT3 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS5205A-1GT3 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS5205A-1GT3 Datasheet HTML 6Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Features
s
Output Current to 5A
s
Output Trimmed to +/- 1%
s
Dropout Voltage
1.15V @ 5A
s
Fast Transient Response
s
Fault Protection Circuitry
Thermal Shutdown
Overcurrent Protection
Safe Area Protection
Package Options
3L TO-220
Tab (VOUT)
5A Adjustable Linear Regulator
1
CS5205A-1
The CS5205A-1 linear regulator
provides 5A at an adjustable volt-
age with an accuracy of ±1%. Two
external resistors are used to set the
output voltage within a 1.25V to
13V range.
The regulator is intended for use as
a post regulator and microproces-
sor supply. The fast loop response
and low dropout voltage make this
regulator ideal for applications
where low voltage operation and
good transient response are impor-
tant.
The circuit is designed to operate
with dropout voltages as low as 1V
depending on the output current
level. The maximum quiescent cur-
rent is only 10mA at full load.
The regulator is fully protected
against overload conditions with
protection circuitry for Safe
Operating Area (SOA), overcurrent
and thermal shutdown.
The CS5205A-1 is pin compatible
with the LT1084 family of linear
regulators but has lower dropout
voltage.
The regulator is available in TO-220
and surface mount D2 packages.
Block Diagram
1
Adj
2VOUT
3VIN
Error
Amplifier
+
Output
Current
Limit
-
VIN
VOUT
Adj
Thermal
Shutdown
Bandgap
Description
3L D2PAK
1
Rev. 7/8/97
Cherry Semiconductor Corporation
2000 South County Trail, East Greenwich, RI 02818
Tel: (401)885-3600 Fax: (401)885-5786
Email: info@cherry-semi.com
Web Site: www.cherry-semi.com
A
Company
¨


同様の部品番号 - CS5205A-1GT3

メーカー部品番号データシート部品情報
logo
ON Semiconductor
CS5205A-1 ONSEMI-CS5205A-1 Datasheet
219Kb / 8P
   5.0 A Adjustable Linear Regulator
September, 2006 ??Rev. 7
More results

同様の説明 - CS5205A-1GT3

メーカー部品番号データシート部品情報
logo
Global Mixed-mode Techn...
G1084 GMT-G1084_07 Datasheet
344Kb / 11P
   5A Adjustable Low-Dropout Linear Regulator
G1084 GMT-G1084_15 Datasheet
35Kb / 1P
   5A Adjustable Low-Dropout Linear Regulator
G1084 GMT-G1084 Datasheet
346Kb / 8P
   5A Adjustable Low-Dropout Linear Regulator
logo
Fairchild Semiconductor
FAN1585A FAIRCHILD-FAN1585A Datasheet
63Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
List of Unclassifed Man...
L1084S5 ETC-L1084S5 Datasheet
46Kb / 4P
   5A Adjustable Low Dropout Linear Regulator (LDO)
L1084 ETC-L1084 Datasheet
232Kb / 8P
   5A Adjustable Low Dropout Linear Regulator (LDO)
L1084XG ETC2-L1084XG Datasheet
145Kb / 7P
   5A Adjustable Low Dropout Linear Regulator (LDO)
logo
Fairchild Semiconductor
RC1585M FAIRCHILD-RC1585M Datasheet
87Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Avic Technology
AV1084 AVICTEK-AV1084 Datasheet
9Mb / 8P
   5A Adjustable Low Dropout Linear Regulator (LDO)
logo
E-Tech Electronics LTD
UZ1084 ETL-UZ1084 Datasheet
204Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com