データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CS5207A-1 データシート(PDF) 4 Page - Cherry Semiconductor Corporation

部品番号 CS5207A-1
部品情報  7A LDO 3-Pin Adjustable Linear Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CHERRY [Cherry Semiconductor Corporation]
ホームページ  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5207A-1 データシート(HTML) 4 Page - Cherry Semiconductor Corporation

  CS5207A-1 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS5207A-1 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS5207A-1 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS5207A-1 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS5207A-1 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS5207A-1 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5207A-1 Datasheet HTML 7Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
The CS5207A-1 linear regulator has a composite PNP-NPN
output stage that requires an output capacitor for stability.
A detailed procedure for selecting this capacitor is includ-
ed in the Stability Considerations section.
Design Guidelines
This LDO adjustable regulator has an output voltage range
of 1.25V to 5V. An external resistor divider sets the output
voltage as shown in Figure 1. The regulatorÕs voltage sens-
ing error amplifier maintains a fixed 1.25V reference
between the output pin and the adjust pin.
A resistor divider network R1 and R2 causes a fixed current
to flow to ground. This current creates a voltage across R2
that adds to the 1.25V across R1 and sets the overall output
voltage. The adjust pin current (typically 50µA) also flows
through R2 and adds a small error that should be taken
into account if precise adjustment of Vout is necessary. The
output voltage is set according to the formula:
VOUT = VREF ´
+ R2 ´ IAdj
The term IAdj ´ R2 represents the error added by the adjust
pin current.
R1 is chosen so that the minimum load current is a least
10mA. R1 and R2 should be of the same composition for
best tracking over temperature. For best results, the divider
resistor should be placed near the regulator with a separate
metal trace connecting them to output.
R1 + R2
R1
Adjustable Operation
Theory of Operation
Application Notes
4
Output Current (A)
0.00
0.25
0.50
0.75
1.00
1.25
0.0
7.0
6.0
5.0
4.0
3.0
2.0
1.0
20.0
18.0
16.0
14.0
12.0
10.0
8.0
6.0
4.0
2.0
0.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
VIN-VOUT (V)
4.0
4.5
5.0
5.5
Typical Performance Characteristics: continued
1.00
2.00
3.00
4.00
5.00
VIN – VOUT (V)
0.80
0.82
0.88
0.90
0.98
1.00
TCASE = 23°C
0.84
0.86
0.92
0.94
0.96
TCASE = 125°C
TCASE = 0°C
Dropout Voltage vs. Output Current
Short Circuit Current vs. VIN - VOUT
Minimum Load Current vs. VIN - VOUT
10
1
10
2
10
3
10
4
10
5
20.0
30.0
50.0
70.0
90.0
Frequency (Hz)
80.0
60.0
40.0
10.0
V
IN - VOUT = 2V
V
Ripple = 1VPP
IOUT = 4A
C
Adj = 0.1mF
C
OUT = 22mF
10
6
Ripple Rejection vs. Frequency


同様の部品番号 - CS5207A-1

メーカー部品番号データシート部品情報
logo
ON Semiconductor
CS5207A-1 ONSEMI-CS5207A-1 Datasheet
221Kb / 8P
   7.0 A LDO 3?뭁in Adjustable Linear Regulator
September, 2006 ??Rev. 7
More results

同様の説明 - CS5207A-1

メーカー部品番号データシート部品情報
logo
Cherry Semiconductor Co...
CS5257A-1 CHERRY-CS5257A-1 Datasheet
173Kb / 9P
   7A LDO 5-Pin Adjustable Linear Regulator
CS5208-1 CHERRY-CS5208-1 Datasheet
136Kb / 7P
   8A LDO 3-Pin Adjustable Linear Regulator
CS5210-1 CHERRY-CS5210-1 Datasheet
142Kb / 8P
   10A LDO 3-Pin Adjustable Linear Regulator
CS5207-1 CHERRY-CS5207-1 Datasheet
135Kb / 6P
   7A Adjustable Linear Regulator
CS52510-1 CHERRY-CS52510-1 Datasheet
154Kb / 9P
   10A LDO 5-Pin Adjustable Linear Regulator
CS5258-1 CHERRY-CS5258-1 Datasheet
153Kb / 9P
   8A LDO 5-Pin Adjustable Linear Regulator
CS5253-1 CHERRY-CS5253-1 Datasheet
171Kb / 9P
   3A LDO 5-Pin Adjustable Linear Regulator
logo
List of Unclassifed Man...
S1117 ETC1-S1117 Datasheet
111Kb / 4P
   1.0A Adjustable LDO Linear Regulator
logo
ON Semiconductor
CS5210-1 ONSEMI-CS5210-1 Datasheet
220Kb / 8P
   10 A LDO 3?뭁in Adjustable Linear Regulator
July, 2006 ??Rev. 7
CS5207A-1 ONSEMI-CS5207A-1 Datasheet
221Kb / 8P
   7.0 A LDO 3?뭁in Adjustable Linear Regulator
September, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com