データシートサーチシステム |
|
SMA4756A データシート(PDF) 4 Page - Socay Electornics Co., Ltd. |
|
SMA4756A データシート(HTML) 4 Page - Socay Electornics Co., Ltd. |
4 / 5 page Surface Mount Zener Diodes Revision November 21, 2013 4 / 5 @ SOCAY Electronics Co., Ltd. 2013 Specifications are subject to change without notice. Please refer to www.socay.com for current information. SMA4728A - SZ1330A Series VZ: 3.3 To 330 V PD: 1 W SOCAY Electronics Co., Ltd. www.socay.com Figure 1 - Power Temperature Derating Curve Figure 3 - Typical Thermal Resistance v.s. Lead Length Ratings and Characteristic Curves (TA=25°C unless otherwise noted) Figure 2 -Temperature Coefficients v.s. Zener Voltage TL - Lead Temperature(°C) 1.0 0 25 50 75 100 125 150 175 200 0.8 0.6 0.4 0.2 0.0 100 10 100 10 1 Zener Voltage, VZ(V) Range 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 175 Lead Length to Heatsink, L, (inches) 150 135 100 75 50 25 0 Figure 4 - Maximum Surge Power Pulse Width, PW, (S) 20% Duty Cycle 10% Duty Cycle 5% Duty Cycle 11V-91V Non-Repetitive Rectangular Waveform TJ=25°C Prior to Initial 0.01 0.1 10 100 1000 100 10 1 |
同様の部品番号 - SMA4756A |
|
同様の説明 - SMA4756A |