データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CS5253-1GDP5 データシート(PDF) 4 Page - Cherry Semiconductor Corporation

部品番号 CS5253-1GDP5
部品情報  3A LDO 5-Pin Adjustable Linear Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CHERRY [Cherry Semiconductor Corporation]
ホームページ  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5253-1GDP5 データシート(HTML) 4 Page - Cherry Semiconductor Corporation

  CS5253-1GDP5 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS5253-1GDP5 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS5253-1GDP5 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS5253-1GDP5 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS5253-1GDP5 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS5253-1GDP5 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5253-1GDP5 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS5253-1GDP5 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS5253-1GDP5 Datasheet HTML 9Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
Typical Performance Characteristics
0
20
40
60
80
100
120
Junction Temperature (C)
1.247
1.248
1.249
1.250
1.251
1.252
1.253
Reference Voltage vs Junction Temperature
VOUT
ILOAD,
10mA to 3A
VCONTROL = 5.0V
VPOWER = 3.3V
VOUT = 2.5V
CCONTROL = 10mF
CPOWER = 100mF
CADJ = 0.1mF
COUT = 300mF
Transient Response
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
01
2
3
4
5
6
VPOWER - VOUT (V)
Measured at
DVOUT = -1%
Output Current vs VPOWER-VOUT
Junction Temperature (C)
0
20
40
60
80
100
120
140
60
65
70
75
80
85
Adjust Pin Current vs Junction Temperature
1.0
3.0
4.0
5.0
6.0
7.0
800
VCONTROL-VOUT (V)
9.0
10.0
11.0
2.0
8.0
850
900
950
1000
1050
1100
1150
1200
VPOWER =3.3V
D VOUT=+1%
Minimum Load Current vs VCONTROL-VOUT
0.5
1.0
1.5
2.0
2.5
Output Current (A)
TJ = 120°C
TJ = 20°C
0
3.0
0.08
0.10
0.12
0
0.02
0.04
0.06
TJ = 0°C
Load Regulation vs Output Current


同様の部品番号 - CS5253-1GDP5

メーカー部品番号データシート部品情報
logo
ON Semiconductor
CS5253-1GDP5 ONSEMI-CS5253-1GDP5 Datasheet
268Kb / 10P
   3.0 A LDO 5?뭁in Adjustable Linear Regulator
September, 2006??Rev. 11
More results

同様の説明 - CS5253-1GDP5

メーカー部品番号データシート部品情報
logo
Cherry Semiconductor Co...
CS52510-1 CHERRY-CS52510-1 Datasheet
154Kb / 9P
   10A LDO 5-Pin Adjustable Linear Regulator
CS5257A-1 CHERRY-CS5257A-1 Datasheet
173Kb / 9P
   7A LDO 5-Pin Adjustable Linear Regulator
CS5258-1 CHERRY-CS5258-1 Datasheet
153Kb / 9P
   8A LDO 5-Pin Adjustable Linear Regulator
logo
Avic Technology
AV1085 AVICTEK-AV1085 Datasheet
108Kb / 7P
   3A Adjustable Low Dropout Linear Regulator (LDO)
logo
List of Unclassifed Man...
L1085 ETC-L1085 Datasheet
78Kb / 7P
   3A Adjustable Low Dropout Linear Regulator (LDO)
logo
NIKO SEMICONDUCTOR CO.,...
L1085XG NIKOSEM-L1085XG Datasheet
137Kb / 8P
   3A Adjustable Low Dropout Linear Regulator (LDO)
logo
Cherry Semiconductor Co...
CS5208-1 CHERRY-CS5208-1 Datasheet
136Kb / 7P
   8A LDO 3-Pin Adjustable Linear Regulator
CS5210-1 CHERRY-CS5210-1 Datasheet
142Kb / 8P
   10A LDO 3-Pin Adjustable Linear Regulator
CS5207A-1 CHERRY-CS5207A-1 Datasheet
136Kb / 7P
   7A LDO 3-Pin Adjustable Linear Regulator
CS5203-1 CHERRY-CS5203-1 Datasheet
165Kb / 8P
   3A Adjustable Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com