データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1217061-1 データシート(PDF) 7 Page - Tyco Electronics

部品番号 1217061-1
部品情報  FASTON Printed Circuit Board Tabs and Receptacles
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MACOM [Tyco Electronics]
ホームページ  http://www.macom.com
Logo MACOM - Tyco Electronics

1217061-1 データシート(HTML) 7 Page - Tyco Electronics

  1217061-1 Datasheet HTML 1Page - Tyco Electronics 1217061-1 Datasheet HTML 2Page - Tyco Electronics 1217061-1 Datasheet HTML 3Page - Tyco Electronics 1217061-1 Datasheet HTML 4Page - Tyco Electronics 1217061-1 Datasheet HTML 5Page - Tyco Electronics 1217061-1 Datasheet HTML 6Page - Tyco Electronics 1217061-1 Datasheet HTML 7Page - Tyco Electronics 1217061-1 Datasheet HTML 8Page - Tyco Electronics 1217061-1 Datasheet HTML 9Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
49
Catalog 82004
Dimensions are shown for
Dimensions are in inches and
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 3-11
reference purposes only.
millimeters unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
FASTON Printed Circuit Board Tabs and Receptacles (Continued)
FASTON Terminals (Insulated and Uninsulated)
A
B
.110
[2.79]
.280
[7.11]
L
C
.280
[7.11]
.110
[2.79]
D
.280
[7.11]
.110
[2.79]
.158
[4.01]
L
.110
[2.79]
.280
[7.11]
L
Style
Mating Hole
Dim.
Material
Terminal
Diameter
L
and Finish
Part No.
A
.060-.055
.490
Tin Plated Brass
X
X
61134-31
1.52-1.40
12.45
.067-.063
.485
X
X
61968-12
B
1.70-1.60
12.32
Tin Plated Brass
X
X
62437-11
.490
Tin Plated Brass
X
X
62395-12
C
.044-.048
12.45
1.12-1.22
.622
Tin Plated Brass
X
X
63756-12,3.
15.80
1
Loose piece only.
2
Insertion machine available.
3
.032 [0.81] stock.
4
.060 [1.52] tab width.
R
R
.110 Series Printed Circuit
Board Tabs
Stock Thickness — .020 [0.51]
Right-Angle Printed Circuit
Board Tabs
.315
[8.00]
.110
[2.80]
.118
[3.00]
.197
[5.00]
.528
[13.41]
Tab
PCB Hole
Material
Terminal
Thickness
Dia. +0/-.01 [+0/-.03]
and Finish
Part No.
.032
.055
Tin Plated Brass
725963-2
0.81
1.40
.020
.051
Tin Plated Brass
725996-2
0.51
1.30
R
R
Note: All part numbers are RoHS compliant.


同様の部品番号 - 1217061-1

メーカー部品番号データシート部品情報
logo
Adels-Contact
121706 ADELS-121706 Datasheet
118Kb / 2P
   230 K/ 6 DS
logo
SICK AG
1217069 SICK-1217069 Datasheet
870Kb / 9P
   MEASURING AUTOMATION LIGHT GRIDS
More results

同様の説明 - 1217061-1

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
0-0928814-1 ETC2-0-0928814-1 Datasheet
535Kb / 9P
   FASTON Printed Circuit Board Tabs and Receptacles
logo
TE Connectivity Ltd
3-520106-2 TEC-3-520106-2 Datasheet
521Kb / 15P
   Ultra-Fast Fully Insulated FASTON Receptacles and Tabs
Revised 3-11
logo
List of Unclassifed Man...
41802 ETC2-41802 Datasheet
944Kb / 22P
   FASTON Receptacles
logo
Tyco Electronics
42710-2 MACOM-42710-2 Datasheet
944Kb / 22P
   FASTON Receptacles
141156-1 MACOM-141156-1 Datasheet
34Kb / 1P
   FASTON TABS 45. 250series
logo
Amphenol Corporation
BNC75OHM AMPHENOL-BNC75OHM Datasheet
300Kb / 2P
   Standard Height BNC Printed Circuit Board Right Angle Bulkhead Receptacles
logo
ITT Industries
XLM-3-31-PCS ITT-XLM-3-31-PCS Datasheet
330Kb / 3P
   Printed Circuit Board
logo
Semikron International
SKPC22-2 SEMIKRON-SKPC22-2 Datasheet
437Kb / 3P
   PRINTED CIRCUIT BOARD
logo
Amphenol Corporation
BNC50OHM AMPHENOL-BNC50OHM Datasheet
305Kb / 2P
   Standard Height 50 ohm BNC Printed Circuit Board Right Angle Bulkhead Receptacles
logo
Maxim Integrated Produc...
MAX5015EVKIT MAXIM-MAX5015EVKIT Datasheet
196Kb / 7P
   fully assembled and tested printed circuit board
Rev 3; 2/07
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com