データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1217756-1 データシート(PDF) 2 Page - Tyco Electronics

部品番号 1217756-1
部品情報  FASTON Printed Circuit Board Tabs and Receptacles
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MACOM [Tyco Electronics]
ホームページ  http://www.macom.com
Logo MACOM - Tyco Electronics

1217756-1 データシート(HTML) 2 Page - Tyco Electronics

  1217756-1 Datasheet HTML 1Page - Tyco Electronics 1217756-1 Datasheet HTML 2Page - Tyco Electronics 1217756-1 Datasheet HTML 3Page - Tyco Electronics 1217756-1 Datasheet HTML 4Page - Tyco Electronics 1217756-1 Datasheet HTML 5Page - Tyco Electronics 1217756-1 Datasheet HTML 6Page - Tyco Electronics 1217756-1 Datasheet HTML 7Page - Tyco Electronics 1217756-1 Datasheet HTML 8Page - Tyco Electronics 1217756-1 Datasheet HTML 9Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
44
Catalog 82004
Dimensions are shown for
Dimensions are in inches and
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 3-11
reference purposes only.
millimeters unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
FASTON Printed Circuit Board Tabs and Receptacles (Continued)
FASTON Terminals (Insulated and Uninsulated)
Dimensions
Material
Terminal Part No.
WL
K
E
M
and Finish
Strip2
Loose Piece1
.502
.125
.312
.377
Tin Plated Brass
X
X
63839-13
-
12.75
3.18
7.92
9.58
.312
.547
.157
.312
.400
Tin Plated Brass
X
X
63986-1
-
7.92
13.89
3.99
7.92
10.16
.552
.150
.312
.402
Tin Plated Brass
X
X
1217566-1
-
14.02
3.81
7.92
10.21
X
X
1217539-1
-
.295
.622
.125
.312
.497
X
X
-
62409-13
7.49
15.80
3.18
7.92
12.62
Tin Plated Brass
-
1217056-1
.487
.125
.312
.362
Tin Plated Brass
X
X
62650-13
-
12.37
3.18
7.92
9.19
.280
.532
.175
.312
.357
Tin Plated Brass
X
X
63650-13
-
7.11
13.51
4.45
7.92
9.07
.622
.125
.452
.497
Tin Plated Brass
X
X
-
63900-1
15.80
3.18
11.48
12.62
X
X
63755-13
-
1
Board hole size: .060/.053 [1.52/1.35] dia.
2
Insertion equipment available.
3
Dimple.
.312
[7.92]
.330
[8.38]
Dimple
.430
[10.92]
Material
Terminal Part No.
and Finish
Strip1
Loose Piece
Tin Plated Brass
X
X
63066-1
63067-1
1
Insertion equipment available.
.200
[5.08]
E
M
Hole
250 Series Printed Circuit
Board Tabs
Stock Thickness — .032 [0.81]
Board Hole Size —
.055 ± .002 [1.40 ± 0.05] Dia.
R
R
Stock Thickness — .032 [0.81]
Board Hole Size —
.100 ± .002 [2.54 ± 0.05] Dia.
R
R
Note: All part numbers are RoHS compliant.


同様の部品番号 - 1217756-1

メーカー部品番号データシート部品情報
logo
TE Connectivity Ltd
1217756-1 TEC-1217756-1 Datasheet
47Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
More results

同様の説明 - 1217756-1

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
0-0928814-1 ETC2-0-0928814-1 Datasheet
535Kb / 9P
   FASTON Printed Circuit Board Tabs and Receptacles
logo
TE Connectivity Ltd
3-520106-2 TEC-3-520106-2 Datasheet
521Kb / 15P
   Ultra-Fast Fully Insulated FASTON Receptacles and Tabs
Revised 3-11
logo
List of Unclassifed Man...
41802 ETC2-41802 Datasheet
944Kb / 22P
   FASTON Receptacles
logo
Tyco Electronics
42710-2 MACOM-42710-2 Datasheet
944Kb / 22P
   FASTON Receptacles
141156-1 MACOM-141156-1 Datasheet
34Kb / 1P
   FASTON TABS 45. 250series
logo
Amphenol Corporation
BNC75OHM AMPHENOL-BNC75OHM Datasheet
300Kb / 2P
   Standard Height BNC Printed Circuit Board Right Angle Bulkhead Receptacles
logo
ITT Industries
XLM-3-31-PCS ITT-XLM-3-31-PCS Datasheet
330Kb / 3P
   Printed Circuit Board
logo
Semikron International
SKPC22-2 SEMIKRON-SKPC22-2 Datasheet
437Kb / 3P
   PRINTED CIRCUIT BOARD
logo
Amphenol Corporation
BNC50OHM AMPHENOL-BNC50OHM Datasheet
305Kb / 2P
   Standard Height 50 ohm BNC Printed Circuit Board Right Angle Bulkhead Receptacles
logo
Maxim Integrated Produc...
MAX5015EVKIT MAXIM-MAX5015EVKIT Datasheet
196Kb / 7P
   fully assembled and tested printed circuit board
Rev 3; 2/07
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com